Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2389F Datasheet(PDF) 6 Page - New Japan Radio

Part # NJM2389F
Description  ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2389F Datasheet(HTML) 6 Page - New Japan Radio

Back Button NJM2389F Datasheet HTML 2Page - New Japan Radio NJM2389F Datasheet HTML 3Page - New Japan Radio NJM2389F Datasheet HTML 4Page - New Japan Radio NJM2389F Datasheet HTML 5Page - New Japan Radio NJM2389F Datasheet HTML 6Page - New Japan Radio NJM2389F Datasheet HTML 7Page - New Japan Radio NJM2389F Datasheet HTML 8Page - New Japan Radio NJM2389F Datasheet HTML 9Page - New Japan Radio NJM2389F Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NJM2387/89
- 6 -
Ver.2004-12-22
TYPICAL CHARACTERISTICS
9
9.5
10
10.5
11
9
9.5
10
10.5
11
Input Voltage : V
Input Voltage : V
Input Voltage : V
Input Voltage : V IN
IN
IN
IN
(V)
(V)
(V)
(V)
NJM2387/89_10V
NJM2387/89_10V
NJM2387/89_10V
NJM2387/89_10V
Output Voltage vs. Input Voltage
Output Voltage vs. Input Voltage
Output Voltage vs. Input Voltage
Output Voltage vs. Input Voltage
@:Ta=25oC
Co=22
µF
Io=0A
Io=0.5A
Io=1A
0
2
4
6
8
10
12
00.5
1
1.5
22.5
NJM2387/89_10V
NJM2387/89_10V
NJM2387/89_10V
NJM2387/89_10V
Output Voltage vs. Output Current
Output Voltage vs. Output Current
Output Voltage vs. Output Current
Output Voltage vs. Output Current
@:Ta=25oC
Co=22
µF
Output Current : Io(A)
Output Current : Io(A)
Output Current : Io(A)
Output Current : Io(A)
VIN=22V
VIN=11V
VIN=35V
0
5
10
15
20
25
30
0
500
1000
1500
NJM2387/89_10V
NJM2387/89_10V
NJM2387/89_10V
NJM2387/89_10V
Ground Pin Current v.s. Output Current
Ground Pin Current v.s. Output Current
Ground Pin Current v.s. Output Current
Ground Pin Current v.s. Output Current
@:Ta=25
oC
VIN=11V
Co=22
µF
R1=1k
R2=6.94k
Output Current : I
Output Current : I
Output Current : I
Output Current : I OOOO(mA)
(mA)
(mA)
(mA)
0
0.2
0.4
0.6
0.8
1
0
500
1000
1500
Output Current:Io(mA)
Output Current:Io(mA)
Output Current:Io(mA)
Output Current:Io(mA)
@:Ta=25
oC
Co=22
υF
R1=1k
R2=6.94k
NJM2387/89_10V
NJM2387/89_10V
NJM2387/89_10V
NJM2387/89_10V
Dropout Voltage vs. Output Current
Dropout Voltage vs. Output Current
Dropout Voltage vs. Output Current
Dropout Voltage vs. Output Current
-2
-1.5
-1
-0.5
0
00.5
11.5
2
2.533.5
Control Voltage : V
Control Voltage : V
Control Voltage : V
Control Voltage : V
Cont
Cont
Cont
Cont
(V)
(V)
(V)
(V)
NJM2387/89_10V
NJM2387/89_10V
NJM2387/89_10V
NJM2387/89_10V
Control Current vs. Control Voltage
Control Current vs. Control Voltage
Control Current vs. Control Voltage
Control Current vs. Control Voltage
@:Ta=25oC
VIN=11V
Co=22
µF(Ceramic)
Io=500mA
Rc=0
Rc=50k
Rc=100k
0
2
4
6
8
10
12
00.5
11.5
2
Control Voltage : V
Control Voltage : V
Control Voltage : V
Control Voltage : V
Co nt
Co nt
Co nt
Co nt
(V)
(V)
(V)
(V)
NJM2387/89_10V
NJM2387/89_10V
NJM2387/89_10V
NJM2387/89_10V
Output Voltage vs. Control Voltage
Output Voltage vs. Control Voltage
Output Voltage vs. Control Voltage
Output Voltage vs. Control Voltage
@:Ta=25
oC
Vin=11V
Co=22
µF(Ceramic)
Io=500mA
Rc=0
Rc=50k
Rc=100k


Similar Part No. - NJM2389F

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2380 NJRC-NJM2380 Datasheet
223Kb / 5P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2380A NJRC-NJM2380A Datasheet
223Kb / 5P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2380AD NJRC-NJM2380AD Datasheet
223Kb / 5P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2380AE NJRC-NJM2380AE Datasheet
223Kb / 5P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2380AF NJRC-NJM2380AF Datasheet
223Kb / 5P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
More results

Similar Description - NJM2389F

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2887 NJRC-NJM2887 Datasheet
117Kb / 5P
   ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR
NJM2397 NJRC-NJM2397 Datasheet
117Kb / 5P
   ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR
logo
Calogic, LLC
CLM2830 CALOGIC-CLM2830 Datasheet
40Kb / 4P
   3.0A Low Dropout Voltage Regulator Adjustable
logo
E-Tech Electronics LTD
G5JLM2931 ETL-G5JLM2931 Datasheet
483Kb / 4P
   100mA Low Dropout Adjustable Voltage Regulator
logo
Fairchild Semiconductor
KA278RA05 FAIRCHILD-KA278RA05 Datasheet
78Kb / 8P
   Low Dropout Voltage Regulator (Fixed & Adjustable)
logo
E-Tech Electronics LTD
GSCLM2931 ETL-GSCLM2931 Datasheet
500Kb / 4P
   100mA Low Dropout Adjustable Voltage Regulator
logo
GTM CORPORATION
GSCLM2931 GTM-GSCLM2931 Datasheet
498Kb / 4P
   100mA Low Dropout Adjustable Voltage Regulator
logo
International Rectifier
OM186STM IRF-OM186STM Datasheet
277Kb / 5P
   Adjustable Low Dropout Positive Voltage Regulator
logo
GTM CORPORATION
G5JLM2931 GTM-G5JLM2931 Datasheet
481Kb / 4P
   100mA Low Dropout Adjustable Voltage Regulator
logo
Calogic, LLC
CLM2850 CALOGIC-CLM2850 Datasheet
40Kb / 4P
   5.0A Low Dropout Voltage Regulator Adjustable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com