Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM82C55A-2GS Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM82C55A-2GS
Description  CMOS PROGRAMMABLE PERIPHERAL INTERFACE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM82C55A-2GS Datasheet(HTML) 5 Page - OKI electronic componets

  MSM82C55A-2GS Datasheet HTML 1Page - OKI electronic componets MSM82C55A-2GS Datasheet HTML 2Page - OKI electronic componets MSM82C55A-2GS Datasheet HTML 3Page - OKI electronic componets MSM82C55A-2GS Datasheet HTML 4Page - OKI electronic componets MSM82C55A-2GS Datasheet HTML 5Page - OKI electronic componets MSM82C55A-2GS Datasheet HTML 6Page - OKI electronic componets MSM82C55A-2GS Datasheet HTML 7Page - OKI electronic componets MSM82C55A-2GS Datasheet HTML 8Page - OKI electronic componets MSM82C55A-2GS Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5/26
¡ Semiconductor
MSM82C55A-2RS/GS/VJS
AC CHARACTERISTICS
Min.
Max.
Setup Time of Address to the Falling Edge of RD
tAR
20
—ns
Hold Time of Address to the Rising Edge of RD
tRA
0
—ns
Parameter
Unit
Symbol
Remarks
Setup Time of Address before the Falling Edge of WR
tAW
0
—ns
Load
150 pF
(VCC = 4.5 V to 5.5 V, Ta = –40 to +85°C)
MSM82C55A-2
Delay Time from the Falling Edge of RD to the Output of
Defined Data
tRD
120
ns
Delay Time from the Rising Edge of RD to the Floating of
Data Bus
tDF
10
75
ns
Time from the Rising Edge of RD or WR to the Next Falling
Edge of RD or WR
tRV
200
—ns
RD Pulse Width
tRR
100
—ns
Hold Time of Address after the Rising Edge of WR
tWA
20
—ns
WR Pulse Width
tWW
150
—ns
Setup Time of Bus Data before the Rising Edge of WR
tDW
50
—ns
Hold Time of Bus Data after the Rising Edge of WR
tWD
30
—ns
Delay Time from the rising Edge of WR to the Output of
Defined Data
tWB
200
ns
Setup Time of Port Data before the Falling Edge of RD
tIR
20
—ns
Hold Time of Port Data after the Rising Edge of RD
tHR
10
—ns
ACK Pulse Width
tAK
100
—ns
STB Pulse Width
tST
100
—ns
Setup Time of Port Data before the rising Edge of STB
tPS
20
—ns
Hold Time of Port Bus Data after the rising Edge of STB
tPH
50
—ns
Delay Time from the Falling Edge of ACK to the Output of
Defined Data
tAD
150
ns
Delay Time from the Rising Edge of ACK to the Floating of
Port (Port A in Mode 2)
tKD
20
250
ns
Delay Time from the Rising Edge of WR to the Falling Edge of
OBF
tWOB
150
ns
Delay Time from the Falling Edge of ACK to the Rising Edge of
OBF
tAOB
150
ns
Delay Time from the Falling Edge of STB to the Rising Edge of
IBF
tSIB
150
ns
Delay Time from the Rising Edge of RD to the Falling Edge of
IBF
tRIB
150
ns
Delay Time from the the Falling Edge of RD to the Falling Edge
of INTR
tRIT
200
ns
Delay Time from the Rising Edge of STB to the Rising Edge of
INTR
tSIT
150
ns
Delay Time from the Rising Edge of ACK to the Rising Edge of
INTR
tAIT
150
ns
Delay Time from the Falling Edge of WR to the Falling Edge of
INTR
tWIT
250
ns
Note: Timing measured at VL = 0.8 V and VH = 2.2 V for both inputs and outputs.


Similar Part No. - MSM82C55A-2GS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM82C51A-2GS OKI-MSM82C51A-2GS Datasheet
203Kb / 26P
   UNIVERSAL SYNCHRONOUS ASYNCHRONOUS RECEIVER TRANSMITTER
MSM82C51A-2JS OKI-MSM82C51A-2JS Datasheet
203Kb / 26P
   UNIVERSAL SYNCHRONOUS ASYNCHRONOUS RECEIVER TRANSMITTER
MSM82C51A-2RS OKI-MSM82C51A-2RS Datasheet
203Kb / 26P
   UNIVERSAL SYNCHRONOUS ASYNCHRONOUS RECEIVER TRANSMITTER
MSM82C53-2GS OKI-MSM82C53-2GS Datasheet
149Kb / 19P
   CMOS PROGRAMMABLE INTERVAL TIMER
MSM82C53-2JS OKI-MSM82C53-2JS Datasheet
149Kb / 19P
   CMOS PROGRAMMABLE INTERVAL TIMER
More results

Similar Description - MSM82C55A-2GS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP82C255A TOSHIBA-TMP82C255A Datasheet
682Kb / 32P
   CMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Intersil Corporation
CS82C55AZ96 INTERSIL-CS82C55AZ96 Datasheet
560Kb / 29P
   CMOS Programmable Peripheral Interface
logo
Harris Corporation
82C55A HARRIS-82C55A Datasheet
234Kb / 26P
   CMOS Programmable Peripheral Interface
logo
Intersil Corporation
MS82C55A INTERSIL-MS82C55A_06 Datasheet
500Kb / 26P
   CMOS Programmable Peripheral Interface
MS82C55A INTERSIL-MS82C55A Datasheet
502Kb / 24P
   CMOS Programmable Peripheral Interface
logo
List of Unclassifed Man...
SMC82C55AC-5 ETC1-SMC82C55AC-5 Datasheet
293Kb / 6P
   CMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Wing Shing Computer Com...
WS82C55A WINGS-WS82C55A Datasheet
457Kb / 25P
   CMOS Programmable peripheral Interface
logo
Intersil Corporation
82C55A INTERSIL-82C55A_06 Datasheet
554Kb / 29P
   CMOS Programmable Peripheral Interface
logo
Renesas Technology Corp
MS82C55A RENESAS-MS82C55A Datasheet
1Mb / 26P
   CMOS Programmable Peripheral Interface
logo
Intersil Corporation
82C55A INTERSIL-82C55A Datasheet
233Kb / 26P
   CMOS Programmable Peripheral Interface
June 1998
logo
Renesas Technology Corp
82C55A RENESAS-82C55A Datasheet
818Kb / 30P
   CMOS Programmable Peripheral Interface
Dec 8, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com