Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC5299J Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TC5299J
Description  FAST ETHERNET PCMCIA LAN CONTROLLER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC5299J Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button TC5299J Datasheet HTML 2Page - List of Unclassifed Manufacturers TC5299J Datasheet HTML 3Page - List of Unclassifed Manufacturers TC5299J Datasheet HTML 4Page - List of Unclassifed Manufacturers TC5299J Datasheet HTML 5Page - List of Unclassifed Manufacturers TC5299J Datasheet HTML 6Page - List of Unclassifed Manufacturers TC5299J Datasheet HTML 7Page - List of Unclassifed Manufacturers TC5299J Datasheet HTML 8Page - List of Unclassifed Manufacturers TC5299J Datasheet HTML 9Page - List of Unclassifed Manufacturers TC5299J Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
TC5299J
-6-
Ver. 0.1
07/04/01
EEPROM/LED Interface Pins
Symbol
Pin #
I/O
Description
EECS
73
O
EEPROM chip select. It is asserted when to access EEPROM.
EESK/LEDLA
72
O
Link (on/off) & Receive data (Blink) LED pin. It is also used as a
serial clock for EEPROM data loading.
DO/LEDS
70
I/O
Speed (100M:ON/10M:OFF) & transmit data (Blink) LED pin. It
is also used as a signal for EEPROM data loading.
DI/LEDF
69
O
Full-duplex (ON/OFF, Full/Half-duplex) & Collision (Blink)
LED pin. It is a data output pin for EEPROM writing.
External PHY / MII Interface Pins
Symbol
Pin #
I/O
Description
TXD[3:0]
42-43,
45-46
O
Four parallel transmit data lines. This data is synchronized to the
assertion of the TXC signal and is latched by the external PHY
on the rising edge of the TXC signal.
TXEN
47
I/O
This pin function as transmit enable. It indicates that a
transmission is active on the MII port to an external PHY device.
Pull down this pin on power-on reset to select 50MHz-clock
input from pin X1. Otherwise, use 25MHz-clock input.
TXC
48
I
Supports the transmit clock supplied by the external PMD device.
This clock should always be active.
RXD[3:0]
58-57,
55-54
I
Four parallel receive data lines. This data is driven by an external
PHY that attached the media and should be synchronized with
the RXC signal.
RXC
51
I
Supports receive clock from PHY. And is recovered by the PHY.
RXDV
52
I
Data valid is asserted by an external PHY when receive data is
present on the RXD[3:0] lines and is deasserted at the end of the
packet. This signal should be synchronized with the RXC signal.
RXER
50
I
Data valid is asserted by an external PHY when receive data is
present on the RXD[3:0] lines and is deasserted at the end of the
packet. This signal should be synchronized with the RXC signal.
COL
40
I
This pin functions as the collision detect. When the external
physical layer protocol (PHY) device detects a collision, it asserts
this pin.
CRS
39
I
In MII mode this pin functions as the carrier sense and is asserted
by the PHY when the media is active.
MDC
59
O
MII management data clock is sourced by the TC5299J to the
external PHY devices as a timing reference for the transfer of
information on the MDIO signal.
MDIO
74
I/O
MII management data input/output transfers control information
and status between the external PHY and the TC5299J.
EXLEDL
36
I
Low active; presents the external PHY link status.
EXLEDF
37
I
Present the half/full duplex mode for external PHY.
Clock Interface Pins
Symbol
Pin #
I/O
Description
X1
66
I
CRYSTAL OR EXTERNAL OSCILLATOR INPUT: 50 MHz
X2
67
O
CRYSTAL FEEDBACK OUTPUT: used in crystal connection
only.
X25M
53
O
25MHz clock output


Similar Part No. - TC5299J

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC52 MICROCHIP-TC52 Datasheet
515Kb / 10P
   Dual Channel Voltage Detector
2002
logo
Cornell Dubilier Electr...
TC52 CDE-TC52 Datasheet
152Kb / 2P
   Axial Leaded Aluminum Electrolytic Capacitors
logo
SELEC Controls Pvt. Ltd
TC52 SELEC-TC52 Datasheet
433Kb / 1P
   Analog Temperature Controller
TC52-400-J-230 SELEC-TC52-400-J-230 Datasheet
433Kb / 1P
   Analog Temperature Controller
TC52-400-K-230 SELEC-TC52-400-K-230 Datasheet
433Kb / 1P
   Analog Temperature Controller
More results

Similar Description - TC5299J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX88190 ETC-AX88190 Datasheet
646Kb / 49P
   PCMCIA Fast Ethernet MAC Controller
logo
InnovASIC, Inc
IA186ES INNOVASIC-IA186ES Datasheet
94Kb / 19P
   PCI FAST ETHERNET LAN CONTROLLER
logo
ASIX Electronics Corpor...
AX88190P ASIX-AX88190P Datasheet
596Kb / 41P
   10/100BASE PCMCIA Fast Ethernet MAC Controller
AX88190AL ASIX-AX88190AL Datasheet
643Kb / 49P
   10/100BASE PCMCIA Fast Ethernet MAC Controller
logo
List of Unclassifed Man...
TC3299CE ETC-TC3299CE Datasheet
315Kb / 25P
   LOW POWER ETHERNET PCMCIA CONTROLLER
TC3299A ETC-TC3299A Datasheet
1Mb / 26P
   Ethernet PCMCIA Controller COMBO Transceiver
logo
ASIX Electronics Corpor...
AX88790L ASIX-AX88790L Datasheet
646Kb / 60P
   10/100BASE 3-in-1 PCMCIA Fast Ethernet Controller
logo
List of Unclassifed Man...
ADM9511 ETC-ADM9511 Datasheet
832Kb / 125P
   LAN/Modem Controller with Embedded Fast Ethernet PHY
logo
Intel Corporation
82595TX INTEL-82595TX Datasheet
709Kb / 59P
   ISA/PCMCIA HIGH INTEGRATION ETHERNET CONTROLLER
logo
Intersil Corporation
HFA3842A INTERSIL-HFA3842A Datasheet
528Kb / 27P
   PCMCIA/USB Wireless LAN Medium Access Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com