Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS816F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TPS816F
Description  LEAD FREE PRODUCT PHOTO-ELECTRIC SWITCHES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPS816F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPS816F Datasheet HTML 1Page - Toshiba Semiconductor TPS816F Datasheet HTML 2Page - Toshiba Semiconductor TPS816F Datasheet HTML 3Page - Toshiba Semiconductor TPS816F Datasheet HTML 4Page - Toshiba Semiconductor TPS816F Datasheet HTML 5Page - Toshiba Semiconductor TPS816F Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TPS816(F)
2004-01-27
2
Maximum Ratings (Ta
= 25°C)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
7
V
Output voltage
VOUT
<= V
CC
V
Output current (Ta
= Topr)
IOUT
16
mA
LED output voltage
VLED
<= V
CC
V
LED pulse forward current (Ta
= Topr)
ILED
70
mA
Operating temperature
Topr
−30~85
°C
Storage temperature
Tstg
−40~100
°C
Soldering temperature (5s)
(Note 1)
Tsol
260
°C
Note 1: Solder under the lead stopper.
Electrical and Optical Characteristics (VCC = 5 V, Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Supply voltage
VCC
4.5
5
5.5
V
Supply current
ICC
VOUT, VLED left open
4
7
mA
High-level output
voltage
VOH
E
= 0
4.9
5
V
Output
Low-level output
voltage
VOL
IOL = 16 mA, E = 2 µW/nm
2
(Note 2)
0.15
0.4
V
Low-level output
voltage
VLED
ILED = 70 mA (peak)
1.05
1.35
1.65
V
Pulse cycle
TC
(Note 3)
64
130
220
µs
Pulse width
TW
(Note 3)
4
8
13.7
µs
LED output
Duty ratio
TW/TC
6
10
%
Peak sensitivity wavelength
λp
900
nm
H
→ L threshold
radiant incidence
EHL
0.6
1.0
L
→ H threshold
radiant incidence
ELH
No visible light
(Note 2)
0.4
0.8
µW/
mm
2
Hysteresis
ELH/EHL
0.45
0.65
0.8
Propagation delay
time (L
→ H)
tpLH
400
670
Propagation
characteristics
Propagation delay
time (H
→ L)
tpHL
(Note 4)
400
670
µs
Permissible luminosity
EX
E
= 2 µW/nm2
(Note 2, 5)
3000
lx
Note 2: The signal light source is an infrared LED with λp = 940 mm.
Note 3: The LED output waveform measurement circuit and waveform are as follows:
4
1
3
2
+5 V
VLED
VCC
OUT
GND
TPS816(F)
LEDOUT
VLED
GND
+5 V
TW
TC


Similar Part No. - TPS816F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS816F TOSHIBA-TPS816F Datasheet
173Kb / 6P
   Silicon Epitaxial Planar
TPS816F TOSHIBA-TPS816F_07 Datasheet
173Kb / 6P
   Silicon Epitaxial Planar
More results

Similar Description - TPS816F

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SMJE-XD08W4PD SEOUL-SMJE-XD08W4PD Datasheet
1Mb / 25P
   Lead Free Product
SSC-SZG05A0A SEOUL-SSC-SZG05A0A Datasheet
810Kb / 21P
   Lead Free product
logo
NXP Semiconductors
3534 PHILIPS-3534 Datasheet
319Kb / 2P
   PHOTO ELECTRIC CELL
logo
Zowie Technology Corpor...
DAN217G ZOWIE-DAN217G Datasheet
141Kb / 2P
   Switching Diode Lead free product
logo
Shanghai Leiditech Elec...
HL90-185 LEIDITECH-HL90-185 Datasheet
310Kb / 3P
   RoHS Compliant (Lead Free) Product
logo
Zowie Technology Corpor...
BAS16GH ZOWIE-BAS16GH Datasheet
51Kb / 2P
   Switching Diode Lead free product Halogen-free type
1SS355GH ZOWIE-1SS355GH_15 Datasheet
126Kb / 4P
   Switching Diode Lead free product Halogen-free type
BAS16HT1GH ZOWIE-BAS16HT1GH Datasheet
61Kb / 2P
   Switching Diode Lead free product Halogen-free type
1SS400GH ZOWIE-1SS400GH Datasheet
107Kb / 2P
   Switching Diode Lead free product Halogen-free type
logo
OSRAM GmbH
LOV196 OSRAM-LOV196 Datasheet
572Kb / 14P
   Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com