Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1804-050 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS1804-050
Description  NV Trimmer Potentiometer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1804-050 Datasheet(HTML) 6 Page - Maxim Integrated Products

  DS1804-050 Datasheet HTML 1Page - Maxim Integrated Products DS1804-050 Datasheet HTML 2Page - Maxim Integrated Products DS1804-050 Datasheet HTML 3Page - Maxim Integrated Products DS1804-050 Datasheet HTML 4Page - Maxim Integrated Products DS1804-050 Datasheet HTML 5Page - Maxim Integrated Products DS1804-050 Datasheet HTML 6Page - Maxim Integrated Products DS1804-050 Datasheet HTML 7Page - Maxim Integrated Products DS1804-050 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DS1804
6 of 8
NOTES:
1) All voltages are referenced to ground.
2) Valid for VCC = 5V only.
3) Resistor input voltages cannot go below ground or exceed VCC by the amounts as shown in the table.
4) Maximum current specifications are based on the clock rate of INC input. This specification
represents the current required when changing the wiper position.
5) Standby current levels apply when all inputs are driven to appropriate supply levels. CS , INC , U/ D =
VCC.
6) Wiper load time is specified as the time required for the DS1804 to load the wiper position with the
contents of nonvolatile memory once VCC has reached a stable operating voltage equal to or greater
than 2.7V.
7) The DS1804 is available in three resistor values. These include the DS1804-010, 10k
W; the DS1804-
050, 50k
W; and the DS1804-100, 100kW.
8) Valid at 25°C only.
9) Absolute linearity is used to compare measured wiper voltage versus expected wiper voltage as
determined by wiper position. The DS1804 is specified to provide an absolute linearity of ±0.60 LSB.
10) Relative linearity is used to determined the change in voltage between successive tap positions. The
DS1804 is specified to provide a relative linearity specification of ±0.25 LSB.
11) -3dB cutoff frequency characteristics for the DS1804 depend on potentiometer total resistance.
DS1804-010, 1MHz; DS1804-050, 200 kHz; and DS1804-100, 100 kHz.
12) Capacitance values apply at 25°C.
13) See Figure 2.
14) Power-up time is specified as the time required before the three-terminal control becomes active after
a stable power supply level has been reached.
15) At VCC = 2.7V, VIL = 0.8V.
16) The INC low to CS inactive is specified to be 50ns minimum. This is the transition condition which
allows the DS1804 three-terminal port to become inactive without writing the EEPROM memory of
the part.
17) Wiper Storage Time, tWST, is the time require for the DS1804 to write EEPROM memory for storage
of a new wiper position. The maximum time required to accomplish this task is specified at 10ms.


Similar Part No. - DS1804-050

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1804-050 DALLAS-DS1804-050 Datasheet
85Kb / 7P
   NV Trimmer Potentiometer
logo
Maxim Integrated Produc...
DS1804-050 MAXIM-DS1804-050 Datasheet
172Kb / 10P
   Nonvolatile Trimmer Potentiometer Operates from 3V or 5V Supplies
Rev 6/11
More results

Similar Description - DS1804-050

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1804 DALLAS-DS1804 Datasheet
85Kb / 7P
   NV Trimmer Potentiometer
logo
List of Unclassifed Man...
WIW1012 ETC1-WIW1012 Datasheet
702Kb / 1P
   Trimmer Potentiometer
logo
Murata Manufacturing Co...
PVZ3G103C01R00 MURATA-PVZ3G103C01R00 Datasheet
191Kb / 12P
   TRIMMER POTENTIOMETER
logo
Sharma Electro Componen...
WIW3269 SHARMA-WIW3269 Datasheet
693Kb / 1P
   Trimmer Potentiometer
WIW1028 SHARMA-WIW1028 Datasheet
748Kb / 1P
   Trimmer Potentiometer
WIW1036 SHARMA-WIW1036 Datasheet
713Kb / 1P
   Trimmer Potentiometer
WIW3329 SHARMA-WIW3329 Datasheet
703Kb / 1P
   Trimmer Potentiometer
logo
List of Unclassifed Man...
WIW1028 ETC1-WIW1028 Datasheet
748Kb / 1P
   Trimmer Potentiometer
logo
Sharma Electro Componen...
WIW1029 SHARMA-WIW1029 Datasheet
743Kb / 1P
   Trimmer Potentiometer
WIW3362 SHARMA-WIW3362 Datasheet
709Kb / 1P
   Trimmer Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com