Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G911T83U Datasheet(PDF) 9 Page - Global Mixed-mode Technology Inc

Part # G911T83U
Description  3.3V 400mA/250mA Low Dropout Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G911T83U Datasheet(HTML) 9 Page - Global Mixed-mode Technology Inc

  G911T83U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G911T83U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G911T83U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G911T83U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G911T83U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G911T83U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G911T83U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G911T83U Datasheet HTML 8Page - Global Mixed-mode Technology Inc G911T83U Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Ver: 6.6
Sep 25, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
9
G910/G911
Global Mixed-mode Technology Inc.
TO-92 (TD) Package
MILLIMETERS
INCHES
SYMBOLS
MIN
MAX
MIN
MAX
A
3.35
3.86
0.132
0.152
A1
1.0414
1.55
0.041
0.061
b
0.254
0.508
0.010
0.020
E
4.34
4.85
0.171
0.191
C
0.254
0.508
0.010
0.020
L
14.53
15.04
0.572
0.592
e
1.143
1.397
0.045
0.055
G
3.683
4.191
0.145
0.165
D
4.29
4.80
0.169
0.189
D1
4.34
4.85
0.171
0.191
Package Orientation
GMT Inc. does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and GMT Inc. reserves the right at any time without notice to change said circuitry and specifications.
C
L
E
b
e
D
D1
G
A1
A
C
L
E
b
e
D
D1
G
A1
A
Feed Direction
SOT 89、
223 Package Orientation
Feed Direction
SOT 23 Package Orientation
Feed Direction
SOT 89、
223 Package Orientation
Feed Direction
SOT 23 Package Orientation


Similar Part No. - G911T83U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G911T84B GMT-G911T84B Datasheet
408Kb / 10P
   3.3V 600mA/250mA Low Dropout Regulator
G911T84BF GMT-G911T84BF Datasheet
408Kb / 10P
   3.3V 600mA/250mA Low Dropout Regulator
G911T85B GMT-G911T85B Datasheet
408Kb / 10P
   3.3V 600mA/250mA Low Dropout Regulator
G911T85BF GMT-G911T85BF Datasheet
408Kb / 10P
   3.3V 600mA/250mA Low Dropout Regulator
More results

Similar Description - G911T83U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G911 GMT-G911_15 Datasheet
86Kb / 1P
   3.3V 600mA/250mA Low Dropout Regulator
G910 GMT-G910_15 Datasheet
86Kb / 1P
   3.3V 600mA/250mA Low Dropout Regulator
G910 GMT-G910_06 Datasheet
408Kb / 10P
   3.3V 600mA/250mA Low Dropout Regulator
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954_07 Datasheet
525Kb / 15P
   250mA Low-Dropout Regulator
logo
Texas Instruments
REG102-25 TI1-REG102-25 Datasheet
961Kb / 25P
[Old version datasheet]   250mA Low-Dropout Regulator
REG113-25 TI1-REG113-25 Datasheet
748Kb / 20P
[Old version datasheet]   400mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954 Datasheet
170Kb / 12P
   250mA Low-Dropout Regulator
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
Monolithic Power System...
MP8802 MPS-MP8802 Datasheet
278Kb / 7P
   Low Dropout 250mA Linear Regulator
EV8802DJ-00A MPS-EV8802DJ-00A Datasheet
191Kb / 4P
   Low Dropout 250mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com