Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR3508 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BR3508
Description  35 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BR3508 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BR3508 Datasheet HTML 1Page - List of Unclassifed Manufacturers BR3508 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
35 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER
VOLTAGE RANGE
50 to 1000 Volts PRV
CURRENT
35 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
MECHANICAL DATA
: Metal or Plastic shell with plastic
encapsulation
: 1/4 inch, 6.35mm Faston blades *
: Positive symbol printed on body
: 1.1 ounce, 31.6 grams
Case
Terminals
Polarity
Weight
19.1
17.1
17.6
15.5
15.3
13.3
29.0
28.0
terminals
6.35 x 0.8
29.0
28.0
17.6
15.5
+
~
~
High efficiency
Surge overload rating - 400 amperes peak
Body clad with metal (electrically isolated) or
plastic
Plastic encapsulation has Underwriters
Laboratory flammability classification 94V-0
Universal multi-purpose terminals
KBPC35005
Maximum Recurrent Peak Reverse Voltage
Maximum Bridge Input Voltage RMS
Maximum DC Blocking Voltage
Maximum Average Forward Current at
TC = 55
V
V
A
A
Peak Forward Surge Current, 8.3 ms single
half sine - wave superimposed on rated load
KBPC3501 KBPC3502 KBPC3504 KBPC3506
KBPC3510
50
50
100
100
200
200
400
400
600
600
800
800
1000
1000
35
70
140
280
420
560
700
35.0
400
V
TA = 25°C
V
µA
mA
Storage Temperature Range
°C
°C
Maximum Forward Voltage Drop
per Element at 17.5A
Maximum Reverse Current at Rated DC
Blocking Voltage per Element
Operating Temperature Range
1.2
10.0
1.0
- 55 to + 125
- 55 to + 150
TA = 100°C
KBPC3508
VRRM
VRMS
VDC
IF(AV)
IFSM
IR
TJ
TSTG
VF
°C
(see Fig 2)
(see Fig 1)
(see Fig 3)
(see Fig 4)
RMS Isolation Voltage from Case to Terminals
VISO
2500
V
BR3505
BR351
BR352
BR354
BR356
BR3510
BR358
Plastic Case
* Lead out wires can be supplied as an alternative to blades - add suffix W to part number e.g. KBPC3506W
Metal Case
Dimensions in millimetres
25.4
max
11.5
max
Ø 4.9
Ø 2.4
±
KBPC3500 / BR350 SERIES
°C/w
Typical Thermal Resistance
2.0
RθJC
Reformatted by Anglia 9901
E-MAIL: info@angliac.com
WEB: www.angliac.com


Similar Part No. - BR3508

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BR3508 EIC-BR3508 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
New Jersey Semi-Conduct...
BR3508 NJSEMI-BR3508 Datasheet
161Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
BR3508 BILIN-BR3508 Datasheet
77Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
HY ELECTRONIC CORP.
BR3508 HY-BR3508 Datasheet
402Kb / 3P
   Silicon Bridge Rectifiers
logo
Galaxy Semi-Conductor H...
BR3508 BILIN-BR3508 Datasheet
72Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - BR3508

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KBL0 ETC-KBL0 Datasheet
123Kb / 2P
   4.0 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC100 ETC-KBPC100 Datasheet
119Kb / 2P
   3.0 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC2500-BR250 ETC-KBPC2500-BR250 Datasheet
124Kb / 2P
   25 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Edal Industries, Inc.
3PB35 EDAL-3PB35 Datasheet
126Kb / 1P
   Three Phase 35 Amp Silicon Bridge Rectifier
logo
List of Unclassifed Man...
WL005M ETC1-WL005M Datasheet
89Kb / 2P
   1.0 AMPERE MINIATURE SINGLE PHASE SILICON BRIDGE
logo
New Jersey Semi-Conduct...
2KBP005M NJSEMI-2KBP005M Datasheet
119Kb / 1P
   2.0 AMPERE MINIATURE SINGLE PHASE SILICON BRIDGE
logo
Shanghai Sunrise Electr...
KBU6A SSE-KBU6A Datasheet
15Kb / 1P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Wing Shing Computer Com...
KBPC6005 WINGS-KBPC6005 Datasheet
283Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC15005 WINGS-KBPC15005 Datasheet
225Kb / 2P
   SINGLE - PHASE SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com