Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G911T26U Datasheet(PDF) 4 Page - Global Mixed-mode Technology Inc

Part # G911T26U
Description  3.3V 400mA/250mA Low Dropout Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G911T26U Datasheet(HTML) 4 Page - Global Mixed-mode Technology Inc

  G911T26U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G911T26U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G911T26U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G911T26U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G911T26U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G911T26U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G911T26U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G911T26U Datasheet HTML 8Page - Global Mixed-mode Technology Inc G911T26U Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Ver: 6.6
Sep 25, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
4
G910/G911
Global Mixed-mode Technology Inc.
Typical Performance Characteristics
(VIN=5V, CIN=1µF, COUT =10µF, TA=25°C, unless otherwise noted.)
Recommended Minimum Footprint
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
25
35
45
55
65
75
85
95
105
115
125
Amibent Temperature TA (°C)
Still Air, 1oz Copper on SOT-89 Package
Mounted on recommend mimimum footprint (R
θJA=250°C/W)
0
50
100
150
200
250
300
350
400
450
500
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2
Input-Output Voltage Differential VIN-VOUT (V)
TA=25℃
TA=55℃
TA=85℃
Maximum Recommended Output Current
TA=25°C,Still Air
µTO-92 package 0.053" leads),R
θJA=250°C/W )
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
25
35
45
55
65
75
85
95
105 115 125
Amibent Temperature TA (°C)
Still Air
µTO-92 package 0.053 inch lead,(R
θJA=250°C/W)
0
50
100
150
200
250
300
350
400
450
500
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2
Input-Output Voltage Differential VIN-VOUT (V)
TA=25℃
TA=55℃
TA=85℃
1oz Copper on SOT-223 Package
Mounted on recommended mimimum footprint (R
θJA=156°C/W )
Maximum Recommended Output
TA=25°C,Still
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
25
35
45
55
65
75
85
95
105 115 125
Amibent Temperature TA (°C)
Still Air, 1oz Copper on SOT-223 Package
Mounted on recommend mimimum footprint (R
θJA=156°C/W )
Note: VIN(max) <= 6.5V
Note: VIN(max) <= 6.5V
0
50
100
150
200
250
300
350
400
450
500
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2
Input-Output Voltage Differential VIN-VOUT (V)
TA=25℃
TA=55℃
TA=85℃
Maximum Recommended Output Current
TA=25°C,Still Air
1oz Copper on SOT-89 Package
Mounted on recommended mimimum footprint (RθJA=250°C/W)
Safe Operating Area of SOT-89
Maximum Power Dissipation of SOT-89
Safe Operating Area of µTO-92 & TO-92
Maximum Power Dissipation of µTO-92 & TO-92
Safe Operating Area of SOT-223
Maximum Power Dissipation of SOT-223
Note: VIN(max) <= 6.5V


Similar Part No. - G911T26U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G911T24U GMT-G911T24U Datasheet
408Kb / 10P
   3.3V 600mA/250mA Low Dropout Regulator
G911T24UF GMT-G911T24UF Datasheet
408Kb / 10P
   3.3V 600mA/250mA Low Dropout Regulator
More results

Similar Description - G911T26U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G911 GMT-G911_15 Datasheet
86Kb / 1P
   3.3V 600mA/250mA Low Dropout Regulator
G910 GMT-G910_15 Datasheet
86Kb / 1P
   3.3V 600mA/250mA Low Dropout Regulator
G910 GMT-G910_06 Datasheet
408Kb / 10P
   3.3V 600mA/250mA Low Dropout Regulator
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954_07 Datasheet
525Kb / 15P
   250mA Low-Dropout Regulator
logo
Texas Instruments
REG102-25 TI1-REG102-25 Datasheet
961Kb / 25P
[Old version datasheet]   250mA Low-Dropout Regulator
REG113-25 TI1-REG113-25 Datasheet
748Kb / 20P
[Old version datasheet]   400mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954 Datasheet
170Kb / 12P
   250mA Low-Dropout Regulator
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
Monolithic Power System...
MP8802 MPS-MP8802 Datasheet
278Kb / 7P
   Low Dropout 250mA Linear Regulator
EV8802DJ-00A MPS-EV8802DJ-00A Datasheet
191Kb / 4P
   Low Dropout 250mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com