Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPT63 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LPT63
Description  Universal input, Remote sense on main output, Low output ripple, Overvoltage protection
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LPT63 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LPT63 Datasheet HTML 1Page - List of Unclassifed Manufacturers LPT63 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44(1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
97
www.astec.com
Ordering Information
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Model
Output
Minimum
Maximum Load with
Maximum Load with
Peak
Regulation2Ripple
Number
Voltage
Load
Convection Cooling
30 CFM Forced Air
Load1
P/P (PARD)3
LPT61
+3.3 V
0.7A
5 A
8.5 A
9.5 A
±2%
50mV
+5 V
0 A
2.5 A
3.0 A
3.3 A
±2%
50mV
+12 V
0 A
0.5 A
1.0 A
1 A
±5%
120mV
LPT62
+5 V
0.7 A
7 A
8 A
10 A
±2%
50 mV
+12 V
0.3 A
3 A
3.5 A
6 A
±5%
120 mV
-12 V
0 A
0.7 A
1 A
1.5 A
±5%
120 mV
LPT63
+5 V
0.7 A
7 A
8 A
10 A
±2%
50 mV
+15 V
0.3 A
2.8 A
3.3 A
4 A
±5%
150 mV
-15 V
0 A
0.7 A
1 A
1.5 A
±5%
150 mV
LPT64
+5 V
0.7 A
7 A
8 A
10 A
±2%
50 mV
+12 V
0.3 A
3 A
3.5 A
6 A
±5%
120 mV
-5 V
0 A
0.7 A
1 A
1.5 A
±5%
50 mV
LPT65
+5 V
0.7 A
7 A
8 A
10 A
±2%
50 mV
+24 V
0.1 A
1.5 A
2.0 A
3 A
±7%
240 mV
+12 V
0 A
0.7 A
1 A
1.5 A
±5%
120 mV
LPT66
+5 V
0.7 A
7 A
8 A
10 A
±2%
50 mV
+24 V
0.1 A
1.5 A
2.0 A
3 A
±7%
240 mV
-12 V
0 A
0.7 A
1 A
1.5 A
±5%
120 mV
LPT67
+5 V
0.7 A
7 A
8 A
10 A
±2%
50 mV
+24 V
0.1 A
1.5 A
2.0 A
3 A
± 7%
240 mV
-5 V
0 A
0.7 A
1 A
1.5 A
± 5%
50 mV
1. Peak current lasting <30 seconds with a maximum 10% duty cycle.
2. At 25°C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20 MHz bandwidth and 10 µF in parallel with a 0.1 µF capacitor at rated line voltage and load ranges.
4. Minimum Loads are required.
Mating Connectors
AC Input:
Molex 09-50-8031 (USA)
09-91-0300 (UK)
PINS: 08-58-0111
DC Outputs:
Molex 09-50-8061 (USA)
09-91-0600 (UK)
PINS: 08-58-0111
Remote Sense: Molex 22-01-2025
PINS: 08-50-0114
Astec Connector Kit #70-841-006,
includes all of the above.
Connector
LPT61
LPT62LPT63
LPT64
LPT65
LPT66
LPT67
SK1-1
Neutral
Neutral
Neutral
Neutral
Neutral
Neutral
Neutral
SK1-3
Line
Line
Line
Line
Line
Line
Line
SK2-1
5 V
+12 V
+15 V
+12 V
+24V
+24V
+24V
SK2-2
3.3 V
+5 V
+5 V
+5 V
+5 V
+5 V
+5 V
SK2-3
3.3 V
+5 V
+5 V
+5 V
+5 V
+5 V
+5 V
SK2-4
Common Common Common Common Common Common
Common
SK2-5
Common Common Common Common Common Common
Common
SK2-6
+12V
-12 V
-15 V
-5 V
+12 V
-12 V
-5 V
SK201-1
+Sense
+Sense
+Sense
+Sense
+Sense
+Sense
+Sense
SK201-2
-Sense
-Sense
-Sense
-Sense
-Sense
-Sense
-Sense
Pin Assignments
Notes:
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance is ±.02”.
3. Mounting holes M1 and M2 should be grounded for
EMI purposes.
4. Mounting hole M1 is safety ground connection.
5. Specifications are for convection rating at factory
settings at 115 VAC input, 25°C unless otherwise stated.
6. Warranty: 1 year
7. Weight: 0.75 lb. / 0.34 kg
3.00"
(76.2)
2.55"
(64.8)
0.22"
(5.6)
1.65"
(41.9)
0.12"
(3)
4.55"
(115.6)
5.00"
(127)
SK 1
SK 2
1
2
3
4
5
6
0.15" (4)
DIA (4 places)
GND
1
3
N
L
M1
M2
_
+
Remote Sense
Connector
SK201
Voltage
Adj. Pot
Power Derating Curve
Output
Power
(Watts)
0
°C
20W
40W
60W
80W
10
°C20°C30°C40°C50°C60°C70°C
TA – Ambient Temperature –
°C
0W
Natural
Convection
Cooling
40W
30W
30 CFM Forced Air Cooling


Similar Part No. - LPT63

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPT63 EMERSON-NETWORKPOWER-LPT63 Datasheet
417Kb / 3P
   Universal input
logo
Artesyn Technologies
LPT63 ARTESYN-LPT63 Datasheet
745Kb / 3P
   Total Power: 60 - 80 Watts
logo
Emerson Network Power
LPT63-M EMERSON-NETWORKPOWER-LPT63-M Datasheet
417Kb / 3P
   Medical safety approvals
logo
Artesyn Technologies
LPT63-M ARTESYN-LPT63-M Datasheet
839Kb / 3P
   Total Power: 60 - 80 Watts
logo
LIGITEK electronics co....
LPT6313 LIGITEK-LPT6313 Datasheet
341Kb / 1P
   NPN SILICON PHOTOTRANSISTOR LED LAMPS
More results

Similar Description - LPT63

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CAR0812DC LINEAGEPOWER-CAR0812DC Datasheet
480Kb / 16P
   Reverse input voltage protection Remote ON/OFF control of the 12VDC output
logo
Wall Industries,Inc.
FB48S5-300 WALL-FB48S5-300 Datasheet
207Kb / 4P
   Very Low Output Ripple
logo
Pepperl+Fuchs Inc.
LB7104A PF-LB7104A Datasheet
624Kb / 4P
   Universal Input/Output (HART)
2021-12-01
FB7304B3 PF-FB7304B3 Datasheet
794Kb / 4P
   Universal Input/Output (HART)
FB7204B3 PF-FB7204B3 Datasheet
810Kb / 5P
   Universal Input/Output (HART)
LB7004A PF-LB7004A Datasheet
604Kb / 4P
   Universal Input/Output (HART)
2021-12-01
logo
Richtek Technology Corp...
RT9554A RICHTEK-RT9554A Datasheet
120Kb / 10P
   Battery Output Current Sense Protection IC
logo
Astec America, Inc
AV60C ASTEC-AV60C Datasheet
304Kb / 2P
   Low output ripple and noise
logo
Analog Devices
ADA4096-2 AD-ADA4096-2_14 Datasheet
667Kb / 24P
   30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifiers
ADA4096-2_VA AD-ADA4096-2_VA Datasheet
550Kb / 20P
   30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifier
REV. A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com