Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM9000B-XX Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM9000B-XX
Description  DOT MATRIX LCD CONTROLLER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9000B-XX Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM9000B-XX Datasheet HTML 3Page - OKI electronic componets MSM9000B-XX Datasheet HTML 4Page - OKI electronic componets MSM9000B-XX Datasheet HTML 5Page - OKI electronic componets MSM9000B-XX Datasheet HTML 6Page - OKI electronic componets MSM9000B-XX Datasheet HTML 7Page - OKI electronic componets MSM9000B-XX Datasheet HTML 8Page - OKI electronic componets MSM9000B-XX Datasheet HTML 9Page - OKI electronic componets MSM9000B-XX Datasheet HTML 10Page - OKI electronic componets MSM9000B-XX Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
¡ Semiconductor
7/38
MSM9000B-xx
DC Characteristics (2)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Bias voltage 1
–VSS1
–VSS2, 3 = "A"V
1/2A–0.1
1/2A
1/2A+0.1
V
–VSS5
–VSS2, 3 = "A"V
2A–0.2
2A
2A+0.2
–Vcon
VBI for each stage
0.18
0.21
0.26
(VDD=0 V, VSS=–3 V, Ta=–30 to +85°C)
Bias voltage 5
Contrast pitch
V
V
Applicable pin
VSS1
VSS5
Bias voltages 2 and 3
–VSS2,3
N1 = "L", N2 = "L"
Contrast = "5"
1.9
2.2
2.5
V
VSS2, 3
Bias voltage 4
–VSS4
–VSS2, 3 = "A"V
3/2A–0.1
3/2A
3/2A+0.1
V
VSS4
Note 1: Connect a 0.1
µF capacitor to the LCD bias generator.
Note 2: The values in this table are assured when the chip is not exposed to light.
AC Characteristics
Parallel interface
Note: The values in this table are assured when the chip is not exposed to light.
Parameter
Symbol
Condition
Min.
RD high-level width
tWRH
RD low-level width
tWRL
200
WR high-level width
tWWH
WR low-level width
tWWL
200
200
200
Max.
Unit
ns
ns
ns
ns
WR-RD high-level width
tWWRH
200
ns
CS or C/D setup time
tAS
50
ns
CS or C/D hold time
tAH
0—
ns
Write data setup time
tDSW
50
ns
Write data hold time
tDHW
50
ns
Read data output delay time
CL=50 pF
tDDR
200
ns
Read data hold time
tDHR
20
ns
External clock high-level width
tWCH
1—
ms
External clock low-level width
tWCL
1—
ms
RESET pulse width
tWRE
2.0
ms
Rise and fall time of external
clock
tr, tf
100
ns
(VDD=2.5 to 3.3 V, VBI=3 to 5.5 V, Ta=–30 to +85°C)


Similar Part No. - MSM9000B-XX

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9004 OKI-MSM9004 Datasheet
117Kb / 15P
   1/3, 1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 49-DOT SEGMENT DRIVER
MSM9004 OKI-MSM9004 Datasheet
114Kb / 15P
   1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 50-DOT SEGMENT DRIVER
MSM9004-01 OKI-MSM9004-01 Datasheet
117Kb / 15P
   1/3, 1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 49-DOT SEGMENT DRIVER
MSM9004-02 OKI-MSM9004-02 Datasheet
117Kb / 15P
   1/3, 1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 49-DOT SEGMENT DRIVER
MSM9004-03 OKI-MSM9004-03 Datasheet
114Kb / 15P
   1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 50-DOT SEGMENT DRIVER
More results

Similar Description - MSM9000B-XX

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6240 OKI-MSM6240 Datasheet
449Kb / 25P
   DOT MATRIX LCD CONTROLLER
MSM6255 OKI-MSM6255 Datasheet
485Kb / 39P
   DOT MATRIX LCD CONTROLLER
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
Sitronix Technology Co....
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
   Dot Matrix LCD Controller/Driver
logo
RAIO Technology Inc.
RA6963 RAIO-RA6963 Datasheet
1Mb / 46P
   Dot Matrix LCD Controller Specification
logo
Renesas Technology Corp
PD16435 RENESAS-PD16435_15 Datasheet
440Kb / 38P
   DOT MATRIX LCD CONTROLLER/DRIVER
logo
RAIO Technology Inc.
RA8835 RAIO-RA8835 Datasheet
119Kb / 6P
   Dot Matrix LCD Controller Specification
logo
Sitronix Technology Co....
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
   Dot Matrix LCD Controller/Driver
logo
Epson Company
SED1530 EPSON-SED1530 Datasheet
176Kb / 13P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
List of Unclassifed Man...
ST7036 ETC-ST7036 Datasheet
864Kb / 72P
   Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com