Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS7930D Datasheet(PDF) 1 Page - Will Semiconductor Ltd.

Part # WS7930D
Description  CMOS Low Band LTE LNA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WS7930D Datasheet(HTML) 1 Page - Will Semiconductor Ltd.

  WS7930D Datasheet HTML 1Page - Will Semiconductor Ltd. WS7930D Datasheet HTML 2Page - Will Semiconductor Ltd. WS7930D Datasheet HTML 3Page - Will Semiconductor Ltd. WS7930D Datasheet HTML 4Page - Will Semiconductor Ltd. WS7930D Datasheet HTML 5Page - Will Semiconductor Ltd. WS7930D Datasheet HTML 6Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
WS7930D
Will Semiconductor Ltd.
1
Aug, 2016
– Rev. 1.2
WS7930D
CMOS Low Band LTE LNA
Descriptions
The WS7930D is a low noise amplifier (LNA) for LTE
receiver applications, available in a small 6-pin DFN
package. The WS7930D requires only one external
inductor for input matching.
The WS7930D is designed to achieve low power
dissipation and good performance. It is designed and
optimized for the LTE low band: 728MHz to 960MHz.
Features
Operating frequency: 728 MHz to 960 MHz
Noise figure = 0.8 dB
Gain = 14.0 dB
Input 1 dB compression point = 0 dBm
In-band input IP3 = 0 dBm
Supply voltage: 1.8 V to 3.1 V
Integrated supply decoupling capacitor
Supply current: 6.0 mA
Power-down mode leakage current < 3
μA
One external matching inductor required
ESD protection: HBM > 2.0kV for all pins
Integrated output matching
Package: 6-pin DFN, 1.1 x 0.7 x 0.55 mm3
Process: CMOS
Applications
Cell phones
Tablets
Other RF front-end modules
http//:www.sh-willsemi.com
DFN1107-6L (Bottom view)
Pin configuration (Top view)
B
= Device code
*
= Month code(A~Z)
Marking (Top view)
Order information
Device
Package
Shipping
WS7930D-6/TR
DFN1107-6L
10000/Reel&Tape
1
2
3
4
5
6
GND
VCC
RFOUT
GNDRF
RFIN
EN


Similar Part No. - WS7930D

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WS7930DB WILLSEMI-WS7930DB Datasheet
768Kb / 7P
   CMOS Low Band LTE LNA
WS7930DB-6/TR WILLSEMI-WS7930DB-6/TR Datasheet
768Kb / 7P
   CMOS Low Band LTE LNA
More results

Similar Description - WS7930D

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WS7930DB WILLSEMI-WS7930DB Datasheet
768Kb / 7P
   CMOS Low Band LTE LNA
WS7931DB WILLSEMI-WS7931DB Datasheet
760Kb / 7P
   CMOS Medium Band LTE LNA
WS7938D WILLSEMI-WS7938D Datasheet
559Kb / 6P
   CMOS Wide Band LTE LNA
WS7938DB WILLSEMI-WS7938DB Datasheet
833Kb / 10P
   CMOS Wide Band LTE LNA
WS7932DB WILLSEMI-WS7932DB Datasheet
750Kb / 7P
   CMOS High Band LTE LNA
WS7931D WILLSEMI-WS7931D Datasheet
545Kb / 6P
   CMOS Medium Band LTE LNA
WS7932D WILLSEMI-WS7932D Datasheet
542Kb / 6P
   CMOS High Band LTE LNA
logo
TriQuint Semiconductor
TQP3M6004 TRIQUINT-TQP3M6004_15 Datasheet
244Kb / 12P
   Low Band Dual LNA
logo
Infineon Technologies A...
BGM15LA12 INFINEON-BGM15LA12 Datasheet
749Kb / 24P
   Low-Band LNA Multiplexer Module
Revision 3.0 - 2015-07-24
logo
WALSIN TECHNOLOGY CORPO...
RFBLN1608070F48Q1C WALSIN-RFBLN1608070F48Q1C Datasheet
499Kb / 7P
   LTE Band Application
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com