Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS7932D Datasheet(PDF) 2 Page - Will Semiconductor Ltd.

Part # WS7932D
Description  CMOS High Band LTE LNA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WS7932D Datasheet(HTML) 2 Page - Will Semiconductor Ltd.

  WS7932D Datasheet HTML 1Page - Will Semiconductor Ltd. WS7932D Datasheet HTML 2Page - Will Semiconductor Ltd. WS7932D Datasheet HTML 3Page - Will Semiconductor Ltd. WS7932D Datasheet HTML 4Page - Will Semiconductor Ltd. WS7932D Datasheet HTML 5Page - Will Semiconductor Ltd. WS7932D Datasheet HTML 6Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
WS7932D
Will Semiconductor Ltd.
2
Jul, 2016 - Rev. 1.6
Pinning Information
Pin
Description
Transparent top view
Symbol view
1
GND
2
VCC
3
RFOUT
4
GNDRF
5
RFIN
6
EN
Application Information
Symbol
Description
Footprint
Value
Supplier
Comment
U1
WS7932D
1.1x0.7x0.55 mm3
N/A
Will-Semi
DUT
C1
Capacitor
0402
1 nF
Various
DC blocking
C2
Capacitor
0402
1 nF
Various
Supply decoupling
L1
Inductor
0402
5.6 nH
Murata LQW15
Input matching
1
2
3
4
5
6
GND
VCC
RFOUT
GNDRF
RFIN
EN


Similar Part No. - WS7932D

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WS7932DB WILLSEMI-WS7932DB Datasheet
750Kb / 7P
   CMOS High Band LTE LNA
WS7932DB-6/TR WILLSEMI-WS7932DB-6/TR Datasheet
750Kb / 7P
   CMOS High Band LTE LNA
More results

Similar Description - WS7932D

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WS7932DB WILLSEMI-WS7932DB Datasheet
750Kb / 7P
   CMOS High Band LTE LNA
WS7931DB WILLSEMI-WS7931DB Datasheet
760Kb / 7P
   CMOS Medium Band LTE LNA
WS7930DB WILLSEMI-WS7930DB Datasheet
768Kb / 7P
   CMOS Low Band LTE LNA
WS7938D WILLSEMI-WS7938D Datasheet
559Kb / 6P
   CMOS Wide Band LTE LNA
WS7938DB WILLSEMI-WS7938DB Datasheet
833Kb / 10P
   CMOS Wide Band LTE LNA
WS7931D WILLSEMI-WS7931D Datasheet
545Kb / 6P
   CMOS Medium Band LTE LNA
WS7930D WILLSEMI-WS7930D Datasheet
640Kb / 6P
   CMOS Low Band LTE LNA
logo
Infineon Technologies A...
BGM15HA12 INFINEON-BGM15HA12 Datasheet
739Kb / 21P
   High-Band LNA Multiplexer Module
Revision 3.0 - 2015-07-24
logo
TriQuint Semiconductor
TGA2613-SM TRIQUINT-TGA2613-SM_15 Datasheet
506Kb / 12P
   S-Band High Linearity LNA
logo
WALSIN TECHNOLOGY CORPO...
RFBLN1608070F48Q1C WALSIN-RFBLN1608070F48Q1C Datasheet
499Kb / 7P
   LTE Band Application
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com