Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPIA4040 Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # MPIA4040
Description  Automotive Grade High Current, High Frequency, Miniature Power Inductors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MPIA4040 Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  MPIA4040 Datasheet HTML 1Page - Eaton All Rights Reserved. MPIA4040 Datasheet HTML 2Page - Eaton All Rights Reserved. MPIA4040 Datasheet HTML 3Page - Eaton All Rights Reserved. MPIA4040 Datasheet HTML 4Page - Eaton All Rights Reserved. MPIA4040 Datasheet HTML 5Page - Eaton All Rights Reserved. MPIA4040 Datasheet HTML 6Page - Eaton All Rights Reserved. MPIA4040 Datasheet HTML 7Page - Eaton All Rights Reserved. MPIA4040 Datasheet HTML 8Page - Eaton All Rights Reserved. MPIA4040 Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Product description:
AEC-Q200 Grade 3 qualified
Handles high transient inrush current spikes
Magnetically shielded
Frequency range 20kHz to 10MHz
Inductance range from 0.09µH to 22µH
Current range from 1.1A to 32.0A
4.7 x 4.31 footprint surface mount package
in 1.2, 1.5, 1.85 or 2.0mm heights
Rugged construction
Halogen free, lead free, RoHS compliant
Applications:
• Body electronics
- Central body control module
- Vehicle access control system
- Headlamps, tail lamps and interior lighting
- Door control
• Advanced driver assistance systems
- 77GHz radar systems
- Automatic parking control
- Collision avoidance system
- Basic and smart surround, and rear and front
view camera
- Adaptive Cruise Control (ACC)
- Car black box system
• Infotainment and cluster electronics
- Active noise cancellation (ANC)
- Audio subsystem: head unit and trunk amp
- Digital instrument cluster
- In-vehicle infotainment (IVI) and navigation
- Port power/USB hub for front and
rear passengers
• Chassis and safety electronics
- Airbag control unit
Environmental data:
Storage temperature range (component):
-55°C to +125°C
Operating temperature range: -55°C to +125°C
(ambient plus self temperature rise)
Solder reflow temperature: J-STD-020D
compliant
MPIA4040
Automotive Grade
High Current, High Frequency, Miniature Power Inductors
Technical Data 10230
Effective August 2014
HALOGEN
HF
FREE
Pb
Discontinued,
Effective
September
15,
2016
or until
inventory
is depleted.
Recommended
replacement
MPIA40-V1


Similar Part No. - MPIA4040

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
MPIA40-V2 EATON-MPIA40-V2 Datasheet
1Mb / 22P
   Automotive grade High current, low profile, miniature power inductors
MPIA4012V2-1R0-R EATON-MPIA4012V2-1R0-R Datasheet
1Mb / 22P
   Automotive grade High current, low profile, miniature power inductors
MPIA4012V2-1R5-R EATON-MPIA4012V2-1R5-R Datasheet
1Mb / 22P
   Automotive grade High current, low profile, miniature power inductors
MPIA4012V2-2R2-R EATON-MPIA4012V2-2R2-R Datasheet
1Mb / 22P
   Automotive grade High current, low profile, miniature power inductors
MPIA4012V2-4R7-R EATON-MPIA4012V2-4R7-R Datasheet
1Mb / 22P
   Automotive grade High current, low profile, miniature power inductors
More results

Similar Description - MPIA4040

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
MPIA25-V2 EATON-MPIA25-V2 Datasheet
648Kb / 12P
   Automotive grade High current, low profile, miniature power inductors
MPIA40-V2 EATON-MPIA40-V2 Datasheet
1Mb / 22P
   Automotive grade High current, low profile, miniature power inductors
MPI4040 EATON-MPI4040 Datasheet
1Mb / 13P
   High current, high frequency, miniature power inductors
logo
Cooper Bussmann, Inc.
MPI4040R1-R10-R COOPER-MPI4040R1-R10-R Datasheet
1Mb / 12P
   High Frequency, High Current Miniature Power Inductors
logo
Eaton All Rights Reserv...
HCMA0703 EATON-HCMA0703 Datasheet
393Kb / 8P
   Automotive grade High current power inductors
HCMA1305 EATON-HCMA1305 Datasheet
691Kb / 9P
   Automotive grade High current power inductors
HCM1A1305 EATON-HCM1A1305 Datasheet
585Kb / 12P
   Automotive grade High current power inductors
HCMA0503 EATON-HCMA0503 Datasheet
432Kb / 7P
   Automotive grade High current power inductors
HCMA1104 EATON-HCMA1104 Datasheet
350Kb / 7P
   Automotive grade High current power inductors
HCMA1707 EATON-HCMA1707 Datasheet
558Kb / 7P
   Automotive grade High current power inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com