Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM9006-01 Datasheet(PDF) 11 Page - OKI electronic componets

Part # MSM9006-01
Description  LCD Driver with Keyscan Function
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9006-01 Datasheet(HTML) 11 Page - OKI electronic componets

Back Button MSM9006-01 Datasheet HTML 7Page - OKI electronic componets MSM9006-01 Datasheet HTML 8Page - OKI electronic componets MSM9006-01 Datasheet HTML 9Page - OKI electronic componets MSM9006-01 Datasheet HTML 10Page - OKI electronic componets MSM9006-01 Datasheet HTML 11Page - OKI electronic componets MSM9006-01 Datasheet HTML 12Page - OKI electronic componets MSM9006-01 Datasheet HTML 13Page - OKI electronic componets MSM9006-01 Datasheet HTML 14Page - OKI electronic componets MSM9006-01 Datasheet HTML 15Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
MSM9006-01, -02
¡ Semiconductor
11/18
• RESET
This is the reset signal input pin that initializes the device, and it is activated at "L" level. Pull-
up resistor is included. The power-on reset operation is performed by externally connecting a
capacitor. (See "Power-on Reset" in REFERENCE DATA)
RESET
VDD
• SEG1 - SEG35
These are output pins for the LCD display, and are connected to the segment pins of the LCD
panel. See the section on data configuration for the correspondence between SEG output and
input data.
• COM1 - COM4
These are output pins for the LCD display, and are connected to the common pins of the LCD
panel.
In the case of MSM9006-01, the COM1 to COM3 pins apply.
• SEG36/PO5 - SEG40/PO1
These pins can select the output pins for the LCD display (segment pins) or general port output
pins by setting with commands.
• SEG 41/LED
This is an output pin for the LCD display (segment), or LED drive selection with command. If
LED drive is selected, the LED and current limit resistor are externally connected.
SEG41/LED
• TEST
This is an input pin for IC testing. This pin should be connected to VSS.
• VDD, VSS
These are power supply and ground pins.


Similar Part No. - MSM9006-01

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9000B OKI-MSM9000B Datasheet
223Kb / 38P
   DOT MATRIX LCD CONTROLLER
MSM9000B-XX OKI-MSM9000B-XX Datasheet
223Kb / 38P
   DOT MATRIX LCD CONTROLLER
MSM9004 OKI-MSM9004 Datasheet
117Kb / 15P
   1/3, 1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 49-DOT SEGMENT DRIVER
MSM9004 OKI-MSM9004 Datasheet
114Kb / 15P
   1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 50-DOT SEGMENT DRIVER
MSM9004-01 OKI-MSM9004-01 Datasheet
117Kb / 15P
   1/3, 1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 49-DOT SEGMENT DRIVER
More results

Similar Description - MSM9006-01

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6470 NJRC-NJU6470 Datasheet
1Mb / 33P
   16-CHARACTER 1-LINE DOT MATRIX LCD CONTROLLER DRIVER WITH KEYSCAN
logo
Holtek Semiconductor In...
HT16K23_1107 HOLTEK-HT16K23_1107 Datasheet
1Mb / 30P
   RAM Mapping 20*4/16*8 LCD Controller Driver with keyscan
HT16K23 HOLTEK-HT16K23 Datasheet
1Mb / 33P
   RAM Mapping 20*4/16*8 LCD Controller Driver with keyscan
logo
Princeton Technology Co...
PT6547 PTC-PT6547 Datasheet
468Kb / 35P
   LCD Driver IC with Key Input Function
logo
ON Semiconductor
EN7980 ONSEMI-EN7980 Datasheet
431Kb / 39P
   Duty LCD Driver with Key Input Function
July, 2013
logo
Sanyo Semicon Device
LC75808W SANYO-LC75808W Datasheet
232Kb / 38P
   LCD Display Driver with Key Input Function
logo
Princeton Technology Co...
PT6553 PTC-PT6553_10 Datasheet
667Kb / 41P
   LCD Driver IC with Key Input Function
PT6583 PTC-PT6583 Datasheet
125Kb / 6P
   LCD Driver IC with Key Input Function
PT6553 PTC-PT6553 Datasheet
139Kb / 7P
   LCD Driver IC with Key Input Function
logo
ON Semiconductor
EN6370 ONSEMI-EN6370 Datasheet
294Kb / 38P
   LCD Display Driver with Key Input Function
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com