Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9728-55A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BUK9728-55A
Description  N-channel TrenchMOS standard level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9728-55A Datasheet(HTML) 2 Page - NXP Semiconductors

  BUK9728-55A Datasheet HTML 1Page - NXP Semiconductors BUK9728-55A Datasheet HTML 2Page - NXP Semiconductors BUK9728-55A Datasheet HTML 3Page - NXP Semiconductors BUK9728-55A Datasheet HTML 4Page - NXP Semiconductors BUK9728-55A Datasheet HTML 5Page - NXP Semiconductors BUK9728-55A Datasheet HTML 6Page - NXP Semiconductors BUK9728-55A Datasheet HTML 7Page - NXP Semiconductors BUK9728-55A Datasheet HTML 8Page - NXP Semiconductors BUK9728-55A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
BUK9728-55A
N-channel TrenchMOS™ logic level FET
Product data
Rev. 02 — 10 June 2004
2 of 12
9397 750 13326
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
5.
Quick reference data
6.
Limiting values
[1]
IDM is limited by chip, not package.
Table 2:
Quick reference data
Symbol Parameter
Conditions
Typ
Max
Unit
VDS
drain-source voltage (DC)
-
55
V
ID
drain current (DC)
Tmb =25 °C; VGS =5V
-
22
A
Ptot
total power dissipation
Tmb =25 °C
-
26
W
Tj
junction temperature
-
150
°C
RDSon
drain-source on-state resistance
Tj =25 °C; VGS =5V; ID = 15 A
23
28
m
Tj =25 °C; VGS = 4.5 V; ID =15A
-
30
m
Table 3:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage (DC)
-
55
V
VDGR
drain-gate voltage (DC)
RGS =20kΩ
-55
V
VGS
gate-source voltage (DC)
-
±10
V
VGSM
non-repetitive gate-source voltage
tp ≤ 50 µs-
±15
V
ID
drain current (DC)
Tmb =25 °C; VGS =5V;
Figure 2 and 3
-22
A
Tmb = 100 °C; VGS =5V; Figure 2
-16
A
IDM
peak drain current
Tmb =25 °C; pulsed; tp ≤ 10 µs;
Figure 3
[1]
-90
A
Ptot
total power dissipation
Tmb =25 °C; Figure 1
-26
W
Tstg
storage temperature
−55
+150
°C
Tj
operating junction temperature
−55
+150
°C
Source-drain diode
IDR
reverse drain current (DC)
Tmb =25 °C
-
22
A
IDRM
peak reverse drain current
Tmb =25 °C; pulsed; tp ≤ 10 µs
-
90
A
Avalanche ruggedness
EDS(AL)S non-repetitive drain-source avalanche
energy
unclamped inductive load; ID =22A;
VDS ≤ 55 V; VGS =5V; RGS =50 Ω;
starting T j =25 °C
-
180
mJ


Similar Part No. - BUK9728-55A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9735-55A PHILIPS-BUK9735-55A Datasheet
138Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 02-10 June 2004
BUK9775-55 PHILIPS-BUK9775-55 Datasheet
68Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
BUK9775-55A PHILIPS-BUK9775-55A Datasheet
135Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 02-10 June 2004
More results

Similar Description - BUK9728-55A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com