Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G911TD6T Datasheet(PDF) 8 Page - Global Mixed-mode Technology Inc

Part # G911TD6T
Description  3.3V 400mA/250mA Low Dropout Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G911TD6T Datasheet(HTML) 8 Page - Global Mixed-mode Technology Inc

  G911TD6T Datasheet HTML 1Page - Global Mixed-mode Technology Inc G911TD6T Datasheet HTML 2Page - Global Mixed-mode Technology Inc G911TD6T Datasheet HTML 3Page - Global Mixed-mode Technology Inc G911TD6T Datasheet HTML 4Page - Global Mixed-mode Technology Inc G911TD6T Datasheet HTML 5Page - Global Mixed-mode Technology Inc G911TD6T Datasheet HTML 6Page - Global Mixed-mode Technology Inc G911TD6T Datasheet HTML 7Page - Global Mixed-mode Technology Inc G911TD6T Datasheet HTML 8Page - Global Mixed-mode Technology Inc G911TD6T Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Ver: 6.6
Sep 25, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
8
G910/G911
Global Mixed-mode Technology Inc.
µTO-92 (T8) Package
DIMENSIONS IN MILLIMETERS
DIMENSIONS IN INCHES
SYMBOLS
MIN
NOM
MAX
MIN
NOM
MAX
A
2.40
2.50
2.60
0.094
0.098
0.102
A1
0.70
0.80
0.90
0.028
0.032
0.036
b
0.35
0.45
0.55
0.014
0.018
0.022
C
-----
0.40
-----
-----
0.016
-----
D
2.80
3.00
3.20
0.110
0.118
0.126
E
3.80
4.00
4.20
0.149
0.157
0.165
e
-----
1.27
-----
-----
0.050
-----
F
1.91
2.11
2.31
0.075
0.083
0.091
G
3.35
3.55
3.75
0.132
0.140
0.148
H
0.00
-----
0.15
0.000
-----
0.006
L
13.80
14.00
14.20
0.543
0.551
0.559
θ
1
-----
-----
-----
-----
θ
2
-----
-----
-----
-----
E
D
L
H
e
b
θ2(2 X)
θ1(2 X)
C
G
A1
A
R2
.00
E
D
L
H
e
b
θ2(2 X)
θ1(2 X)
C
G
A1
A
R2
.00


Similar Part No. - G911TD6T

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G911TD4B GMT-G911TD4B Datasheet
408Kb / 10P
   3.3V 600mA/250mA Low Dropout Regulator
G911TD4BF GMT-G911TD4BF Datasheet
408Kb / 10P
   3.3V 600mA/250mA Low Dropout Regulator
More results

Similar Description - G911TD6T

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G911 GMT-G911_15 Datasheet
86Kb / 1P
   3.3V 600mA/250mA Low Dropout Regulator
G910 GMT-G910_15 Datasheet
86Kb / 1P
   3.3V 600mA/250mA Low Dropout Regulator
G910 GMT-G910_06 Datasheet
408Kb / 10P
   3.3V 600mA/250mA Low Dropout Regulator
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954_07 Datasheet
525Kb / 15P
   250mA Low-Dropout Regulator
logo
Texas Instruments
REG102-25 TI1-REG102-25 Datasheet
961Kb / 25P
[Old version datasheet]   250mA Low-Dropout Regulator
REG113-25 TI1-REG113-25 Datasheet
748Kb / 20P
[Old version datasheet]   400mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954 Datasheet
170Kb / 12P
   250mA Low-Dropout Regulator
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
Monolithic Power System...
MP8802 MPS-MP8802 Datasheet
278Kb / 7P
   Low Dropout 250mA Linear Regulator
EV8802DJ-00A MPS-EV8802DJ-00A Datasheet
191Kb / 4P
   Low Dropout 250mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com