Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK78150-55A Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BUK78150-55A
Description  TrenchMOS standard level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK78150-55A Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BUK78150-55A Datasheet HTML 4Page - NXP Semiconductors BUK78150-55A Datasheet HTML 5Page - NXP Semiconductors BUK78150-55A Datasheet HTML 6Page - NXP Semiconductors BUK78150-55A Datasheet HTML 7Page - NXP Semiconductors BUK78150-55A Datasheet HTML 8Page - NXP Semiconductors BUK78150-55A Datasheet HTML 9Page - NXP Semiconductors BUK78150-55A Datasheet HTML 10Page - NXP Semiconductors BUK78150-55A Datasheet HTML 11Page - NXP Semiconductors BUK78150-55A Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Philips Semiconductors
BUK78150-55A
TrenchMOS™ standard level FET
Product specification
Rev. 01 — 30 January 2001
8 of 13
9397 750 07738
© Philips Electronics N.V. 2001. All rights reserved.
VDS =25V
Tj =25 °C; ID =5A
Fig 13. Transfer characteristics: drain current as a
function of gate-source voltage; typical values.
Fig 14. Gate-source voltage as a function of turn-on
gate charge; typical values.
VGS =0V
Fig 15. Reverse diode current as a function of reverse diode voltage; typical values.
03nc22
0
2
4
6
8
10
02
46
8
10
VGS (V)
ID
(A)
Tj = 150
OC
Tj = 25
OC
03nb87
0
1
2
3
4
5
6
7
8
9
10
02
46
QG (nC)
VGS
(V)
VDD= 44 V
VDD= 14 V
03nc23
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
VSD (V)
IS
(A)
Tj = 150
OCT
j = 25
OC


Similar Part No. - BUK78150-55A

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK78150-55A NEXPERIA-BUK78150-55A Datasheet
931Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02 - 16 June 2010
logo
NXP Semiconductors
BUK78150-55A PHILIPS-BUK78150-55A_15 Datasheet
341Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-16 June 2010
More results

Similar Description - BUK78150-55A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7575-100A PHILIPS-BUK7575-100A Datasheet
139Kb / 15P
   TrenchMOS standard level FET
Rev. 01-24 October 2000
BUK7207-30B PHILIPS-BUK7207-30B Datasheet
97Kb / 12P
   TrenchMOS standard level FET
Rev. 02-22 January 2004
BUK7535-100A PHILIPS-BUK7535-100A Datasheet
337Kb / 15P
   TrenchMOS standard level FET
Rev. 01-02 February 2001
PHD14NQ20T PHILIPS-PHD14NQ20T Datasheet
269Kb / 14P
   TrenchMOS standard level FET
Rev. 03-11 March 2002
PHM15NQ20T PHILIPS-PHM15NQ20T Datasheet
283Kb / 13P
   TrenchMOS standard level FET
Rev. 03-11 September 2003
PHM30NQ10T PHILIPS-PHM30NQ10T Datasheet
275Kb / 13P
   TrenchMOS standard level FET
Rev. 02-11 September 2003
BUK764R0-55B PHILIPS-BUK764R0-55B Datasheet
143Kb / 15P
   TrenchMOS standard level FET
Rev. 02-30 September 2002
PHK4NQ20T PHILIPS-PHK4NQ20T Datasheet
233Kb / 12P
   TrenchMOS standard level FET
Rev. 01-20 January 2003
BUK7208-40B PHILIPS-BUK7208-40B Datasheet
97Kb / 12P
   TrenchMOS standard level FET
Rev. 02-22 January 2004
BUK7277-55A PHILIPS-BUK7277-55A Datasheet
307Kb / 13P
   TrenchMOS standard level FET
Rev. 01-1 February 2001
BUK7526-100B PHILIPS-BUK7526-100B Datasheet
294Kb / 15P
   TrenchMOS standard level FET
Rev. 01-11 April 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com