Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24FC02LITE13REV-E Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT24FC02LITE13REV-E
Description  The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24FC02LITE13REV-E Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT24FC02LITE13REV-E Datasheet HTML 2Page - Catalyst Semiconductor CAT24FC02LITE13REV-E Datasheet HTML 3Page - Catalyst Semiconductor CAT24FC02LITE13REV-E Datasheet HTML 4Page - Catalyst Semiconductor CAT24FC02LITE13REV-E Datasheet HTML 5Page - Catalyst Semiconductor CAT24FC02LITE13REV-E Datasheet HTML 6Page - Catalyst Semiconductor CAT24FC02LITE13REV-E Datasheet HTML 7Page - Catalyst Semiconductor CAT24FC02LITE13REV-E Datasheet HTML 8Page - Catalyst Semiconductor CAT24FC02LITE13REV-E Datasheet HTML 9Page - Catalyst Semiconductor CAT24FC02LITE13REV-E Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CAT24FC02
6
Doc. No. 1072, Rev. G
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
WRITE OPERATIONS
Byte Write
In the Byte Write mode, the Master device sends the
START condition and the slave address information
(with the R/
W bit set to zero) to the Slave device. After
the Slave generates an acknowledge, the Master sends
the byte address that is to be written into the address
pointer of the CAT24FC02. After receiving another
acknowledge from the Slave, the Master device transmits
the data byte to be written into the addressed memory
location. The CAT24FC02 acknowledges once more
and the Master generates the STOP condition, at which
time the device begins its internal programming to
nonvolatile memory. While this internal cycle is in
progress, the device will not respond to any request from
the Master device.
Page Write
The CAT24FC02 writes up to 16 bytes of data in a single
write cycle, using the Page Write operation. The Page
Write operation is initiated in the same manner as the
Byte Write operation, however instead of terminating
after the initial word is transmitted, the Master is allowed
to send up to 15 additional bytes. After each byte has
been transmitted the CAT24FC02 will respond with an
acknowledge, and internally increment the low order
address bits by one. The high order bits remain
unchanged.
If the Master transmits more than 16 bytes prior to
sending the STOP condition, the address counter ‘wraps
around’, and previously transmitted data will be
overwritten.
Once all 16 bytes are received and the STOP condition
has been sent by the Master, the internal programming
cycle begins. At this point all received data is written to
the CAT24FC02 in a single write cycle.
Acknowledge Polling
The disabling of the inputs can be used to take advantage
of the typical write cycle time. Once the stop condition
is issued to indicate the end of the host’s write operation,
the CAT24FC02 initiates the internal write cycle. ACK
polling can be initiated immediately.
This involves
issuing the start condition followed by the slave address
for a write operation. If the CAT24FC02 is still busy with
the write operation, no ACK will be returned. If the
CAT24FC02 has completed the write operation, an ACK
will be returned and the host can then proceed with the
next read or write operation.
WRITE PROTECTION
The CAT24FC02 is designed with a hardware protect
pin that enables the user to protect the entire memory.
Thehardware protection feature of the CAT24FC02 is
designed into the part to provide added flexibility to the
design engineers. The write protection feature of
CAT24FC02 allows the user to protect against inadvertent
programming of the memory array. If the WP pin is tied
to Vcc, the entire memory array is protected and becomes
read only. The entire memory becomes write protected
regardless of whether the write protect register has been
written or not. When WP pin is tied to Vcc, the user
cannot program the write protect register. If the WP pin
is left floating or tied to Vss, the device can be written
into.
Figure 7. Page Write Timing
BYTE
ADDRESS
SLAVE
ADDRESS
S
A
C
K
A
C
K
DATA
A
C
K
S
T
O
P
P
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
BUS ACTIVITY:
MASTER
SDA LINE
DATA n+P
BYTE
ADDRESS (n)
A
C
K
A
C
K
DATA n
A
C
K
S
T
O
P
S
A
C
K
DATA n+1
A
C
K
S
T
A
R
T
P
SLAVE
ADDRESS
NOTE: IN THIS EXAMPLE n = XXXX 0000(B); X = 1 or 0
*
Figure 6. Byte Write Timing


Similar Part No. - CAT24FC02LITE13REV-E

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24FC01 CATALYST-CAT24FC01 Datasheet
407Kb / 10P
   1-kb I2C Serial EEPROM
CAT24FC01GLETE13 CATALYST-CAT24FC01GLETE13 Datasheet
628Kb / 10P
   1-kb I2C Serial EEPROM
CAT24FC01GLITE13 CATALYST-CAT24FC01GLITE13 Datasheet
628Kb / 10P
   1-kb I2C Serial EEPROM
CAT24FC01GWETE13 CATALYST-CAT24FC01GWETE13 Datasheet
628Kb / 10P
   1-kb I2C Serial EEPROM
CAT24FC01GWITE13 CATALYST-CAT24FC01GWITE13 Datasheet
628Kb / 10P
   1-kb I2C Serial EEPROM
More results

Similar Description - CAT24FC02LITE13REV-E

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1062AV33 CYPRESS-CY7C1062AV33 Datasheet
188Kb / 9P
   The CY7C1062AV33 is a high-performance CMOS Static RAM organized as 524,288 words by 32 bits.
logo
ON Semiconductor
CAV24C256 ONSEMI-CAV24C256 Datasheet
157Kb / 11P
   256-Kb CMOS Serial EEPROM
November, 2012 ??Rev. 0
CAT25256 ONSEMI-CAT25256 Datasheet
187Kb / 16P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25256 ONSEMI-CAT25256_15 Datasheet
151Kb / 19P
   256-Kb SPI Serial CMOS EEPROM
June, 2015 ??Rev. 8
CAT24C256WI-G ONSEMI-CAT24C256WI-G Datasheet
193Kb / 18P
   256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
CAT24C256XI ONSEMI-CAT24C256XI Datasheet
205Kb / 18P
   256 kb I2C CMOS Serial EEPROM
January, 2014 ??Rev. 14
CAV24C256WE-GT3 ONSEMI-CAV24C256WE-GT3 Datasheet
157Kb / 11P
   256-Kb I2C CMOS Serial EEPROM
November, 2012 ??Rev. 0
CAT24C256 ONSEMI-CAT24C256 Datasheet
187Kb / 14P
   256 kb I2C CMOS Serial EEPROM
November, 2009 ??Rev. 9
logo
Catalyst Semiconductor
CAT24C256 CATALYST-CAT24C256 Datasheet
547Kb / 14P
   256-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C256LI ONSEMI-CAT24C256LI Datasheet
193Kb / 18P
   256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com