Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM9223 Datasheet(PDF) 10 Page - OKI electronic componets

Part # MSM9223
Description  27-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9223 Datasheet(HTML) 10 Page - OKI electronic componets

Back Button MSM9223 Datasheet HTML 6Page - OKI electronic componets MSM9223 Datasheet HTML 7Page - OKI electronic componets MSM9223 Datasheet HTML 8Page - OKI electronic componets MSM9223 Datasheet HTML 9Page - OKI electronic componets MSM9223 Datasheet HTML 10Page - OKI electronic componets MSM9223 Datasheet HTML 11Page - OKI electronic componets MSM9223 Datasheet HTML 12Page - OKI electronic componets MSM9223 Datasheet HTML 13Page - OKI electronic componets MSM9223 Datasheet HTML 14Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
¡ Semiconductor
MSM9223
10/24
A/D Converter Characteristics
Keyscan Characteristics
Keyscan Timing
Parameter
A/D Conversion Accuracy
Condition
Typ.
Max.
Unit
±1
LSB
Reference Voltage (VREG)
5.0
5.5
V
Output Current
–10
mA
Input Voltage Range
VREG
V
Conversion Time/Channel
R2 = 10kW±5%, C2 = 27pF±5%
310
Min.
4.5
GND
256
394
m
s
(Ta = –40 to +85°C, VDD = 8.0 to 18.0 V)
Parameter
Keyscan Cycle Time
Condition
Typ.
Max.
Unit
R2 = 10kW±5%, C2 = 27pF±5%
194
246
m
s
Keyscan Pulse Width
R2 = 10kW±5%, C2 = 27pF±5%
39
Min.
160
32
49
m
s
(Ta = –40 to +85°C, VDD = 8.0 to 18.0 V)
ROW1
ROW5
ROW2
ROW3
ROW4
Keyscan Cycle Time
Keyscan Pulse
Width


Similar Part No. - MSM9223

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9225 OKI-MSM9225 Datasheet
488Kb / 74P
   CAN (Controller Area Network) Controller
MSM9225B OKI-MSM9225B Datasheet
116Kb / 16P
   CAN (Controller Area Network) Controller
MSM9225BGA-2K OKI-MSM9225BGA-2K Datasheet
116Kb / 16P
   CAN (Controller Area Network) Controller
More results

Similar Description - MSM9223

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9222 OKI-ML9222 Datasheet
241Kb / 25P
   32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
ML9226 OKI-ML9226 Datasheet
350Kb / 26P
   32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
ML9228 OKI-ML9228 Datasheet
170Kb / 25P
   82-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, Keyscan
ML9227 OKI-ML9227 Datasheet
342Kb / 26P
   27-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Key scan
logo
List of Unclassifed Man...
ML9212 ETC2-ML9212 Datasheet
236Kb / 17P
   32-Bit Duplex/Triplex VF Controller/Driver with Digital Dimming
logo
OKI electronic componet...
MSC1200-01 OKI-MSC1200-01 Datasheet
218Kb / 26P
   30-Bit Duplex Controller/Driver with Digital/Analog Dimming and Keyscan Functions
MSC1208 OKI-MSC1208 Datasheet
111Kb / 14P
   23-bit x 2 Duplex Controller/Driver with Digital Dimming and Keyscan Function
ML9213 OKI-ML9213 Datasheet
183Kb / 19P
   56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
logo
List of Unclassifed Man...
ML9213 ETC2-ML9213 Datasheet
209Kb / 19P
   56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
ML9213 ETC2-ML9213 Datasheet
209Kb / 19P
   56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com