Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTQS74FCT2244T Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDTQS74FCT2244T
Description  HIGH-SPEED SMOS 8-BIT BUFFER/LINE DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTQS74FCT2244T Datasheet(HTML) 4 Page - Integrated Device Technology

  IDTQS74FCT2244T Datasheet HTML 1Page - Integrated Device Technology IDTQS74FCT2244T Datasheet HTML 2Page - Integrated Device Technology IDTQS74FCT2244T Datasheet HTML 3Page - Integrated Device Technology IDTQS74FCT2244T Datasheet HTML 4Page - Integrated Device Technology IDTQS74FCT2244T Datasheet HTML 5Page - Integrated Device Technology IDTQS74FCT2244T Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
4
IDTQS74FCT2244T/AT/CT
HIGH-SPEEDCMOS8-BITBUFFER/LINEDRIVER
NOTES:
1. CLOAD = 50pF, RLOAD = 500
Ω unless otherwise noted.
2. Minimums guaranteed but not tested.
3. This parameter is guaranteed by design but not tested.
74FCT2244T
74FCT2244AT
74FCT2244CT
Symbol
Parameter(2)
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tPLH
PropagationDelay
1.5
6.5
1.5
4.8
1.5
4.1
ns
tPHL
xAx to xYx
tPZH
OutputEnableTime
1.5
8
1.5
6.2
1.5
5.8
ns
tPZL
xG to xYx
tPHZ
OutputDisableTime(3)
1.5
7
1.5
5.6
1.5
5.2
ns
tPLZ
xG to xYx
SWITCHING CHARACTERISTICS OVER OPERATING RANGE(1)


Similar Part No. - IDTQS74FCT2244T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS74FCT2245AT IDT-IDTQS74FCT2245AT Datasheet
56Kb / 6P
   HIGH-SPEED CMOS 8-BIT TRANSCEIVER
IDTQS74FCT2245ATQ IDT-IDTQS74FCT2245ATQ Datasheet
56Kb / 6P
   HIGH-SPEED CMOS 8-BIT TRANSCEIVER
IDTQS74FCT2245ATSO IDT-IDTQS74FCT2245ATSO Datasheet
56Kb / 6P
   HIGH-SPEED CMOS 8-BIT TRANSCEIVER
IDTQS74FCT2245CT IDT-IDTQS74FCT2245CT Datasheet
56Kb / 6P
   HIGH-SPEED CMOS 8-BIT TRANSCEIVER
IDTQS74FCT2245CTQ IDT-IDTQS74FCT2245CTQ Datasheet
56Kb / 6P
   HIGH-SPEED CMOS 8-BIT TRANSCEIVER
More results

Similar Description - IDTQS74FCT2244T

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT3244QEX PERICOM-PI74FCT3244QEX Datasheet
721Kb / 7P
   Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PI74LCX244 PERICOM-PI74LCX244 Datasheet
69Kb / 4P
   Fast CMOS 3.3V 8-Bit Buffer/Line Driver
logo
Micro Linear Corporatio...
ML65T541 MICRO-LINEAR-ML65T541 Datasheet
383Kb / 8P
   3.3V High Speed Octal Buffer/Line Driver
logo
Pericom Semiconductor C...
PI74LCX541 PERICOM-PI74LCX541 Datasheet
114Kb / 4P
   Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PI74FCT3244 PERICOM-PI74FCT3244_06 Datasheet
734Kb / 7P
   Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PI74LPT241 PERICOM-PI74LPT241 Datasheet
42Kb / 4P
   Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PI74LPT541 PERICOM-PI74LPT541 Datasheet
86Kb / 4P
   Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PI74LPT244 PERICOM-PI74LPT244_06 Datasheet
542Kb / 8P
   Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PI74LPT244 PERICOM-PI74LPT244 Datasheet
43Kb / 4P
   Fast CMOS 3.3V 8-Bit Buffer/Line Driver
logo
Texas Instruments
CY74FCT2240T TI1-CY74FCT2240T_16 Datasheet
868Kb / 16P
[Old version datasheet]   8-BIT BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com