Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L272AD2TF Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # L272AD2TF
Description  Dual Power Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

L272AD2TF Datasheet(HTML) 4 Page - Fairchild Semiconductor

  L272AD2TF Datasheet HTML 1Page - Fairchild Semiconductor L272AD2TF Datasheet HTML 2Page - Fairchild Semiconductor L272AD2TF Datasheet HTML 3Page - Fairchild Semiconductor L272AD2TF Datasheet HTML 4Page - Fairchild Semiconductor L272AD2TF Datasheet HTML 5Page - Fairchild Semiconductor L272AD2TF Datasheet HTML 6Page - Fairchild Semiconductor L272AD2TF Datasheet HTML 7Page - Fairchild Semiconductor L272AD2TF Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
Electrical Characteristics (L272A)
(VCC 12V, VEE 12V, TA 25qC unless otherwise specified)
Note 3: Guaranteed by design. Not 100% tested in production.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Voltage (VCC - VEE)VS
4.0
28.0
V
Supply Current
IS
VO VCC/2
VCC 24V, VEE 0V
8.0
12.0
mA
VCC 12V, VEE 0V
7.5
11.0
mA
Input Bias Current
IBIAS
0.1
1.0
PA
Input Offset Voltage
VIO
7.0
30.0
mV
Input Offset Current
IIO
20.0
100
nA
Slew Rate
SR
VIN 1VPP, Unit Gain
1.0
V/
Ps
Gain-Bandwidth Product
GBW
350
kHz
Input Resistance
RI
500
k
:
Large Signal
GV
VO(pp) r 10V
65.0
75.0
dB
Input Noise Voltage
eN
B
20 kHz
10.0
PV
Input Noise Current
IN
B
20 kHz
200
pA
Common Mode Rejection Ratio
CMRR
60.0
75.0
dB
Supply Voltage Rejection Ratio
PSRR
VCC 15V, VEE 15V
54.0
62.0
dB
VCC 5V, VEE 5V
Output Voltage Swing
VO
VCC 24V, VEE 0V
IP 0.1A
21.0
23.0
V
IP 0.5A
21.0
22.5
V
Channel Separation
CS
f
1 kHz; RL 10:, GV 30 dB
60.0
dB
Total Harmonic Distortion
THD
f
1 kHz; GV 1dB, RL •
0.5
%
Thermal Shutdown Temperature (Note 2)
TSD
160
qC


Similar Part No. - L272AD2TF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
L272AM ONSEMI-L272AM Datasheet
259Kb / 10P
   Dual Power Operational Amplifier
November 2013 Rev. 1.2.0
More results

Similar Description - L272AD2TF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
L272 FAIRCHILD-L272 Datasheet
78Kb / 10P
   Dual Power Operational Amplifier
logo
ON Semiconductor
NCS5652 ONSEMI-NCS5652 Datasheet
317Kb / 13P
   Dual Power Operational Amplifier
June, 2015 ??Rev. 1
logo
Sanyo Semicon Device
LA6510_0611 SANYO-LA6510_0611 Datasheet
201Kb / 6P
   Dual Power Operational Amplifier
logo
Samsung semiconductor
KA9256 SAMSUNG-KA9256 Datasheet
80Kb / 2P
   DUAL POWER OPERATIONAL AMPLIFIER
logo
STMicroelectronics
LM272M STMICROELECTRONICS-LM272M Datasheet
111Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIER
January 1995
logo
Siemens Semiconductor G...
TCA2465 SIEMENS-TCA2465 Datasheet
283Kb / 26P
   Dual Power Operational Amplifier
logo
Fairchild Semiconductor
KA334 FAIRCHILD-KA334 Datasheet
36Kb / 8P
   Dual Power Operational Amplifier
logo
Toshiba Semiconductor
TA8406P TOSHIBA-TA8406P Datasheet
260Kb / 7P
   DUAL POWER OPERATIONAL AMPLIFIER
TA8410P TOSHIBA-TA8410P Datasheet
281Kb / 8P
   DUAL POWER OPERATIONAL AMPLIFIER
TA8464K TOSHIBA-TA8464K Datasheet
202Kb / 5P
   DUAL POWER OPERATIONAL AMPLIFIER
logo
Motorola, Inc
TCA0372 MOTOROLA-TCA0372 Datasheet
158Kb / 8P
   Dual Power Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com