Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF6S23100HSR3 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MRF6S23100HSR3
Description  RF Power Dield Effect Transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF6S23100HSR3 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MRF6S23100HSR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF6S23100HSR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF6S23100HSR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF6S23100HSR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF6S23100HSR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF6S23100HSR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF6S23100HSR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF6S23100HSR3 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF6S23100HSR3 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MRF6S23100HR3 MRF6S23100HSR3
7
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS
210
109
90
TJ, JUNCTION TEMPERATURE (°C)
Figure 12. MTTF Factor versus Junction Temperature
This above graph displays calculated MTTF in hours x ampere2
drain current. Life tests at elevated temperatures have correlated to
better than
±10% of the theoretical prediction for metal failure. Divide
MTTF factor by ID2 for MTTF in a particular application.
108
107
106
120
140
160
180 190
100
110
130
150
170
200
W-CDMA TEST SIGNAL
10
0.0001
100
0
PEAK−TO−AVERAGE (dB)
Figure 13. CCDF W-CDMA 3GPP, Test Model 1,
64 DPCH, 67% Clipping, Single-Carrier Test Signal
10
1
0.1
0.01
0.001
24
68
Figure 14. 2-Carrier W-CDMA Spectrum
f, FREQUENCY (MHz)
3.84 MHz
Channel BW
−IM3 @
3.84 MHz BW
+IM3 @
3.84 MHz BW
−ACPR @
3.84 MHz BW
+ACPR @
3.84 MHz BW
+20
+30
0
−10
−40
−50
−60
−70
−80
−20
20
515
10
0
−5
−10
−15
−20
−25
25
−30
W−CDMA. ACPR Measured in 3.84 MHz Channel
Bandwidth @ +5 MHz Offset. IM3 Measured in
3.84 MHz Bandwidth @ +10 MHz Offset. PAR =
8.5 dB @ 0.01% Probability on CCDF


Similar Part No. - MRF6S23100HSR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S23100HSR3 FREESCALE-MRF6S23100HSR3 Datasheet
425Kb / 12P
   RF Power Field Effect Transistors
More results

Similar Description - MRF6S23100HSR3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF373A MOTOROLA-MRF373A Datasheet
481Kb / 8P
   RF Power Field Effect Transistors
MRF5S9070NR1 MOTOROLA-MRF5S9070NR1 Datasheet
450Kb / 12P
   RF Power Field Effect Transistors
MRF19090 MOTOROLA-MRF19090 Datasheet
300Kb / 8P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9080 MOTOROLA-MRF9080 Datasheet
439Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF18030A MOTOROLA-MRF18030A Datasheet
508Kb / 8P
   RF Power Field Effect Transistors
MRF21085 MOTOROLA-MRF21085 Datasheet
562Kb / 12P
   RF Power Field Effect Transistors
MRF19120 MOTOROLA-MRF19120 Datasheet
348Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF5S21090L MOTOROLA-MRF5S21090L Datasheet
582Kb / 12P
   RF Power Field Effect Transistors
logo
Freescale Semiconductor...
MRF6S9045 FREESCALE-MRF6S9045 Datasheet
530Kb / 16P
   RF Power Field Effect Transistors
MRF6S21050LR3 FREESCALE-MRF6S21050LR3 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com