Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI91821DH-30-T1 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI91821DH-30-T1
Description  Micropower 300-mA CMOS LDO Regulator With Error Flag
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI91821DH-30-T1 Datasheet(HTML) 3 Page - Vishay Siliconix

  SI91821DH-30-T1 Datasheet HTML 1Page - Vishay Siliconix SI91821DH-30-T1 Datasheet HTML 2Page - Vishay Siliconix SI91821DH-30-T1 Datasheet HTML 3Page - Vishay Siliconix SI91821DH-30-T1 Datasheet HTML 4Page - Vishay Siliconix SI91821DH-30-T1 Datasheet HTML 5Page - Vishay Siliconix SI91821DH-30-T1 Datasheet HTML 6Page - Vishay Siliconix SI91821DH-30-T1 Datasheet HTML 7Page - Vishay Siliconix SI91821DH-30-T1 Datasheet HTML 8Page - Vishay Siliconix SI91821DH-30-T1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Si91821
Vishay Siliconix
Document Number: 71614
S-51147–Rev. E, 20-Jun-05
www.vishay.com
3
SPECIFICATIONS
Limits
−40 to 85_C
Test Conditions
Unless Otherwise Specified
VIN = VOUT(nom) + 1 V, IOUT = 1 mA
CIN = 2.2 mF, COUT = 2.2 mF, VSD = 1.5 V
Parameter
Unit
Maxb
Typc
Minb
Tempa
Test Conditions
Unless Otherwise Specified
VIN = VOUT(nom) + 1 V, IOUT = 1 mA
CIN = 2.2 mF, COUT = 2.2 mF, VSD = 1.5 V
Symbol
Dynamic Line Regulation
DVO(line)
VIN : VOUT(nom) + 1 V to VOUT(nom) + 2 V
tr/tf = 5 ms, IOUT = 250 mA
Room
10
mV
Dynamic Load Regulation
DVO(load)
IOUT : 1 mA to 150 mA, tr/tf = 2 ms
Room
30
mV
Turn-on Overshoot
DVOOS
VIN followed by SD = High Event
CNOISE v 100 nF
Room
2.5
%
VOUT Turn-On-Time
tON
COUT = 10 mF, VOUT to 90% of final value,
VIN = 3.6 V
Room
350
mS
Thermal Shutdown
Thermal Shutdown Junction Temp
TJ(s/d)
Room
165
_C
Thermal Hysteresis
THYST
Room
20
_C
Short Circuit Current
ISC
VOUT = 0 V
Room
800
mA
Shutdown Input
SD Input Voltage
VIH
High = Regulator ON (Rising)
Full
1.5
VIN
V
SD Input Voltage
VIL
Low = Regulator OFF (Falling)
Full
0.4
V
SD Input Currente
IIH
VSD = 0 V, Regulator OFF
Room
0.01
mA
SD Input Currente
IIL
VSD = 6 V, Regulator ON
Room
1.0
mA
Shutdown Hysteresis
VHYST
Full
100
mV
Error Output
Output High Leakage
IOFF
ERROR = VOUT(nom)
Full
0.01
2
mA
Output Low Voltage
VOL
ISINK = 2 mA
Full
0.4
Power_Good Trip Threshold f, g
(Rising)
VTH
Full
0.93 x
VOUT
0.95 x
VOUT
0.97 x
VOUT
V
Hysteresisf
VHYST
Room
2% x
VOUT
Error Delay
tDELAY
CNOISE v 100 nF
Full
10
mS
Notes
a.
Room = 25_C, Full = −40 to 85_C.
b.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum.
c.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing and are measured at TA = 25_C.
d.
The dropout voltage is defined as VIN − VOUT when VOUT is 100 mV below the value of VOUT for VIN = VOUT + 2 V. This is applicable for voltages of 2.5 V or
higher.
e.
The device’s shutdown pin includes a typical 6-MW internal pull-down resistor connected to ground.
f.
VOUT is defined as the output voltage of the DUT at 1 mA.
g.
Typical only, from VOUT = 2.0 V to VOUT = 1.5 V.


Similar Part No. - SI91821DH-30-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9182 VISHAY-SI9182 Datasheet
129Kb / 10P
   Micropower 250-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 28-Jun-04
SI91822 VISHAY-SI91822 Datasheet
119Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. A, 15-Oct-01
SI91822DB VISHAY-SI91822DB Datasheet
119Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. A, 15-Oct-01
SI91822DH-12-T1 VISHAY-SI91822DH-12-T1 Datasheet
119Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. A, 15-Oct-01
SI91822DH-15-T1 VISHAY-SI91822DH-15-T1 Datasheet
119Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. A, 15-Oct-01
More results

Similar Description - SI91821DH-30-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI91822 VISHAY-SI91822 Datasheet
119Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. A, 15-Oct-01
SI9181 VISHAY-SI9181 Datasheet
125Kb / 10P
   Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. D, 19-Apr-04
SI9181 VISHAY-SI9181_05 Datasheet
167Kb / 11P
   Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 16-May-05
SI9182 VISHAY-SI9182 Datasheet
129Kb / 10P
   Micropower 250-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 28-Jun-04
SI9185 VISHAY-SI9185_V01 Datasheet
189Kb / 13P
   Micropower 500 mA CMOS LDO Regulator with Error Flag/Power-On-Reset
18-Jul-08
logo
Texas Instruments
LP3997 TI-LP3997_15 Datasheet
954Kb / 18P
[Old version datasheet]   Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
logo
National Semiconductor ...
LP3997 NSC-LP3997 Datasheet
279Kb / 11P
   Micropower 250mA CMOS LDO Regulator with Error Flag / Power-On-Reset
logo
Vishay Siliconix
SI91872 VISHAY-SI91872 Datasheet
115Kb / 9P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. F, 20-Jun-05
SI91872 VISHAY-SI91872_V01 Datasheet
127Kb / 10P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
18-Jul-08
logo
ON Semiconductor
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com