Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI91821DH-25-T1-E3 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # SI91821DH-25-T1-E3
Description  Micropower 300-mA CMOS LDO Regulator With Error Flag
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI91821DH-25-T1-E3 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button SI91821DH-25-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI91821DH-25-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI91821DH-25-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI91821DH-25-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI91821DH-25-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI91821DH-25-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI91821DH-25-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI91821DH-25-T1-E3 Datasheet HTML 9Page - Vishay Siliconix SI91821DH-25-T1-E3 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Si91821
Vishay Siliconix
www.vishay.com
10
Document Number: 71614
S-51147–Rev. E, 20-Jun-05
TYPICAL WAVEFORMS
VIN = 4 V
VOUT = 2.775 V
CNOISE = 0.033 mF
ILOAD = 300 mA
Turn-On Sequence
100 ms/div
20 ms/div
Output Noise
VIN = 3.80 V
VOUT = 2.775 V
IOUT = 300 mA
CNOISE = 0.033 mF
BW = 10 Hz to 1 MHz
Noise Spectrum
VIN = 3.80 V
VOUT = 2.775 V/10 mA
CNOISE = 0.033 mF
10 Hz
VIN = 4 V
VOUT = 2.775 V
CNOISE = 0.033 mF
ILOAD = 300 mA
Turn-Off Sequence
VIN
CH-3 2 V/div
VOUT
CH-1 2 V/div
ERROR
CH-2 2 V/div
10 ms/div
mV Hz
1 MHz
20.0
0.01
VIN 2 V/div
VOUT 2 V/div
ERROR 2 V/div
200 mV/div
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and
Package Reliability represent a composite of all qualified locations.
For related documents such as package/tape drawings, part marking, and reliability data, see
http://www.vishay.com/ppg?71614.


Similar Part No. - SI91821DH-25-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9182 VISHAY-SI9182 Datasheet
129Kb / 10P
   Micropower 250-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 28-Jun-04
SI91822 VISHAY-SI91822 Datasheet
119Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. A, 15-Oct-01
SI91822DB VISHAY-SI91822DB Datasheet
119Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. A, 15-Oct-01
SI91822DH-12-T1 VISHAY-SI91822DH-12-T1 Datasheet
119Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. A, 15-Oct-01
SI91822DH-15-T1 VISHAY-SI91822DH-15-T1 Datasheet
119Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. A, 15-Oct-01
More results

Similar Description - SI91821DH-25-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI91822 VISHAY-SI91822 Datasheet
119Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. A, 15-Oct-01
SI9181 VISHAY-SI9181 Datasheet
125Kb / 10P
   Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. D, 19-Apr-04
SI9181 VISHAY-SI9181_05 Datasheet
167Kb / 11P
   Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 16-May-05
SI9182 VISHAY-SI9182 Datasheet
129Kb / 10P
   Micropower 250-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 28-Jun-04
SI9185 VISHAY-SI9185_V01 Datasheet
189Kb / 13P
   Micropower 500 mA CMOS LDO Regulator with Error Flag/Power-On-Reset
18-Jul-08
logo
Texas Instruments
LP3997 TI-LP3997_15 Datasheet
954Kb / 18P
[Old version datasheet]   Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
logo
National Semiconductor ...
LP3997 NSC-LP3997 Datasheet
279Kb / 11P
   Micropower 250mA CMOS LDO Regulator with Error Flag / Power-On-Reset
logo
Vishay Siliconix
SI91872 VISHAY-SI91872 Datasheet
115Kb / 9P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. F, 20-Jun-05
SI91872 VISHAY-SI91872_V01 Datasheet
127Kb / 10P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
18-Jul-08
logo
ON Semiconductor
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com