Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S75PL127JBDBFWB2 Datasheet(PDF) 11 Page - SPANSION

Part # S75PL127JBDBFWB2
Description  Power supply woltage of 2.7 to 3.1 volt
Download  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75PL127JBDBFWB2 Datasheet(HTML) 11 Page - SPANSION

Back Button S75PL127JBDBFWB2 Datasheet HTML 7Page - SPANSION S75PL127JBDBFWB2 Datasheet HTML 8Page - SPANSION S75PL127JBDBFWB2 Datasheet HTML 9Page - SPANSION S75PL127JBDBFWB2 Datasheet HTML 10Page - SPANSION S75PL127JBDBFWB2 Datasheet HTML 11Page - SPANSION S75PL127JBDBFWB2 Datasheet HTML 12Page - SPANSION S75PL127JBDBFWB2 Datasheet HTML 13Page - SPANSION S75PL127JBDBFWB2 Datasheet HTML 14Page - SPANSION S75PL127JBDBFWB2 Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 183 page
background image
January 6, 2005 S75PL127J_00_A1_E
S75PL127J MCPs
11
Pre limiary
Data: S29GL512N
Notes:
1. Type 0 is standard. Specify other options as required.
2. BGA package marking omits leading S and packing type designator from ordering part number.
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this device.
Consult your local sales office to confirm availability of specific valid combinations and to
check on newly released combinations.
Base Ordering
Part Number
Package
&
Temperature
Package
Modifier/
Model Number
Packing
Type
PL127J
Speed
Options
(ns)
pSRAM Supplier/
Access Time (ns)
Package
Marking
S75PL127JBF
BAW
KU
0, 2, 3,
(Note 1)
65
Type 6 / 70
(Note 2)
S75PL127JBF
KB
Type 2 / 70
S75PL127JCF
KU
Type 6 / 70
S75PL127JCF
KB
Type 2 / 70
S75PL127JBF
BFW
KU
Type 6 / 70
S75PL127JBF
KB
Type 2 / 70
S75PL127JCF
KU
Type 6 / 70
S75PL127JCF
KB
Type 2 / 70


Similar Part No. - S75PL127JBDBFWB2

ManufacturerPart #DatasheetDescription
logo
SPANSION
S75PL127NBF SPANSION-S75PL127NBF Datasheet
271Kb / 8P
   Stacked Multi-Chip Product (MCP)
S75PL127NBFJAWGZ0 SPANSION-S75PL127NBFJAWGZ0 Datasheet
271Kb / 8P
   Stacked Multi-Chip Product (MCP)
S75PL127NBFJAWGZ2 SPANSION-S75PL127NBFJAWGZ2 Datasheet
271Kb / 8P
   Stacked Multi-Chip Product (MCP)
S75PL127NBFJAWGZ3 SPANSION-S75PL127NBFJAWGZ3 Datasheet
271Kb / 8P
   Stacked Multi-Chip Product (MCP)
S75PL127NBFJFWGZ0 SPANSION-S75PL127NBFJFWGZ0 Datasheet
271Kb / 8P
   Stacked Multi-Chip Product (MCP)
More results

Similar Description - S75PL127JBDBFWB2

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFR-000403-000001 MA-COM-MAFR-000403-000001 Datasheet
94Kb / 2P
   MAFR-000403-000001 2.7 GHz-3.1 GHz
logo
WOLFSPEED, INC.
CGHV31500F1 WOLFSPEED-CGHV31500F1 Datasheet
2Mb / 26P
   2.7 – 3.1 GHz, 500 W GaN HEMT
Rev. 1.1, 2023-04-24
logo
Power Integrations, Inc...
DI-76 POWERINT-DI-76 Datasheet
285Kb / 2P
   3.1 W Low Parts Count Power Supply
logo
ATMEL Corporation
AT45DB321C ATMEL-AT45DB321C Datasheet
610Kb / 37P
   32 MEGABIT 2.7 VOLT DATAFLASH
AT45DB321C ATMEL-AT45DB321C_06 Datasheet
632Kb / 40P
   32-megabit 2.7 volt DataFlash
AT45DB021D ATMEL-AT45DB021D_07 Datasheet
1Mb / 52P
   2-megabit 2.7-volt DataFlash
AT45DB321D ATMEL-AT45DB321D_08 Datasheet
1Mb / 54P
   32-megabit 2.7-volt DataFlash
AT45DB321D ATMEL-AT45DB321D_07 Datasheet
1Mb / 55P
   32-megabit 2.7-volt DataFlash
AT45DB011D ATMEL-AT45DB011D_07 Datasheet
1Mb / 52P
   1-megabit 2.7-volt DataFlash
AT45DB081D ATMEL-AT45DB081D_08 Datasheet
1Mb / 53P
   8-megabit 2.5-volt or 2.7-volt DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com