Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE5166AHN Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SE5166AHN
Description  150mA CMOS LDO Regulator(Preliminary)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SE5166AHN Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  SE5166AHN Datasheet HTML 1Page - List of Unclassifed Manufacturers SE5166AHN Datasheet HTML 2Page - List of Unclassifed Manufacturers SE5166AHN Datasheet HTML 3Page - List of Unclassifed Manufacturers SE5166AHN Datasheet HTML 4Page - List of Unclassifed Manufacturers SE5166AHN Datasheet HTML 5Page - List of Unclassifed Manufacturers SE5166AHN Datasheet HTML 6Page - List of Unclassifed Manufacturers SE5166AHN Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., 2004. • www.seawardinc.com • Page 6
SEAWARD
ELECTRONICS
150mA CMOS LDO
Regulator
(Preliminary)
SE5166
OUTLINE DRAWING SOT-23-3L (SC-59)
OUTLINE DRAWING TO-92
B
C
A
D
E
F
J
G
H
K
L
MIN
MAX
MIN
MAX
A
0.110
0.120
2.80
3.04
B
0.047
0.055
1.20
1.40
C
0.083
0.104
2.10
2.64
D
0.035
0.040
0.89
1.03
E
0.070
0.080
1.78
2.05
F
0.018
0.024
0.45
0.60
G
0.015
0.020
0.37
0.51
H
0.0005 0.004
0.013
0.10
J
0.034
0.040
0.887
1.02
K
0.003
0.007
0.085
0.18
L
-
0.027
-
0.69
DIM
N
INCHES
MM
DIMENSIONS
A
B
D
E
G
F
H
K
J
MINMAX
MINMAX
A
0.175
0.205
4.445
5.207
B
0.170
0.210
4.318
5.334
E
0.500
0.610
12.70
15.50
F
0.016
0.021
0.407
0.533
G
0.045
0.055
1.143
1.397
H
0.095
0.105
2.413
2.667
J
0.080
0.105
2.032
2.667
K
0.125
0.165
3.175
4.191
DIM
N
INCHES
MM
DIMENSIONS


Similar Part No. - SE5166AHN

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167 Datasheet
297Kb / 8P
   300mA CMOS LDO Voltage Regulator
SE5167AHG-LF SEAWARD-SE5167AHG-LF Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
SE5167AHN-LF SEAWARD-SE5167AHN-LF Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
SE5167ALG-LF SEAWARD-SE5167ALG-LF Datasheet
297Kb / 8P
   300mA CMOS LDO Voltage Regulator
SE5167ALG-LF SEAWARD-SE5167ALG-LF Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
More results

Similar Description - SE5166AHN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CYT6166 ETC2-CYT6166 Datasheet
1Mb / 7P
   150mA CMOS LDO Regulator (Preliminary)
logo
Micrel Semiconductor
MIC5245 MICREL-MIC5245 Datasheet
630Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5246 MICREL-MIC5246 Datasheet
58Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5250 MICREL-MIC5250 Datasheet
168Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5210 MICREL-MIC5210 Datasheet
60Kb / 8P
   Dual 150mA LDO Regulator Preliminary Information
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5168 SEAWARD-SE5168 Datasheet
215Kb / 8P
   150mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217_08 Datasheet
274Kb / 10P
   150mA CMOS LDO Regulator
logo
California Micro Device...
CM3112 CALMIRCO-CM3112 Datasheet
277Kb / 14P
   150mA/1.2V CMOS LDO Regulator
logo
Micrel Semiconductor
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com