Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ABT573ADWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ABT573ADWR
Description  OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT573ADWR Datasheet(HTML) 5 Page - Texas Instruments

  SN74ABT573ADWR Datasheet HTML 1Page - Texas Instruments SN74ABT573ADWR Datasheet HTML 2Page - Texas Instruments SN74ABT573ADWR Datasheet HTML 3Page - Texas Instruments SN74ABT573ADWR Datasheet HTML 4Page - Texas Instruments SN74ABT573ADWR Datasheet HTML 5Page - Texas Instruments SN74ABT573ADWR Datasheet HTML 6Page - Texas Instruments SN74ABT573ADWR Datasheet HTML 7Page - Texas Instruments SN74ABT573ADWR Datasheet HTML 8Page - Texas Instruments SN74ABT573ADWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SN54ABT573, SN74ABT573A
OCTAL TRANSPARENT DTYPE LATCHES
WITH 3STATE OUTPUTS
SCBS190F − JANUARY 1991 − REVISED SEPTEMBER 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
SN74ABT573A
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
MAX
MIN
MAX
tw
Pulse duration, LE high
3.3
3.3
ns
tsu
Setup time, data before LE
High
1.9
1.9
ns
tsu
Setup time, data before LE
Low
1.5
1.5
ns
th
Hold time, data after LE
1.8†
1.8†
ns
† This data-sheet limit may vary among suppliers.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
SN54ABT573
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
tPLH
D
Q
1.9
3.2
5.4
1.4
6.4
ns
tPHL
D
Q
2.2
4.2
5.7
1.6
6.7
ns
tPLH
LE
Q
2.2
4
6.1
2
7.1
ns
tPHL
LE
Q
3.2
5.2
6.7
2.8
7.5
ns
tPZH
OE
Q
1.2
3.2
4.7
0.8
6.2
ns
tPZL
OE
Q
2.7
4.7
6.2
2
7.2
ns
tPHZ
OE
Q
2.5
4.9
6.4
2.2
7.7
ns
tPLZ
OE
Q
2
4.2
6
1.4
7
ns
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
SN74ABT573A
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
tPLH
D
Q
1.9
3.2
5.4
1.9
5.9
ns
tPHL
D
Q
2.2
4.2
5.7
2.2
6.2
ns
tPLH
LE
Q
2.2
4
6.1
2.2
6.6
ns
tPHL
LE
Q
3.2
5.2
6.7
3.2
7.2
ns
tPZH
OE
Q
1.2
3.2
4.7
1.2
5.2
ns
tPZL
OE
Q
2.5†
4.7
6.2
2.5†
6.7
ns
tPHZ
OE
Q
2.5
4.9
6.4
2.5
7.1†
ns
tPLZ
OE
Q
2
4.2
6
2
6.5
ns
† This data-sheet limit may vary among suppliers.


Similar Part No. - SN74ABT573ADWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT573ADWR TI-SN74ABT573ADWR Datasheet
108Kb / 20P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ABT573ADWR TI-SN74ABT573ADWR Datasheet
1Mb / 24P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUT
SN74ABT573ADWRE4 TI-SN74ABT573ADWRE4 Datasheet
1Mb / 24P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUT
SN74ABT573ADWRG4 TI-SN74ABT573ADWRG4 Datasheet
1Mb / 24P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUT
More results

Similar Description - SN74ABT573ADWR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LVC373A HITACHI-HD74LVC373A Datasheet
50Kb / 10P
   Octal D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com