Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE5166BHG Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SE5166BHG
Description  150mA CMOS LDO Regulator(Preliminary)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SE5166BHG Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SE5166BHG Datasheet HTML 1Page - List of Unclassifed Manufacturers SE5166BHG Datasheet HTML 2Page - List of Unclassifed Manufacturers SE5166BHG Datasheet HTML 3Page - List of Unclassifed Manufacturers SE5166BHG Datasheet HTML 4Page - List of Unclassifed Manufacturers SE5166BHG Datasheet HTML 5Page - List of Unclassifed Manufacturers SE5166BHG Datasheet HTML 6Page - List of Unclassifed Manufacturers SE5166BHG Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., 2004. • www.seawardinc.com • Page 1
SEAWARD
ELECTRONICS
150mA CMOS LDO
Regulator
(Preliminary)
SE5166
Description
The SE5166 series of fixed output low dropout
linear regulators are designed for portable battery
powered applications, which require low dropout
voltage and low ground current.
Each device
contains a voltage reference unit, an error amplifier,
a PMOS power transistor, and resistors for setting
output voltage, and current limit and temperature
limit protection circuits.
The SE5166 has been designed to be used
with low cost capacitors and requires a minimum
output capacitor of 1.0µF. Standard voltage versions
are 1.5, 1.8, 2.5, 2.8, 3.0, and 3.3V.
Features
Typical Low Dropout Voltage of 203mV at
75mA.
Guaranteed 150mA output over the full
operating temperature range.
Excellent Line and Load Regulation.
High Accuracy Output Voltage of 2%.
Typical Low Ground Current at 1mA
Current Limiting and Thermal Protection.
Standard SOT-23-3L, TO-92, and SOT-323-3L
Package.
Applications
Cellphones.
Wireless LAN’s.
Hand-Held Instrumentation.
Portable Video Game Devices.
Digital Cameras.
Ordering/Marking Information
Package
Ordering Information
Marking Information
3.3V
SE5166AHN
SE5166AHN
YYWW
2.8V
SE5166BHN
SE5166BHN
YYWW
2.5V
SE5166CHN
SE5166CHN
YYWW
1.8V
SE5166DHN
SE5166DHN
YYWW
1.5V
SE5166EHN
SE5166EHN
YYWW
3.0V
SE5166FHN
SE5166FHN
YYWW
3.3V
SE5166AHG
SE5166AHG
YYWW
2.8V
SE5166BHG
SE5166BHG
YYWW
2.5V
SE5166CHG
SE5166CHG
YYWW
1.8V
SE5166DHG
SE5166DHG
YYWW
1.5V
SE5166EHG
SE5166EHG
YYWW
3.0V
SE5166FHG
SE5166FHG
YYWW
YY: year code
WW: week code.


Similar Part No. - SE5166BHG

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167 Datasheet
297Kb / 8P
   300mA CMOS LDO Voltage Regulator
SE5167AHG-LF SEAWARD-SE5167AHG-LF Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
SE5167AHN-LF SEAWARD-SE5167AHN-LF Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
SE5167ALG-LF SEAWARD-SE5167ALG-LF Datasheet
297Kb / 8P
   300mA CMOS LDO Voltage Regulator
SE5167ALG-LF SEAWARD-SE5167ALG-LF Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
More results

Similar Description - SE5166BHG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CYT6166 ETC2-CYT6166 Datasheet
1Mb / 7P
   150mA CMOS LDO Regulator (Preliminary)
logo
Micrel Semiconductor
MIC5245 MICREL-MIC5245 Datasheet
630Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5246 MICREL-MIC5246 Datasheet
58Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5250 MICREL-MIC5250 Datasheet
168Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5210 MICREL-MIC5210 Datasheet
60Kb / 8P
   Dual 150mA LDO Regulator Preliminary Information
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5168 SEAWARD-SE5168 Datasheet
215Kb / 8P
   150mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217_08 Datasheet
274Kb / 10P
   150mA CMOS LDO Regulator
logo
California Micro Device...
CM3112 CALMIRCO-CM3112 Datasheet
277Kb / 14P
   150mA/1.2V CMOS LDO Regulator
logo
Micrel Semiconductor
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com