Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WCFS0808V1E-JC12 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # WCFS0808V1E-JC12
Description  32K x 8 3.3V Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WCFS0808V1E-JC12 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  WCFS0808V1E-JC12 Datasheet HTML 1Page - List of Unclassifed Manufacturers WCFS0808V1E-JC12 Datasheet HTML 2Page - List of Unclassifed Manufacturers WCFS0808V1E-JC12 Datasheet HTML 3Page - List of Unclassifed Manufacturers WCFS0808V1E-JC12 Datasheet HTML 4Page - List of Unclassifed Manufacturers WCFS0808V1E-JC12 Datasheet HTML 5Page - List of Unclassifed Manufacturers WCFS0808V1E-JC12 Datasheet HTML 6Page - List of Unclassifed Manufacturers WCFS0808V1E-JC12 Datasheet HTML 7Page - List of Unclassifed Manufacturers WCFS0808V1E-JC12 Datasheet HTML 8Page - List of Unclassifed Manufacturers WCFS0808V1E-JC12 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
WCFS0808V1E
Document #: 38-05225 Rev. **
Page 5 of 10
Switching Characteristics Over the Operating Range[5] (Continued)
WCFS0808V1E 15ns
Parameter
Description
Min.
Max.
Unit
READ CYCLE
tRC
Read Cycle Time
15
ns
tAA
Address to Data Valid
15
ns
tOHA
Data Hold from Address Change
3
ns
tACE
CE LOW to Data Valid
15
ns
tDOE
OE LOW to Data Valid
6
ns
tLZOE
OE LOW to Low Z[6]
0
ns
tHZOE
OE HIGH to High Z[6, 7]
6
ns
tLZCE
CE LOW to Low Z[6]
3
ns
tHZCE
CE HIGH to High Z[6, 7]
7
ns
tPU
CE LOW to Power-Up
0
ns
tPD
CE HIGH to Power-Down
15
ns
WRITE CYCLE[8, 9]
tWC
Write Cycle Time
15
ns
tSCE
CE LOW to Write End
10
ns
tAW
Address Set-Up to Write End
10
ns
tHA
Address Hold from Write End
0
ns
tSA
Address Set-Up to Write Start
0
ns
tPWE
WE Pulse Width
10
ns
tSD
Data Set-Up to Write End
8
ns
tHD
Data Hold from Write End
0
ns
tHZWE
WE LOW to High Z[8]
7
ns
tLZWE
WE HIGH to Low Z[6]
3
ns
Data Retention Characteristics (Over the Operating Range)
Parameter
Description
Conditions
Min.
Max.
Unit
VDR
VCC for Data Retention
2.0
V
tCDR
Chip Deselect to Data
Retention Time
VCC = VDR = 2.0V,
CE > VCC – 0.3V,
VIN > VCC – 0.3V or
VIN < 0.3V
0
ns
tR
Operation Recovery Time
tRC
ns


Similar Part No. - WCFS0808V1E-JC12

ManufacturerPart #DatasheetDescription
logo
Weida Semiconductor, In...
WCFS0808C1E WEIDA-WCFS0808C1E Datasheet
193Kb / 10P
   32K x 8 Static RAM
WCFS0808C1E-JC12 WEIDA-WCFS0808C1E-JC12 Datasheet
193Kb / 10P
   32K x 8 Static RAM
WCFS0808C1E-JC15 WEIDA-WCFS0808C1E-JC15 Datasheet
193Kb / 10P
   32K x 8 Static RAM
More results

Similar Description - WCFS0808V1E-JC12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399B CYPRESS-CY7C1399B Datasheet
151Kb / 10P
   32K x 8 3.3V Static RAM
CY7C1399 CYPRESS-CY7C1399 Datasheet
234Kb / 8P
   32K x 8 3.3V Static RAM
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
   32K x 8 Static RAM
logo
Honeywell Solid State E...
HC6856 HONEYWELL-HC6856 Datasheet
160Kb / 12P
   32K x 8 STATIC RAM
logo
Weida Semiconductor, In...
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com