Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S75PL127JBDBFWB3 Datasheet(PDF) 7 Page - SPANSION

Part # S75PL127JBDBFWB3
Description  Power supply woltage of 2.7 to 3.1 volt
Download  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75PL127JBDBFWB3 Datasheet(HTML) 7 Page - SPANSION

Back Button S75PL127JBDBFWB3 Datasheet HTML 3Page - SPANSION S75PL127JBDBFWB3 Datasheet HTML 4Page - SPANSION S75PL127JBDBFWB3 Datasheet HTML 5Page - SPANSION S75PL127JBDBFWB3 Datasheet HTML 6Page - SPANSION S75PL127JBDBFWB3 Datasheet HTML 7Page - SPANSION S75PL127JBDBFWB3 Datasheet HTML 8Page - SPANSION S75PL127JBDBFWB3 Datasheet HTML 9Page - SPANSION S75PL127JBDBFWB3 Datasheet HTML 10Page - SPANSION S75PL127JBDBFWB3 Datasheet HTML 11Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 183 page
background image
January 6, 2005 S75PL127J_00_A1_E
S75PL127J MCPs
7
Pre limiary
Connection Diagram
MCP
GL-Only Addresses PL-GL Shared Addresses
PL, GL, and pSRAM
Shared Addresses
S75PL127JBD
-
A22–A21
A20–A0
S75PL127JCD
-
A22
A21–A0
S75PL127JBE
A23
A22–A21
A20–A0
S75PL127JCE
A23
A22
A21–A0
S75PL127JBF
A24-A23
A22–A21
A20–A0
S75PL127JCF
A24-A23
A22
A21–A0
C9
F2-CE#
B9
RFU
C7
A8
B7
RFU
C6
WE#
B6
F-VCC
E4
A1
DNU
A2
DNU
DNU
DNU
Legend:
GL (Data) only
pSRAM only
PL (Code) Only
PL and GL Shared
Reserved for Future Use
All Shared
C5
F1-WP/ACC
RFU
B5
A11
C8
B8
RFU
D8
A12
E8
A13
F8
A14
G8
A24
H8
DQ15
DQ7
J8
K8
DQ14
L8
RFU
E7
D7
A19
A9
F7
A10
G7
DQ6
H7
DQ13
J7
DQ12
K7
DQ5
L7
RFU
E9
D9
A15
A21
F9
A22
G9
A16
H9
RFU
J9
VSS
K9
F2-WP#/ACC
L9
RFU
L5
F-VCC
K5
DQ11
J5
J5
F-VCC
H5
DQ3
G5
RFU
F5
RFU
RY/BY#
E5
F-RST#
D5
RFU
L2
K2
RFU
G2
A0
F2
A1
E2
A2
D2
A3
C2
RFU
RFU
B2
H2
H2
F1-CE#
H2
R-CE1#
J2
L6
RFU
K6
RFU
H6
DQ4
G6
RFU
F6
A23
E6
A20
D6
R-CE2
R-VCC
J6
VSS
L4
K4
DQ2
DQ10
J4
H4
DQ9
G4
DQ1
F4
A17
A18
R-UB#
D4
RFU
L3
K4
DQ8
DQ0
J3
H3
OE#
G3
VSS
F3
A4
E3
A5
D3
A6
B3
VSS
A7
C3
B4
RFU
R-LB#
C4
Shared (See Table Below)
Top View
Note:
Connect 2-WP#/ ACC (K9) to Flash Vcc.


Similar Part No. - S75PL127JBDBFWB3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S75PL127NBF SPANSION-S75PL127NBF Datasheet
271Kb / 8P
   Stacked Multi-Chip Product (MCP)
S75PL127NBFJAWGZ0 SPANSION-S75PL127NBFJAWGZ0 Datasheet
271Kb / 8P
   Stacked Multi-Chip Product (MCP)
S75PL127NBFJAWGZ2 SPANSION-S75PL127NBFJAWGZ2 Datasheet
271Kb / 8P
   Stacked Multi-Chip Product (MCP)
S75PL127NBFJAWGZ3 SPANSION-S75PL127NBFJAWGZ3 Datasheet
271Kb / 8P
   Stacked Multi-Chip Product (MCP)
S75PL127NBFJFWGZ0 SPANSION-S75PL127NBFJFWGZ0 Datasheet
271Kb / 8P
   Stacked Multi-Chip Product (MCP)
More results

Similar Description - S75PL127JBDBFWB3

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFR-000403-000001 MA-COM-MAFR-000403-000001 Datasheet
94Kb / 2P
   MAFR-000403-000001 2.7 GHz-3.1 GHz
logo
WOLFSPEED, INC.
CGHV31500F1 WOLFSPEED-CGHV31500F1 Datasheet
2Mb / 26P
   2.7 – 3.1 GHz, 500 W GaN HEMT
Rev. 1.1, 2023-04-24
logo
Power Integrations, Inc...
DI-76 POWERINT-DI-76 Datasheet
285Kb / 2P
   3.1 W Low Parts Count Power Supply
logo
ATMEL Corporation
AT45DB321C ATMEL-AT45DB321C Datasheet
610Kb / 37P
   32 MEGABIT 2.7 VOLT DATAFLASH
AT45DB321C ATMEL-AT45DB321C_06 Datasheet
632Kb / 40P
   32-megabit 2.7 volt DataFlash
AT45DB021D ATMEL-AT45DB021D_07 Datasheet
1Mb / 52P
   2-megabit 2.7-volt DataFlash
AT45DB321D ATMEL-AT45DB321D_08 Datasheet
1Mb / 54P
   32-megabit 2.7-volt DataFlash
AT45DB321D ATMEL-AT45DB321D_07 Datasheet
1Mb / 55P
   32-megabit 2.7-volt DataFlash
AT45DB011D ATMEL-AT45DB011D_07 Datasheet
1Mb / 52P
   1-megabit 2.7-volt DataFlash
AT45DB081D ATMEL-AT45DB081D_08 Datasheet
1Mb / 53P
   8-megabit 2.5-volt or 2.7-volt DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com