Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL805UT-A Datasheet(PDF) 11 Page - Micronas

Part # HAL805UT-A
Description  Programmable Linear Hall Effect Sensor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL805UT-A Datasheet(HTML) 11 Page - Micronas

Back Button HAL805UT-A Datasheet HTML 7Page - Micronas HAL805UT-A Datasheet HTML 8Page - Micronas HAL805UT-A Datasheet HTML 9Page - Micronas HAL805UT-A Datasheet HTML 10Page - Micronas HAL805UT-A Datasheet HTML 11Page - Micronas HAL805UT-A Datasheet HTML 12Page - Micronas HAL805UT-A Datasheet HTML 13Page - Micronas HAL805UT-A Datasheet HTML 14Page - Micronas HAL805UT-A Datasheet HTML 15Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
PRELIMINARY DATA SHEET
HAL 805
Micronas
11
Step 2: Calculation of VOQ and Sensitivity
There are two ways to calculate the values for VOQ
and Sensitivity.
Manual Calculation:
Set the system to calibration point 1 (angle 1 =
−25°)
and read the register ADC-READOUT. For our exam-
ple, the result is ADC-READOUT1 =
−2500.
Next, set the system to calibration point 2 (angle 2 =
25°), and read the register ADC-READOUT again. For
our example, the result is ADC-READOUT2 =
+2350.
With these measurements and the targets VOUT1 =
4.5 V and VOUT2 = 0.5 V, the values for Sensitivity and
VOQ are calculated as
Software Calibration:
Use the menu CALIBRATE from the PC software and
enter the values 4.5 V for VOUT1 and 0.5 V for VOUT2.
Set the system to calibration point 1 (angle 1 =
−25°),
hit the button “Read ADC-Readout1”, set the system to
calibration point 2 (angle 2 = 25°), hit the button “Read
ADC-Readout2”, and hit the button “Calculate”. The
software will then calculate the appropriate VOQ and
Sensitivity.
This calculation has to be done individually for each
sensor. Now, write the calculated values with the “write
and store” command into the HAL 805 for program-
ming the sensor.
Step 3: Locking the Sensor
The last step is activating the LOCK function with the
“LOCK” command. The sensor is now locked and does
not respond to any programming or reading com-
mands.
Warning: This register cannot be reset!
3. Specifications
3.1. Outline Dimensions
Fig. 3–1:
Plastic Transistor Single Outline Package
(TO-92UT)
Weight approximately 0.14 g
Dimensions in mm
Note: A mechanical tolerance of
±50 µm applies to all
dimensions where no tolerance is explicitly given.
3.2. Dimensions of Sensitive Area
0.25 mm x 0.25 mm
3.3. Position of Sensitive Area
4.5 V
− 0.5 V
−2500 − 2350
Sensitivity =
5V
2048
*
=
−0.3378
VOQ = 4.5 V −
2048
−2500 * (−0.3378) * 5 V
= 2.438 V
TO-92UT
x1 − x2/ 2 ≤ 0.2 mm
y = 1.5 mm
± 0.2 mm
sensitive area
y
4.06 ±0.1
x2
4.05 ±0.1
13.0
min.
1.27
1.27
(2.54)
123
0.42
0.3
1.5
0.36
branded side
0.8
45
°
0.55
0.48
SPGS0014-3-A/1E
x1


Similar Part No. - HAL805UT-A

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL805UT-A MICRONAS-HAL805UT-A Datasheet
916Kb / 30P
   Programmable Linear Hall-Effect Sensor
More results

Similar Description - HAL805UT-A

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL817 MICRONAS-HAL817 Datasheet
839Kb / 30P
   Programmable Linear Hall-Effect Sensor
logo
Melexis Microelectronic...
MLX90251 MELEXIS-MLX90251 Datasheet
472Kb / 22P
   Programmable Linear Hall Effect Sensor
logo
Micronas
HAL805-1 MICRONAS-HAL805-1 Datasheet
916Kb / 30P
   Programmable Linear Hall-Effect Sensor
HAL810 MICRONAS-HAL810 Datasheet
1Mb / 30P
   Programmable Linear Hall-Effect Sensor
HAL815 MICRONAS-HAL815_1 Datasheet
912Kb / 30P
   Programmable Linear Hall-Effect Sensor
HAL880 MICRONAS-HAL880_1 Datasheet
131Kb / 2P
   Programmable Linear Hall-Effect Sensor
HAL1820UA-A MICRONAS-HAL1820UA-A Datasheet
414Kb / 25P
   Programmable Linear Hall Effect Sensor
HAL800 MICRONAS-HAL800 Datasheet
347Kb / 24P
   Programmable Linear Hall Effect Sensor
HAL880 MICRONAS-HAL880 Datasheet
1Mb / 34P
   Programmable Linear Hall-Effect Sensor
logo
Melexis Microelectronic...
MLX90251 MELEXIS-MLX90251_12 Datasheet
414Kb / 20P
   Programmable Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com