Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDR2H1A1200Z Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # EDR2H1A1200Z
Description  Miniature,cost-effective switching solution
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EDR2H1A1200Z Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  EDR2H1A1200Z Datasheet HTML 1Page - List of Unclassifed Manufacturers EDR2H1A1200Z Datasheet HTML 2Page - List of Unclassifed Manufacturers EDR2H1A1200Z Datasheet HTML 3Page - List of Unclassifed Manufacturers EDR2H1A1200Z Datasheet HTML 4Page - List of Unclassifed Manufacturers EDR2H1A1200Z Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPECIFICATIONS
COIL RATING
Contact
form
Nominal
Voltage
(VDC)
Max.
Operate
Voltage
(VDC)
Pull-in
Voltage
(VDC)
Dropout
Voltage
(VDC)
Coil
Resistance(
)
Nominal
input
power(mW)
1A
5
16
3.75
0.8
500±10%
50
12
20
9.00
1.0
1000±10%
144
24
32
18.00
2.0
2150±10%
268
2A
5
11
3.75
0.8
140±10%
179
12
20
9.00
1.0
500±10%
288
24
32
18.00
2.0
2150±10%
268
1B
5
6
3.75
0.8
500±10%
50
12
14.5
9.00
1.0
1000±10%
144
24
29
18.00
2.0
2150±10%
268
1C
5
11
3.75
0.8
200±10%
125
12
20
9.00
1.0
500±10%
288
24
32
18.00
2.0
2150±10%
268
Special design are available on request.
CONTACT RATING
Contact form
1A
2A
1B
1C
Switching current
0.5 ADC Max.
0.5 ADC Max.
0.5 ADC Max.
0.2 ADC Max.
Carry current
1.0 ADC Max.
1.0 ADC Max.
1.0 ADC Max.
0.5 ADC Max.
Switching power
10 VA Max.
10 VA Max.
10 VA Max.
3 VA Max.
Electrical life
1x108
(Ref
10VDC,10mA)
1x108
(Ref
10VDC,10mA)
1x108
(Ref
10VDC,10mA)
5x107
(Ref 5VDC,1mA)
Contact resistance
150m Max.
150m Max.
150m Max.
150m Max.
Operate time
(including bounce time)
1.0ms Max.
1.0ms Max.
1.0ms Max.
1.5ms Max.
Release time
0.5ms Max.
0.5ms Max.
0.5ms Max.
2.0ms Max.
Maximum voltage
100 VDC Max.
100 VDC Max.
100 VDC Max.
30 VDC Max.
Insulation resistance
(at 100 VDC)
1010 Min.
1010 Min.
1010 Min.
109 Min.
Dielectric
strength
Coil
to contact
1400 VDC Min.
(General)
4000 VDC Min.
(High insulation)
1400 VDC Min.
1400 VDC Min.
1400 VDC Min.
Across
contacts
250 VDC Min.
250 VDC Min.
250 VDC Min.
150 VDC Min.
Temperature range
Operating temperature
Storage temperature
-40 ~ +85
-55 ~ +125
-40 ~ +85
-55 ~ +125
-40 ~ +85
-55 ~ +125
-40 ~ +85
-55 ~ +125
Shock resistance
30G Min.
30G Min.
30G Min.
30G Min.


Similar Part No. - EDR2H1A1200Z

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDR2518ABSE ELPIDA-EDR2518ABSE Datasheet
1Mb / 79P
   288M bits Direct Rambus DRAM
EDR2518ABSE-8C ELPIDA-EDR2518ABSE-8C Datasheet
1Mb / 79P
   288M bits Direct Rambus DRAM
EDR2518ABSE-8C-E ELPIDA-EDR2518ABSE-8C-E Datasheet
1Mb / 79P
   288M bits Direct Rambus DRAM
EDR2518ABSE-AD ELPIDA-EDR2518ABSE-AD Datasheet
1Mb / 79P
   288M bits Direct Rambus DRAM
EDR2518ABSE-AD-E ELPIDA-EDR2518ABSE-AD-E Datasheet
1Mb / 79P
   288M bits Direct Rambus DRAM
More results

Similar Description - EDR2H1A1200Z

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
ECE118 LSTD-ECE118 Datasheet
1Mb / 1P
   Cost-effective solution
ECE072 LSTD-ECE072 Datasheet
462Kb / 2P
   Cost-effective solution
logo
Axiomtek Co., Ltd.
NA-820L AXIOMTEK-NA-820L Datasheet
159Kb / 1P
   High performance and cost-effective solution
logo
Advantech Co., Ltd.
ARK-1310 ADVANTECH-ARK-1310 Datasheet
389Kb / 2P
   Cost-effective, Entry-level Automation System Solution
ARK-1360 ADVANTECH-ARK-1360 Datasheet
408Kb / 2P
   Cost Effective Intel짰 Atom??Solution with miniPCIe Expansion Slot
logo
American Electronic Com...
DG31A AEC-DG31A Datasheet
310Kb / 2P
   Cost effective
logo
ECS, Inc.
ECS-36-S-1 ECS-ECS-36-S-1 Datasheet
157Kb / 1P
   Cost effective
logo
American Electronic Com...
DG81C AEC-DG81C Datasheet
336Kb / 2P
   Cost effective
DG27 AEC-DG27 Datasheet
355Kb / 2P
   Cost effective
logo
List of Unclassifed Man...
TRR2A12F ETC1-TRR2A12F Datasheet
159Kb / 2P
   Miniature, cost-efective switching solution,,state of the art capsule designs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com