Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTC323TK Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PDTC323TK
Description  NPN 500 mA, 15 V resistor-equipped transistor;l
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC323TK Datasheet(HTML) 6 Page - NXP Semiconductors

  PDTC323TK Datasheet HTML 1Page - NXP Semiconductors PDTC323TK Datasheet HTML 2Page - NXP Semiconductors PDTC323TK Datasheet HTML 3Page - NXP Semiconductors PDTC323TK Datasheet HTML 4Page - NXP Semiconductors PDTC323TK Datasheet HTML 5Page - NXP Semiconductors PDTC323TK Datasheet HTML 6Page - NXP Semiconductors PDTC323TK Datasheet HTML 7Page - NXP Semiconductors PDTC323TK Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
9397 750 14946
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 3 June 2005
6 of 8
Philips Semiconductors
PDTC323TK
NPN 500 mA resistor-equipped transistor; R1 = 2.2 k
Ω, R2 = open
10. Revision history
Table 9:
Revision history
Document ID
Release date
Data sheet status
Change notice
Doc. number
Supersedes
PDTC323TK_1
20050603
Product data sheet
-
9397 750 14946
-


Similar Part No. - PDTC323TK

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTC113EE NEXPERIA-PDTC113EE Datasheet
235Kb / 19P
   PNP resistor-equipped transistors; R1 = 1 kW, R2 = 1 kW
Rev. 05 - 2 September 2009
PDTC113EK NEXPERIA-PDTC113EK Datasheet
235Kb / 19P
   PNP resistor-equipped transistors; R1 = 1 kW, R2 = 1 kW
Rev. 05 - 2 September 2009
PDTC113EM NEXPERIA-PDTC113EM Datasheet
235Kb / 19P
   PNP resistor-equipped transistors; R1 = 1 kW, R2 = 1 kW
Rev. 05 - 2 September 2009
PDTC113ES NEXPERIA-PDTC113ES Datasheet
235Kb / 19P
   PNP resistor-equipped transistors; R1 = 1 kW, R2 = 1 kW
Rev. 05 - 2 September 2009
PDTC113ET NEXPERIA-PDTC113ET Datasheet
235Kb / 19P
   PNP resistor-equipped transistors; R1 = 1 kW, R2 = 1 kW
Rev. 05 - 2 September 2009
More results

Similar Description - PDTC323TK

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTD1XXXT NEXPERIA-PDTD1XXXT Datasheet
2Mb / 18P
   500 mA, 50 V NPN resistor-equipped transistors
PDTD113ZQA_SER NEXPERIA-PDTD113ZQA_SER Datasheet
1Mb / 22P
   50 V, 500 mA NPN resistor-equipped transistors
Rev. 1 - 31 March 2016
logo
NXP Semiconductors
PDTD1XXXT PHILIPS-PDTD1XXXT_15 Datasheet
1Mb / 18P
   500 mA, 50 V NPN resistor-equipped transistors
Rev. 1-15 May 2014
PDTD1XXXU PHILIPS-PDTD1XXXU_15 Datasheet
2Mb / 27P
   500 mA, 50 V NPN resistor-equipped transistors
Rev. 1-13 May 2014
PDTD123E PHILIPS-PDTD123E_15 Datasheet
131Kb / 10P
   NPN 500 mA, 50 V resistor-equipped transistors
Rev. 02-16 November 2009
logo
Nexperia B.V. All right...
PDTD113EQA NEXPERIA-PDTD113EQA Datasheet
2Mb / 24P
   50 V, 500 mA NPN resistor-equipped transistors
PDTD1XXXU NEXPERIA-PDTD1XXXU Datasheet
3Mb / 27P
   500 mA, 50 V NPN resistor-equipped transistors
PDTD113Z NEXPERIA-PDTD113Z Datasheet
1Mb / 22P
   50 V, 500 mA NPN resistor-equipped transistors
PDTD113EQA_SER NEXPERIA-PDTD113EQA_SER Datasheet
2Mb / 24P
   50 V, 500 mA NPN resistor-equipped transistors
Rev. 1 - 4 February 2016
PDTD1XXXU_SER NEXPERIA-PDTD1XXXU_SER Datasheet
3Mb / 27P
   500 mA, 50 V NPN resistor-equipped transistors
Rev. 1 - 13 May 2014
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com