Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6R4008V1D-UC10 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # K6R4008V1D-UC10
Description  256Kx16 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R4008V1D-UC10 Datasheet(HTML) 5 Page - Samsung semiconductor

  K6R4008V1D-UC10 Datasheet HTML 1Page - Samsung semiconductor K6R4008V1D-UC10 Datasheet HTML 2Page - Samsung semiconductor K6R4008V1D-UC10 Datasheet HTML 3Page - Samsung semiconductor K6R4008V1D-UC10 Datasheet HTML 4Page - Samsung semiconductor K6R4008V1D-UC10 Datasheet HTML 5Page - Samsung semiconductor K6R4008V1D-UC10 Datasheet HTML 6Page - Samsung semiconductor K6R4008V1D-UC10 Datasheet HTML 7Page - Samsung semiconductor K6R4008V1D-UC10 Datasheet HTML 8Page - Samsung semiconductor K6R4008V1D-UC10 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
K6R4016C1D
CMOS SRAM
PRELIMPreliminaryPPPPPPPPPINARY
Rev 2.0
- 5 -
June 2003
RECOMMENDED DC OPERATING CONDITIONS* (TA=0 to 70
°C)
*
The above parameters are also guaranteed at industrial temperature range.
**
VIL(Min) = -2.0V a.c(Pulse Width
≤ 8ns) for I ≤ 20mA.
*** VIH(Max) = V CC + 2.0V a.c (Pulse Width
≤ 8ns) for I ≤ 20mA.
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VCC
4.5
5.0
5.5
V
Ground
VSS
0
0
0
V
Input High Voltage
VIH
2.2
-
VCC+0.5***
V
Input Low Voltage
VIL
-0.5**
-
0.8
V
CAPACITANCE*(TA=25
°C, f=1.0MHz)
* Capacitance is sampled and not 100% tested.
Item
Symbol
Test Conditions
TYP
Max
Unit
Input/Output Capacitance
CI/O
VI/O=0V
-
8
pF
Input Capacitance
CIN
VIN=0V
-
6
pF
DC AND OPERATING CHARACTERISTICS*(TA=0 to 70
°C, Vcc=5.0V±10%, unless otherwise specified)
* The above parameters are also guaranteed at industrial temperature range.
Parameter
Symbol
Test Conditions
Min
Max
Unit
Input Leakage Current
ILI
VIN=VSS to VCC
-2
2
µA
Output Leakage Current
ILO
CS =VIH or OE=VIH or WE=V IL
VOUT=VSS to VCC
-2
2
µA
Operating Current
ICC
Min. Cycle, 100% Duty
CS =VIL, VIN=V IH or VIL, IOUT=0mA
Com.
10ns
-
65
mA
Ind.
10ns
-
75
Standby Current
ISB
Min. Cycle, CS=V IH
-
20
mA
ISB1
f=0MHz, CS
≥V CC-0.2V,
VIN
≥VCC-0.2V or VIN≤0.2V
-
5
Output Low Voltage Level
VOL
IOL=8mA
-
0.4
V
Output High Voltage Level
VOH
IOH=-4mA
2.4
-
V


Similar Part No. - K6R4008V1D-UC10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R4008V1D-J SAMSUNG-K6R4008V1D-J Datasheet
245Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1D-JC SAMSUNG-K6R4008V1D-JC Datasheet
218Kb / 9P
   1Mx4 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges
K6R4008V1D-KI10T00 SAMSUNG-K6R4008V1D-KI10T00 Datasheet
245Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
More results

Similar Description - K6R4008V1D-UC10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K64004C1D SAMSUNG-K64004C1D Datasheet
177Kb / 9P
   1Mx4 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1C-C SAMSUNG-K6R4008V1C-C Datasheet
139Kb / 9P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1D SAMSUNG-K6R4008V1D Datasheet
239Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1D-KI10T00 SAMSUNG-K6R4008V1D-KI10T00 Datasheet
245Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4004V1D SAMSUNG-K6R4004V1D Datasheet
218Kb / 9P
   1Mx4 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges
K6R1016V1D SAMSUNG-K6R1016V1D Datasheet
259Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
KM68257E SAMSUNG-KM68257E Datasheet
166Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1016V1C SAMSUNG-K6R1016V1C Datasheet
307Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1008V1D SAMSUNG-K6R1008V1D Datasheet
102Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1004V1D SAMSUNG-K6R1004V1D Datasheet
192Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com