Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTA11ASQ61.2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CTA11ASQ61.2
Description  Switch Ccapacity up to 25A, Small size and light weight, PCB pin qiock connect mounting available
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CTA11ASQ61.2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CTA11ASQ61.2 Datasheet HTML 1Page - List of Unclassifed Manufacturers CTA11ASQ61.2 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Distributor: Electro-Stock www.electrostock.com
Tel: 630-682-1542
Fax: 630-682-1562
ORDERING INFORMATION
1. Series:
CTA1
CTA1
2.Contact Arrangement:
1A=SPST N.O.
1C=SPDT
1A
3. Sealing Options:
S = Sealed
C = Dust Cover
S
4. Termination:
P = PCB Pins
Q = Quick Connect
Q
5. Coil Voltage:
6VDC
12VDC
24VDC
48VDC
12
6. Coil Power:
1.2 = 1.2W
1.5 = 1.5W
1.2
7. Coil Suppression:
Blank = Standard
D = Diode (1N4005)
R = Resistor (680 Ohms)
** Consult factory if other values
are needed.
DIMENSIONS (Units = mm)
PC PIN DIMENSIONS (Units = mm)
SCHEMATICS & PC LAYOUT (BOTTOM VIEWS)
1A
1C
CTA1


Similar Part No. - CTA11ASQ61.2

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
CTA11ASQ6 CIT-CTA11ASQ6 Datasheet
158Kb / 2P
   CIT SWITCH
CTA11ASQ6D CIT-CTA11ASQ6D Datasheet
158Kb / 2P
   CIT SWITCH
CTA11ASQ6R CIT-CTA11ASQ6R Datasheet
158Kb / 2P
   CIT SWITCH
More results

Similar Description - CTA11ASQ61.2

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J151 CIT-J151 Datasheet
290Kb / 4P
   Switching capacity up to 20A; small size and light weight
CTA12 CIT-CTA12 Datasheet
147Kb / 2P
   Switching capacity up to 20A Small size and light weight
logo
HuaXinAn Electronics CO...
NVF4-1C HUAXINAN-NVF4-1C Datasheet
1Mb / 1P
   Small size and light weight
NVF4-8 HUAXINAN-NVF4-8 Datasheet
518Kb / 1P
   Small size and light weight.
logo
CIT Relay & Switch
A51AS12VDC1.6U CIT-A51AS12VDC1.6U Datasheet
117Kb / 3P
   Small size and light weight
logo
HuaXinAn Electronics CO...
NVF4-2U HUAXINAN-NVF4-2U Datasheet
1Mb / 1P
   Small size and light weight
NVF4-1U HUAXINAN-NVF4-1U Datasheet
1Mb / 1P
   Small size and light weight
NVF4-2A HUAXINAN-NVF4-2A Datasheet
1Mb / 1P
   Small size and light weight
logo
CIT Relay & Switch
A16 CIT-A16 Datasheet
110Kb / 2P
   Small size and light weight
J107E3 CIT-J107E3 Datasheet
96Kb / 3P
   Small size and light weight
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com