Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4S64323LH-HL60 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # K4S64323LH-HL60
Description  512K x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S64323LH-HL60 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button K4S64323LH-HL60 Datasheet HTML 4Page - Samsung semiconductor K4S64323LH-HL60 Datasheet HTML 5Page - Samsung semiconductor K4S64323LH-HL60 Datasheet HTML 6Page - Samsung semiconductor K4S64323LH-HL60 Datasheet HTML 7Page - Samsung semiconductor K4S64323LH-HL60 Datasheet HTML 8Page - Samsung semiconductor K4S64323LH-HL60 Datasheet HTML 9Page - Samsung semiconductor K4S64323LH-HL60 Datasheet HTML 10Page - Samsung semiconductor K4S64323LH-HL60 Datasheet HTML 11Page - Samsung semiconductor K4S64323LH-HL60 Datasheet HTML 12Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
K4S64323LH - F(H)E/N/G/C/L/F
February 2004
Mobile-SDRAM
Normal MRS Mode
Test Mode
CAS Latency
Burst Type
Burst Length
A8
A7
Type
A6
A5
A4
Latency
A3
Type
A2
A1
A0
BT=0
BT=1
0
0
Mode Register Set
0
0
0
Reserved
0
Sequential
0
0
0
1
1
0
1
Reserved
0
0
1
1
1
Interleave
0
0
1
2
2
1
0
Reserved
0
1
0
2
Mode Select
0
1
0
4
4
1
1
Reserved
0
1
1
3
BA1 BA0
Mode
0
1
1
8
8
Write Burst Length
1
0
0
Reserved
0
0
Setting
for Nor-
mal MRS
1
0
0
Reserved
Reserved
A9
Length
1
0
1
Reserved
1
0
1
Reserved
Reserved
0
Burst
1
1
0
Reserved
1
1
0
Reserved
Reserved
1
Single Bit
1
1
1
Reserved
1
1
1
Full Page
Reserved
Register Programmed with Normal MRS
Address
BA0 ~ BA1
A10/AP
A9*2
A8
A7
A6
A5
A4
A3
A2
A1
A0
Function
"0" Setting for
Normal MRS
RFU*1
W.B.L
Test Mode
CAS Latency
BT
Burst Length
A. MODE REGISTER FIELD TABLE TO PROGRAM MODES
Register Programmed with Extended MRS
Address
BA1
BA0
A10/AP
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Function
Mode Select
RFU*1
DS
RFU*1
PASR
NOTES:
1. RFU(Reserved for future use) should stay "0" during MRS cycle.
2. If A9 is high during MRS cycle, "Burst Read Single Bit Write" function will be enabled.
Mode Select
Driver Strength
PASR
BA1
BA0
Mode
A6
A5
Driver Strength
A2
A1
A0
Size of Refreshed Array
0
0
Normal MRS
0
0
Full
0
0
0
Full Array
0
1
Reserved
0
1
1/2
0
0
1
1/2 of Full Array
1
0
EMRS for Mobile SDRAM
1
0
Reserved
0
1
0
1/4 of Full Array
1
1
Reserved
1
1
Reserved
0
1
1
Reserved
Reserved Address
1
0
0
Reserved
A10/AP
A9
A8
A7
A4
A3
1
0
1
Reserved
0
0
0
0
0
0
1
1
0
Reserved
1
1
1
Reserved
EMRS for PASR(Partial Array Self Ref.) & DS(Driver Strength)
Full Page Length x32 : 64Mb(256)


Similar Part No. - K4S64323LH-HL60

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S64323LF-DG/S15 SAMSUNG-K4S64323LF-DG/S15 Datasheet
64Kb / 8P
   2Mx32 Mobile SDRAM 90FBGA
K4S64323LF-DG/S1H SAMSUNG-K4S64323LF-DG/S1H Datasheet
64Kb / 8P
   2Mx32 Mobile SDRAM 90FBGA
K4S64323LF-DG/S1L SAMSUNG-K4S64323LF-DG/S1L Datasheet
64Kb / 8P
   2Mx32 Mobile SDRAM 90FBGA
K4S64323LF-DG/S75 SAMSUNG-K4S64323LF-DG/S75 Datasheet
64Kb / 8P
   2Mx32 Mobile SDRAM 90FBGA
K4S64323LF-DG15 SAMSUNG-K4S64323LF-DG15 Datasheet
64Kb / 8P
   2Mx32 Mobile SDRAM 90FBGA
More results

Similar Description - K4S64323LH-HL60

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4M283233H SAMSUNG-K4M283233H Datasheet
151Kb / 12P
   1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S56323LF SAMSUNG-K4S56323LF Datasheet
140Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S563233F SAMSUNG-K4S563233F Datasheet
140Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M28323PH-F SAMSUNG-K4M28323PH-F Datasheet
144Kb / 12P
   1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M563233E-M SAMSUNG-K4M563233E-M Datasheet
141Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M56323LE SAMSUNG-K4M56323LE Datasheet
141Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M563233G SAMSUNG-K4M563233G Datasheet
143Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M513233C SAMSUNG-K4M513233C Datasheet
142Kb / 12P
   4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S56323PF SAMSUNG-K4S56323PF Datasheet
143Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S51323L SAMSUNG-K4S51323L Datasheet
144Kb / 12P
   4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com