Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6R4008V1D-UI10 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K6R4008V1D-UI10
Description  256Kx16 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R4008V1D-UI10 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K6R4008V1D-UI10 Datasheet HTML 4Page - Samsung semiconductor K6R4008V1D-UI10 Datasheet HTML 5Page - Samsung semiconductor K6R4008V1D-UI10 Datasheet HTML 6Page - Samsung semiconductor K6R4008V1D-UI10 Datasheet HTML 7Page - Samsung semiconductor K6R4008V1D-UI10 Datasheet HTML 8Page - Samsung semiconductor K6R4008V1D-UI10 Datasheet HTML 9Page - Samsung semiconductor K6R4008V1D-UI10 Datasheet HTML 10Page - Samsung semiconductor K6R4008V1D-UI10 Datasheet HTML 11Page - Samsung semiconductor K6R4008V1D-UI10 Datasheet HTML 12Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
K6R4016C1D
CMOS SRAM
PRELIMPreliminaryPPPPPPPPPINARY
Rev 2.0
- 11
June 2003
#1
44-SOJ-400
#44
25.58 ±0.12
1.125 ±0.005
MAX
28.98
1.141
MAX
0.148
3.76
1.19
(
)
0.047
1.27
(
)
0.050
0.95
(
)
0.0375
+0.10
0.43
-0.05
+0.004
0.017
- 0.002
+0.10
0.71
-0.05
+0.004
0.028 -0.002
1.27
0.050
+0.10
0.20 -0.05
+0.004
0.008 - 0.002
9.40 ±0.25
0.370 ±0.010
MIN
0.69
0.027
#22
#23
0.004
0.10 MAX
11.18 ±0.12
0.440 ±0.005
PACKAGE DIMENSIONS
Units:millimeters/Inches
1.00 ±0.10
0.039 ±0.004
44-TSOP2-400BF
0.002
#1
0.05
#22
#23
0.30
0.012
0.80
0.0315
MIN
0.047
1.20
MAX
0.741
18.81
MAX
18.41 ±0.10
0.725 ±0.004
11.76 ±0.20
0.463 ±0.008
+ 0.075
- 0.035
0.50
+ 0.003
- 0.001
0.125
0.005
0.020
0.10
0.004
0~8
°
0.45 ~0.75
0.018 ~ 0.030
(
)
0.805
0.032
(
)
MAX
Units:millimeters/Inches
#44
0.25
0.010 TYP
+0.10
−0.05
+0.004
−0.002


Similar Part No. - K6R4008V1D-UI10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R4008V1D-J SAMSUNG-K6R4008V1D-J Datasheet
245Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1D-JC SAMSUNG-K6R4008V1D-JC Datasheet
218Kb / 9P
   1Mx4 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges
K6R4008V1D-KI10T00 SAMSUNG-K6R4008V1D-KI10T00 Datasheet
245Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
More results

Similar Description - K6R4008V1D-UI10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K64004C1D SAMSUNG-K64004C1D Datasheet
177Kb / 9P
   1Mx4 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1C-C SAMSUNG-K6R4008V1C-C Datasheet
139Kb / 9P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1D SAMSUNG-K6R4008V1D Datasheet
239Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1D-KI10T00 SAMSUNG-K6R4008V1D-KI10T00 Datasheet
245Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4004V1D SAMSUNG-K6R4004V1D Datasheet
218Kb / 9P
   1Mx4 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges
K6R1016V1D SAMSUNG-K6R1016V1D Datasheet
259Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
KM68257E SAMSUNG-KM68257E Datasheet
166Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1016V1C SAMSUNG-K6R1016V1C Datasheet
307Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1008V1D SAMSUNG-K6R1008V1D Datasheet
102Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1004V1D SAMSUNG-K6R1004V1D Datasheet
192Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com