Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM23V32005BG Datasheet(PDF) 1 Page - Samsung semiconductor

Part # KM23V32005BG
Description  32M-Bit (4Mx8/2Mx16) COMS MASK ROM
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM23V32005BG Datasheet(HTML) 1 Page - Samsung semiconductor

  KM23V32005BG Datasheet HTML 1Page - Samsung semiconductor KM23V32005BG Datasheet HTML 2Page - Samsung semiconductor KM23V32005BG Datasheet HTML 3Page - Samsung semiconductor KM23V32005BG Datasheet HTML 4Page - Samsung semiconductor KM23V32005BG Datasheet HTML 5Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KM23V32005BG
CMOS MASK ROM
32M-Bit (4Mx8 /2Mx16) CMOS MASK ROM
The KM23V32005BG is a fully static mask programmable ROM
fabricated using silicon gate CMOS process technology, and is
organized
either
as
4,194,304x8
bit(byte
mode)
or
as
2,097,152x16 bit(word mode) depending on BHE voltage
level.(See mode selection table)
This device includes page read mode function, page read mode
allows 8 words(or 16 bytes) of data to read fast in the same
page, CE and A3 ~ A20 should not be changed.
This device operates with a 3.3V power supply, and all inputs
and outputs are TTL compatible.
Because of its asynchronous operation, it requires no external
clock assuring extremely easy operation.
It is suitable for use in program memory of microprocessor, and
data memory, character generator.
The KM23V32005BG is packaged in a 44-SOP.
GENERAL DESCRIPTION
FEATURES
• Switchable organization
4,194,304x8(byte mode)
2,097,152x16(word mode)
• Fast access time
Random Access Time : 100ns(Max.)
Page Access Time
: 30ns(Max.)
• 8 words / 16 bytes page access
• Supply voltage : single +3.3V
• Current consumption
Operating : 60mA(Max.)
Standby
: 30
µA(Max.)
• Fully static operation
• All inputs and outputs TTL compatible
• Three state outputs
• Package
KM23V32005BG : 44-SOP-600
A20
X
A0~A2
AND
DECODER
BUFFERS
A3
Y
AND
DECODER
BUFFERS
MEMORY CELL
SENSE AMP.
CONTROL
LOGIC
MATRIX
(2,097,152x16/
4,194,304x8)
DATA OUT
BUFFERS
A-1
CE
OE
BHE
.
.
.
.
.
.
.
.
Q0/Q8
Q7/Q15
. . .
PIN CONFIGURATION
N.C
A18
A17
A7
A6
A5
A4
A3
A2
A1
A0
CE
VSS
OE
Q0
Q8
Q1
Q9
Q4
Q12
Q5
Q13
Q6
VSS
Q14
Q7
Q15/A-1
SOP
KM23V32005BG
FUNCTIONAL BLOCK DIAGRAM
1
2
44
43
3
4
42
41
5
6
40
39
7
8
38
37
9
10
36
35
11
12
34
33
13
14
32
31
15
16
30
29
17
18
28
27
19
20
26
25
21
22
24
23
Q2
Q10
Q3
Q11
A20
A19
A8
A9
A10
A11
A12
A13
A14
A15
A16
BHE
VCC
Pin Name
Pin Function
A0 - A2
Page Address Inputs
A3 - A20
Address Inputs
Q0 - Q14
Data Outputs
Q15 /A-1
Output 15(Word mode)/
LSB Address(Byte mode)
BHE
Word/Byte selection
CE
Chip Enable
OE
Output Enable
VCC
Power (3.3V)
VSS
Ground
N.C
No Connection


Similar Part No. - KM23V32005BG

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM23V8105D SAMSUNG-KM23V8105D Datasheet
91Kb / 5P
   8M-Bit (1Mx8 /512Kx16) CMOS MASK ROM
KM23V8105DG SAMSUNG-KM23V8105DG Datasheet
91Kb / 5P
   8M-Bit (1Mx8 /512Kx16) CMOS MASK ROM
KM23V8105G SAMSUNG-KM23V8105G Datasheet
91Kb / 5P
   8M-Bit (1Mx8 /512Kx16) CMOS MASK ROM
More results

Similar Description - KM23V32005BG

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K3P6C2000B-SC SAMSUNG-K3P6C2000B-SC Datasheet
63Kb / 4P
   32M-Bit (2Mx16 /1Mx32) CMOS MASK ROM
logo
Macronix International
MX23L3213 MCNIX-MX23L3213 Datasheet
181Kb / 6P
   32M-BIT MASK ROM
logo
Generalplus Technology ...
GPR23L3200E GENERALPLUS-GPR23L3200E Datasheet
238Kb / 10P
   32M-BIT MASK ROM
logo
SONiX Technology Compan...
SNR032 SONIX-SNR032 Datasheet
250Kb / 10P
   32M-bit Mask ROM
logo
Macronix International
MX23L3212 MCNIX-MX23L3212 Datasheet
156Kb / 6P
   32M-BIT MASK ROM
MX23L3216 MCNIX-MX23L3216 Datasheet
39Kb / 5P
   32M-BIT MASK ROM
MX23L3214 MCNIX-MX23L3214 Datasheet
435Kb / 9P
   32M-BIT MASK ROM
logo
Generalplus Technology ...
GPR23L3211E GENERALPLUS-GPR23L3211E Datasheet
302Kb / 10P
   32M-Bit Page Mode Mask Rom
logo
Macronix International
MX23L3222 MCNIX-MX23L3222 Datasheet
37Kb / 6P
   32M-BIT MASK ROM (16/32 BIT OUTPUT)
MX23C3210 MCNIX-MX23C3210_99 Datasheet
118Kb / 8P
   32M-BIT MASK ROM (8/16-BIT OUTPUT)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com