Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M368L3223CTL-LA2 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # M368L3223CTL-LA2
Description  256MB DDR SDRAM MODULE Unbuffered 184pin DIMM 64-bit Non-ECC/Parity
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M368L3223CTL-LA2 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button M368L3223CTL-LA2 Datasheet HTML 4Page - Samsung semiconductor M368L3223CTL-LA2 Datasheet HTML 5Page - Samsung semiconductor M368L3223CTL-LA2 Datasheet HTML 6Page - Samsung semiconductor M368L3223CTL-LA2 Datasheet HTML 7Page - Samsung semiconductor M368L3223CTL-LA2 Datasheet HTML 8Page - Samsung semiconductor M368L3223CTL-LA2 Datasheet HTML 9Page - Samsung semiconductor M368L3223CTL-LA2 Datasheet HTML 10Page - Samsung semiconductor M368L3223CTL-LA2 Datasheet HTML 11Page - Samsung semiconductor M368L3223CTL-LA2 Datasheet HTML 12Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
184pin Unbuffered DDR SDRAM MODULE
Rev. 0.3 May. 2002
M368L3223CTL
AC Timming Parameters & Specifications (These AC charicteristics were tested on the Component)
Parameter
Symbol
-TCB3
(DDR333)
-TCA2
(DDR266A)
-TCB0
(DDR266B)
Unit
Note
Min
Max
Min
Max
Min
Max
Row cycle time
tRC
60
65
65
ns
Refresh row cycle time
tRFC
72
75
75
ns
Row active time
tRAS
42
70K
45
120K
45
120K
ns
RAS to CAS delay
tRCD
18
20
20
ns
Row precharge time
tRP
18
20
20
ns
Row active to Row active delay
tRRD
12
15
15
ns
Write recovery time
tWR
15
15
15
ns
Last data in to Read command
tWTR
1
1
1
tCK
Col. address to Col. address delay
tCCD
1
1
1
tCK
Clock cycle time
CL=2.0
tCK
7.5
12
7.5
12
10
12
ns
5
CL=2.5
6
12
7.5
12
7.5
12
ns
5
Clock high level width
tCH
0.45
0.55
0.45
0.55
0.45
0.55
tCK
Clock low level width
tCL
0.45
0.55
0.45
0.55
0.45
0.55
tCK
DQS-out access time from CK/CK
tDQSCK
-0.6
+0.6
-0.75
+0.75
-0.75
+0.75
ns
Output data access time from CK/ CK
tAC
-0.7
+0.7
-0.75
+0.75
-0.75
+0.75
ns
Data strobe edge to ouput data edge
tDQSQ
-
0.45
-
0.5
-
0.5
ns
5
Read Preamble
tRPRE
0.9
1.1
0.9
1.1
0.9
1.1
tCK
Read Postamble
tRPST
0.4
0.6
0.4
0.6
0.4
0.6
tCK
CK to valid DQS-in
tDQSS
0.75
1.25
0.75
1.25
0.75
1.25
tCK
DQS-in setup time
tWPRES
0
0
0
ns
2
DQS-in hold time
tWPRE
0.25
0.25
0.25
tCK
DQS falling edge to CK rising-setup time
tDSS
0.2
0.2
0.2
tCK
DQS falling edge from CK rising-hold time
tDSH
0.2
0.2
0.2
tCK
DQS-in high level width
tDQSH
0.35
0.35
0.35
tCK
DQS-in low level width
tDQSL
0.35
0.35
0.35
tCK
DQS-in cycle time
tDSC
0.9
1.1
0.9
1.1
0.9
1.1
tCK
Address and Control Input setup time(fast)
tIS
0.75
0.9
0.9
ns
6
Address and Control Input hold time(fast)
tIH
0.75
0.9
0.9
ns
6
Address and Control Input setup time(slow)
tIS
0.8
1.0
1.0
ns
6
Address and Control Input hold time(slow)
tIH
0.8
1.0
1.0
ns
6
Data-out high impedence time from CK/ CK
tHZ
-0.7
+0.7
-0.75
+0.75
-0.75
+0.75
ns
Data-out low impedence time from CK/ CK
tLZ
-0.7
+0.7
-0.75
+0.75
-0.75
+0.75
ns
Input Slew Rate(for input only pins)
tSL(I)
0.5
0.5
0.5
V/ns
6
Input Slew Rate(for I/O pins)
tSL(IO)
0.5
0.5
0.5
V/ns
7
Output Slew Rate(x4,x8)
tSL(O)
1.0
4.5
1.0
4.5
1.0
4.5
V/ns
10
Output Slew Rate Matching Ratio(rise to fall)
tSLMR
0.67
1.5
0.67
1.5
0.67
1.5


Similar Part No. - M368L3223CTL-LA2

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M368L3223DTL SAMSUNG-M368L3223DTL Datasheet
82Kb / 12P
   256MB DDR SDRAM MODULE
M368L3223DTL SAMSUNG-M368L3223DTL Datasheet
82Kb / 12P
   256MB DDR SDRAM MODULE
M368L3223DTM-CCC SAMSUNG-M368L3223DTM-CCC Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
M368L3223DTM-CCC/C4 SAMSUNG-M368L3223DTM-CCC/C4 Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
M368L3223DTM-LCC SAMSUNG-M368L3223DTM-LCC Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
More results

Similar Description - M368L3223CTL-LA2

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M368L1713CTL SAMSUNG-M368L1713CTL Datasheet
83Kb / 12P
   128MB DDR SDRAM MODULE (16Mx64 based on 16Mx8 DDR SDRAM) Unbuffered 184pin DIMM 64-bit Non-ECC/Parity
M368L1624DTM SAMSUNG-M368L1624DTM Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
M368L3223ETM-CC5 SAMSUNG-M368L3223ETM-CC5 Datasheet
287Kb / 19P
   184pin Unbuffered Module based on 256Mb E-die 64/72-bit ECC/Non ECC
logo
Sanken electric
M368L1624FTM SANKEN-M368L1624FTM Datasheet
445Kb / 25P
   184pin Unbuffered Module based on 256Mb F-die with 64/72-bit Non-ECC / ECC
logo
Elpida Memory
EBD25UC8AMFA ELPIDA-EBD25UC8AMFA Datasheet
152Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AAFA-6B ELPIDA-EBD25UC8AAFA-6B Datasheet
174Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
EBD25EC8AAFA-6B ELPIDA-EBD25EC8AAFA-6B Datasheet
174Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AAFA ELPIDA-EBD25UC8AAFA Datasheet
176Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
EBD25EC8AJFA ELPIDA-EBD25EC8AJFA Datasheet
197Kb / 19P
   256MB Unbuffered DDR SDRAM DIMM
HB54A2568FM-A75B ELPIDA-HB54A2568FM-A75B Datasheet
190Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com