Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD5V0L7BAS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PESD5V0L7BAS
Description  Low capacitance 7-fold bidirectional ESD protection diode arrays
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD5V0L7BAS Datasheet(HTML) 2 Page - NXP Semiconductors

  PESD5V0L7BAS Datasheet HTML 1Page - NXP Semiconductors PESD5V0L7BAS Datasheet HTML 2Page - NXP Semiconductors PESD5V0L7BAS Datasheet HTML 3Page - NXP Semiconductors PESD5V0L7BAS Datasheet HTML 4Page - NXP Semiconductors PESD5V0L7BAS Datasheet HTML 5Page - NXP Semiconductors PESD5V0L7BAS Datasheet HTML 6Page - NXP Semiconductors PESD5V0L7BAS Datasheet HTML 7Page - NXP Semiconductors PESD5V0L7BAS Datasheet HTML 8Page - NXP Semiconductors PESD5V0L7BAS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
9397 750 13705
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 — 25 November 2004
2 of 14
Philips Semiconductors
PESD5V0L7BAS; PESD5V0L7BS
Low capacitance 7-fold bidirectional ESD protection diode arrays
2.
Pinning information
3.
Ordering information
4.
Marking
Table 3:
Pinning
Pin
Description
Simplified outline
Symbol
TSSOP8
1
cathode 1
2
cathode 2
3
cathode 3
4
cathode 4
5
cathode 5
6
cathode 6
7
cathode 7
8
cathode 8
SO8
1
cathode 1
2
cathode 2
3
cathode 3
4
cathode 4
5
cathode 5
6
cathode 6
7
cathode 7
8
cathode 8
14
85
8
7
6
5
1
2
3
4
sym005
4
5
1
8
8
7
6
5
1
2
3
4
sym005
Table 4:
Ordering information
Type number
Package
Name
Description
Version
PESD5V0L7BAS
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 3 mm
SOT505-1
PESD5V0L7BS
SO8
plastic small outline package; 8 leads;
body width 3.9 mm
SOT96-1
Table 5:
Marking codes
Type number
Marking code
PESD5V0L7BAS
5V0L7B
PESD5V0L7BS
5V0L7BS


Similar Part No. - PESD5V0L7BAS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0L7BAS NXP-PESD5V0L7BAS Datasheet
109Kb / 14P
   Low capacitance 7-fold bidirectional ESD protection diode arrays
Rev. 03-20 August 2009
logo
Nexperia B.V. All right...
PESD5V0L7BAS NEXPERIA-PESD5V0L7BAS Datasheet
166Kb / 15P
   Low capacitance 7-fold bidirectional ESD protection diode arrays
Rev. 4 - 23 June 2010
More results

Similar Description - PESD5V0L7BAS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0L7BAS NXP-PESD5V0L7BAS Datasheet
109Kb / 14P
   Low capacitance 7-fold bidirectional ESD protection diode arrays
Rev. 03-20 August 2009
logo
Nexperia B.V. All right...
PESD5V0L7BAS NEXPERIA-PESD5V0L7BAS Datasheet
166Kb / 15P
   Low capacitance 7-fold bidirectional ESD protection diode arrays
Rev. 4 - 23 June 2010
logo
NXP Semiconductors
PESD5V0L6US PHILIPS-PESD5V0L6US Datasheet
97Kb / 14P
   Low capacitance 6-fold ESD protection diode arrays
Rev. 02-9 November 2004
logo
Pan Jit International I...
PJESD5V6LC-5W PANJIT-PJESD5V6LC-5W Datasheet
206Kb / 4P
   LOW CAPACITANCE 5-FOLD ESD PROTECTION DIODE ARRAYS
logo
NXP Semiconductors
PESD5V0L6UAS NXP-PESD5V0L6UAS Datasheet
109Kb / 14P
   Low capacitance 6-fold ESD protection diode arrays
Rev. 03-18 August 2009
logo
Nexperia B.V. All right...
PESD5V0L6UAS NEXPERIA-PESD5V0L6UAS Datasheet
108Kb / 14P
   Low capacitance 6-fold ESD protection diode arrays
Rev. 03 - 18 August 2009
logo
NXP Semiconductors
PESD3V3L5UY PHILIPS-PESD3V3L5UY Datasheet
87Kb / 11P
   Low capacitance 5-fold ESD protection diode arrays in SOT363 package
2004 Mar 23
PESD5V0L5UV PHILIPS-PESD5V0L5UV Datasheet
85Kb / 11P
   Low capacitance 5-fold ESD protection diode arrays in SOT666 package
2004 Mar 23
PESD5V0U5BF NXP-PESD5V0U5BF Datasheet
90Kb / 12P
   Ultra low capacitance bidirectional fivefold ESD protection arrays
Rev. 01-15 August 2008
PESD5V0U4BF PHILIPS-PESD5V0U4BF Datasheet
90Kb / 12P
   Ultra low capacitance bidirectional quadruple ESD protection arrays
Rev. 01-15 August 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com