Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU7700F27 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJU7700F27
Description  low quiescent current voltage detector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7700F27 Datasheet(HTML) 1 Page - New Japan Radio

  NJU7700F27 Datasheet HTML 1Page - New Japan Radio NJU7700F27 Datasheet HTML 2Page - New Japan Radio NJU7700F27 Datasheet HTML 3Page - New Japan Radio NJU7700F27 Datasheet HTML 4Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NJU7700/01
-1 -
Ver.2003-03-10
VOLTAGE DETECTOR
s GENERAL DESCRIPTION
s PACKAGE OUTLINE
The NJU7700/01 is a low quiescent current voltage detector
featuring high precision detection voltage.
The detection voltage is fixed internally with an accuracy of
1.0%.
NJU7700 is Nch. Open Drain and NJU7701 of output form is a
C-MOS output.
s FEATURES
qHigh Precision Detection Voltage
±1.0%
qLow Quiescent Current
0.8uA typ.
qDetection Voltage Range
1.3~6.0V(0.1V Step)
qOutput Circuit Form
NJU7700: Nch. Open Drain type
NJU7701: C-MOS Output
qPackage Outline
MTP5 (SOT-23-5)
s PIN CONFIGURATION
1
5
2
3
4
s EQUIVALENT CIRCUIT
s DETECTION VOLTAGE RANK LIST
Device Name
VDET
Device Name
VDET
NJU7700/01F13
1.3V
NJU7700/01F28
2.8V
NJU7700/01F21
2.1V
NJU7700/01F42
4.2V
NJU7700/01F22
2.2V
NJU7700/01F43
4.3V
NJU7700/01F23
2.3V
NJU7700/01F45
4.5V
NJU7700/01F27
2.7V
NJU7700/01F06
6.0V
NJU7700/01F
PIN FUNCTION
1.VOUT
2.VDD
3.VSS
4.NC
5.NC
V
O
V
SS
V
DD
VREF
NJU7700
NJU7701
V
O
V
SS
V
DD
VREF


Similar Part No. - NJU7700F27

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU77000 NJRC-NJU77000 Datasheet
290Kb / 8P
   1.5V, 0.29關A, Ultralow Power, Rail-to-Rail Input/Output Single CMOS Operational Amplifier
NJU77001 NJRC-NJU77001 Datasheet
290Kb / 8P
   1.5V, 0.29關A, Ultralow Power, Rail-to-Rail Input/Output Single CMOS Operational Amplifier
More results

Similar Description - NJU7700F27

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC95808 E-CMOS-EC95808 Datasheet
573Kb / 14P
   Ultra-Low Quiescent Current Voltage Detector
logo
Fitipower Integrated Te...
FP6802 FITIPOWER-FP6802 Datasheet
350Kb / 6P
   High-Precision Voltage Detector with Ultra-Low Quiescent Current
logo
Linear Technology
LTC3261 LINER-LTC3261 Datasheet
196Kb / 12P
   High Voltage, Low Quiescent Current
logo
STMicroelectronics
ST1L04 STMICROELECTRONICS-ST1L04 Datasheet
558Kb / 11P
   LOW QUIESCENT CURRENT VOLTAGE REGULATOR
logo
Global Mixed-mode Techn...
G920 GMT-G920 Datasheet
65Kb / 1P
   Low Quiescent Current Voltage Regulator
G921 GMT-G921 Datasheet
62Kb / 1P
   Low Quiescent Current Voltage Regulator
logo
Taiwan Semiconductor Co...
TS3480 TSC-TS3480_08 Datasheet
91Kb / 5P
   Low Quiescent Current LDO Voltage Regulator
logo
National Semiconductor ...
LM9036 NSC-LM9036 Datasheet
167Kb / 7P
   Ultra-Low Quiescent Current Voltage Regulator
logo
Texas Instruments
LM9036 TI-LM9036_15 Datasheet
964Kb / 15P
[Old version datasheet]   Ultra-Low Quiescent Current Voltage Regulator
logo
National Semiconductor ...
LM9036 NSC-LM9036_08 Datasheet
224Kb / 10P
   Ultra-Low Quiescent Current Voltage Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com