Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU7700F42 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJU7700F42
Description  low quiescent current voltage detector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7700F42 Datasheet(HTML) 3 Page - New Japan Radio

  NJU7700F42 Datasheet HTML 1Page - New Japan Radio NJU7700F42 Datasheet HTML 2Page - New Japan Radio NJU7700F42 Datasheet HTML 3Page - New Japan Radio NJU7700F42 Datasheet HTML 4Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NJU7700/01
- 3 -
Ver.2003-03-10
s NJU7701
s ABSOLUTE MAXIMUM RATINGS
(Ta=25
°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VDD
+10
V
Output Voltage
VOUT
VSS-0.3
∼ V
DD+0.3
V
Output Current
IOUT
50
mA
Power Dissipation
PD
200
mW
Operating Temperature
Topr
−40 ∼ +85
°C
Storage Temperature
Tstg
−40 ∼ +125
°C
s ELECTRICAL CHARACTERISTICS (Ta=25
°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Detection Voltage
VDET
-1.0%
+1.0%
V
Hysteresis Voltage
VHYS
VDET
×0.03
VDET
×0.05
VDET
×0.08
V
VDET=1.3V
∼1.7V Version
0.5
1.0
Quiescent Current
ISS
VDD=VDET+1V
VDET=1.8V
∼6.0V Version
0.8
1.6
uA
VDD=1.2V
0.75
2.0
Nch,VDS=0.5V
VDD=2.4V (
≥2.7V Version)
4.5
7.0
VDD=4.8V (
≤3.9V Version)
2.0
3.5
VDD=6.0V
(4.0V
∼5.6V Version)
2.5
4.0
Output Current
IOUT
Pch,VDS=0.5V
VDD=8.4V (
≥5.7V Version)
3.0
5.0
mA
Detection Voltage
Temperature
Coefficient
∆ V
DET /
∆Ta Ta=0 ∼ +85°C
±100
ppm/
°C
Operating Voltage
(*note 1)
VDD
RL=100k
0.8
9
V
*note 1 : The minimum Operating Voltage(VOPL) indicates the same value of the output voltage(VOUT) on
condition that VOUTbecomes 10% or less of the input voltage(VDD).


Similar Part No. - NJU7700F42

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU77000 NJRC-NJU77000 Datasheet
290Kb / 8P
   1.5V, 0.29關A, Ultralow Power, Rail-to-Rail Input/Output Single CMOS Operational Amplifier
NJU77001 NJRC-NJU77001 Datasheet
290Kb / 8P
   1.5V, 0.29關A, Ultralow Power, Rail-to-Rail Input/Output Single CMOS Operational Amplifier
More results

Similar Description - NJU7700F42

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC95808 E-CMOS-EC95808 Datasheet
573Kb / 14P
   Ultra-Low Quiescent Current Voltage Detector
logo
Fitipower Integrated Te...
FP6802 FITIPOWER-FP6802 Datasheet
350Kb / 6P
   High-Precision Voltage Detector with Ultra-Low Quiescent Current
logo
Linear Technology
LTC3261 LINER-LTC3261 Datasheet
196Kb / 12P
   High Voltage, Low Quiescent Current
logo
STMicroelectronics
ST1L04 STMICROELECTRONICS-ST1L04 Datasheet
558Kb / 11P
   LOW QUIESCENT CURRENT VOLTAGE REGULATOR
logo
Global Mixed-mode Techn...
G920 GMT-G920 Datasheet
65Kb / 1P
   Low Quiescent Current Voltage Regulator
G921 GMT-G921 Datasheet
62Kb / 1P
   Low Quiescent Current Voltage Regulator
logo
Taiwan Semiconductor Co...
TS3480 TSC-TS3480_08 Datasheet
91Kb / 5P
   Low Quiescent Current LDO Voltage Regulator
logo
National Semiconductor ...
LM9036 NSC-LM9036 Datasheet
167Kb / 7P
   Ultra-Low Quiescent Current Voltage Regulator
logo
Texas Instruments
LM9036 TI-LM9036_15 Datasheet
964Kb / 15P
[Old version datasheet]   Ultra-Low Quiescent Current Voltage Regulator
logo
National Semiconductor ...
LM9036 NSC-LM9036_08 Datasheet
224Kb / 10P
   Ultra-Low Quiescent Current Voltage Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com