Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL50018QCC Datasheet(PDF) 10 Page - Zarlink Semiconductor Inc

Part # ZL50018QCC
Description  2 K Digital Switch with Enhanced Stratum 3 DPLL
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50018QCC Datasheet(HTML) 10 Page - Zarlink Semiconductor Inc

Back Button ZL50018QCC Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL50018QCC Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL50018QCC Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL50018QCC Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL50018QCC Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL50018QCC Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL50018QCC Datasheet HTML 12Page - Zarlink Semiconductor Inc ZL50018QCC Datasheet HTML 13Page - Zarlink Semiconductor Inc ZL50018QCC Datasheet HTML 14Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 136 page
background image
ZL50018
Data Sheet
10
Zarlink Semiconductor Inc.
Changes Summary
The following table captures the changes from the October 2004 issue.
Page
Item
Change
39, 76, 77
Section 12.1, “DPLL Timing Modes“ on
page 39
RCCR Register bits “FDM1 - 0” on page 76
RCSR Register bits “DPM1 - 0” on page 77
• The on-chip DPLL’s normal, holdover, automatic,
and freerun modes are now collectively referred
to as DPLL timing modes instead of operation
modes. This change is to avoid confusion with
the two main device operating modes; the
master and slave modes.
39, 40
Section 12.1.3.1, “Automatic Reference
Switching Without Preferences“ on page 39
and Section 12.1.3.2, “Automatic
Reference Switching With Preference“ on
page 40
• Section 12.1.3.1 and Section 12.1.3.2 added to
clarify the DPLL’s automatic reference switching
with and without preference operations in
Automatic Timing Mode.
42, 45
Section 12.1.4, “Freerun Mode“ on page
42, and Section 15.4, “Fast Locking Mode“
on page 45
• Added description to specify that the device
should not be in freerun and fast lock modes
simultaneously. This is important in order to
avoid incorrect output frame pulse generation.
72
Table 36, Lock Detector Threshold
Register (LDTR) Bits
• Clarified threshold calculations.
74
Table 39, “Bandwidth Control Register
(BWCR) Bits” Note 3.
• Added a table footnote to specify that the
DPLL’s fastlock and freerun modes should not
be set simultaneously.
75
Table 40, “Reference Change Control
Register (RCCR) Bits” Bits “PRS1 - 0“ and
Bits “PMS2 - 0“
• Added description to clarify that only two
consecutive references can be used in
automatic timing mode with a preferred
reference.
76
Table 40, “Reference Change Control
Register (RCCR) Bits”, Bits “FDM1 - 0“
• Added description to specify the device should
not be in freerun and fast lock modes
simultaneously.


Similar Part No. - ZL50018QCC

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50018QCC ZARLINK-ZL50018QCC Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
More results

Similar Description - ZL50018QCC

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50018 ZARLINK-ZL50018_06 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50019 ZARLINK-ZL50019_06 Datasheet
920Kb / 121P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50019 ZARLINK-ZL50019 Datasheet
866Kb / 115P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50021_0611 ZARLINK-ZL50021_0611 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50021 ZARLINK-ZL50021 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50015 ZARLINK-ZL50015_06 Datasheet
916Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50022 ZARLINK-ZL50022 Datasheet
939Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
ZL50015 ZARLINK-ZL50015 Datasheet
926Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50022 ZARLINK-ZL50022_06 Datasheet
929Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
ZL50020 ZARLINK-ZL50020 Datasheet
682Kb / 83P
   Enhanced 2 K Digital Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com