Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG884BCPZ-REEL Datasheet(PDF) 9 Page - Analog Devices

Part # ADG884BCPZ-REEL
Description  DUAL 2:1 MUX/SPDT AUDIO SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG884BCPZ-REEL Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG884BCPZ-REEL Datasheet HTML 5Page - Analog Devices ADG884BCPZ-REEL Datasheet HTML 6Page - Analog Devices ADG884BCPZ-REEL Datasheet HTML 7Page - Analog Devices ADG884BCPZ-REEL Datasheet HTML 8Page - Analog Devices ADG884BCPZ-REEL Datasheet HTML 9Page - Analog Devices ADG884BCPZ-REEL Datasheet HTML 10Page - Analog Devices ADG884BCPZ-REEL Datasheet HTML 11Page - Analog Devices ADG884BCPZ-REEL Datasheet HTML 12Page - Analog Devices ADG884BCPZ-REEL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADG884
Rev. A | Page 9 of 16
TEMPERATURE
4.0
2.5
3.0
3.5
1.5
2.0
0
0.5
1.0
–0.5
–1.0
010
60
50
40
30
20
80
70
ID, IS (ON)
IS (OFF)
VDD = 3.3V
Figure 10. Leakage Current vs. Temperature, VDD = 3.3 V
VS (V)
600
400
500
300
200
100
0
0
0.5
1.0
1.5
3.5
3.0
2.5
2.0
4.5
4.0
5.0
VDD = 5V
VDD = 4.2V
VDD = 3V
TA = 25°C
Figure 11. Charge Injection vs. Source Voltage
TEMPERATURE (
°C)
50
40
30
20
10
0
–40
–20
0
40
20
60
80
tON
tOFF
VDD = 5V
VDD = 3V
VDD = 5V
VDD = 3V
TA = 25°C
Figure 12. tON/tOFF Times vs. Temperature
FREQUENCY (MHz)
0
–3
–2
–1
–4
–5
–6
–7
–8
0.03
0.10
10.00
1.00
100.00
TA = 25°C
VDD = 5V/4.2V/3V
Figure 13. Bandwidth
FREQUENCY (MHz)
0
–30
–20
–10
–40
–50
–60
–70
–80
10
100
1M
10M
1k
10k
100k
100M
TA = 25°C
VDD = 5V/4.2V/3V
Figure 14. Off Isolation vs. Frequency
FREQUENCY (MHz)
0
–30
–20
–10
–40
–50
–60
–70
–80
10
100
1M
10M
1k
10k
100k
100M
TA = 25°C
VDD = 5V/4.2V/3V
Figure 15. Crosstalk vs. Frequency


Similar Part No. - ADG884BCPZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG884 AD-ADG884 Datasheet
395Kb / 6P
   Tape and Reel Packaging
ADG884 AD-ADG884 Datasheet
395Kb / 6P
   Tape and Reel Packaging
logo
Cirrus Logic
ADG884 CIRRUS-ADG884 Datasheet
339Kb / 10P
   Multiplexing the CS556x/7x/8x Delta-Sigma ADCs
REV1 AUG 2007
logo
Analog Devices
ADG884 AD-ADG884_15 Datasheet
304Kb / 16P
   2:1 MUX/SPDT Audio Switch
REV. D
More results

Similar Description - ADG884BCPZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG884 AD-ADG884_15 Datasheet
304Kb / 16P
   2:1 MUX/SPDT Audio Switch
REV. D
EVAL-ADG884EBZ AD-EVAL-ADG884EBZ Datasheet
304Kb / 16P
   0.5 廓 CMOS, Dual 2:1 MUX/SPDT Audio Switch
REV. D
logo
Pericom Semiconductor C...
PI5A3158B PERICOM-PI5A3158B Datasheet
367Kb / 8P
   Low Voltage Dual SPDT Analog Switch 2:1 Mux/Demux Bus Switch
logo
Analog Devices
ADG749 AD-ADG749_15 Datasheet
299Kb / 12P
   2:1 Mux/SPDT Switch in SC70 Package
REV. C
logo
Pericom Semiconductor C...
PI5A3158 PERICOM-PI5A3158 Datasheet
475Kb / 7P
   SOTINYTM Low Voltage Dual SPDT Analog Switch 2:1 Mux/DeMux Bus Switch
logo
Analog Devices
ADG779 AD-ADG779_15 Datasheet
285Kb / 12P
   SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
ADG849 AD-ADG849_15 Datasheet
348Kb / 12P
   SPDT/2:1 Mux in SC70
REV. 0
logo
Pericom Semiconductor C...
PI5A3157B PERICOM-PI5A3157B Datasheet
415Kb / 9P
   Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157 PERICOM-PI5A3157 Datasheet
135Kb / 8P
   SOTINYTM Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
logo
Analog Devices
ADG787 AD-ADG787_15 Datasheet
421Kb / 16P
   Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com