Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28408 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY28408
Description  Clock Synthesizer with Differential CPU Outputs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28408 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY28408 Datasheet HTML 1Page - Cypress Semiconductor CY28408 Datasheet HTML 2Page - Cypress Semiconductor CY28408 Datasheet HTML 3Page - Cypress Semiconductor CY28408 Datasheet HTML 4Page - Cypress Semiconductor CY28408 Datasheet HTML 5Page - Cypress Semiconductor CY28408 Datasheet HTML 6Page - Cypress Semiconductor CY28408 Datasheet HTML 7Page - Cypress Semiconductor CY28408 Datasheet HTML 8Page - Cypress Semiconductor CY28408 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
CY28408
Document #: 38-07617 Rev. **
Page 4 of 19
19
Acknowledge from slave
19
Acknowledge from slave
27:20
Data byte – 8 bits
20
Repeated start
28
Acknowledge from slave
27:21
Slave address – 7 bits
29
Stop
28
Read
29
Acknowledge from slave
37:30
Data from slave – 8 bits
38
NOT Acknowledge
39
Stop
Byte 0: CPU Clock Register[2]
Bit
@Pup
Name
Description
70
Spread Spectrum Enable, 0 = Spread Off, 1 = Spread On
This is a Read and Write control bit.
60
CPU clock Power-down Mode Select. 0 = Drive CPUT to 4 or 6 IREF and
drive CPUC to low when PD# is asserted LOW. 1 = Three-state all CPU
outputs. This is only applicable when PD# is LOW. It is not applicable to
CPU_STP#.
5
0
3V66_1/VCH
3V66_1/VCH frequency Select, 0 = 66M selected, 1 = 48M selected
This is a Read and Write control bit.
4
Pin 53
CPU_STP#
Reflects the current value of the external CPU_STP#. This bit is Read-only.
3
Pin 34
PCI_STP#
Reflects the current value of the internal PCI_STP# function when read.
Internally PCI_STP# is a logical AND function of the internal SMBus register
bit and the external PCI_STP# pin. This is a Read and Write control bit.
2
Pin 40
SEL2
Frequency Select Bit 2. Reflects the value of SEL2. This bit is Read-only.
1
Pin 55
SEL1
Frequency Select Bit 1. Reflects the value of SEL1. This bit is Read-only.
0
Pin 54
SEL0
Frequency Select Bit 0. Reflects the value of SEL0. This bit is Read-only.
Byte 1: CPU Clock Register
Bit
@Pup
Name
Description
7
Pin 43
MULT0 Value. This bit is Read-only.
60
Controls functionality of CPUT/C outputs when CPU_STP# is asserted. 0
= Drive CPUT to 4 or 6 IREF and drive CPUC to low when CPU_STP# is
asserted LOW. 1 = Tri-state all CPU outputs when CPU_STP# is
asserted.This bit will override Byte0, Bit6 such that even if it is a 0, when
PD# goes low the CPU outputs will be tri-stated.
50
Controls CPU2 functionality when CPU_STP# is asserted LOW
1 = Free Running, 0 = Stopped LOW with CPU_STP# asserted LOW
This is a Read and Write control bit.
40
Controls CPU1 functionality when CPU_STP# is asserted LOW
1 = Free Running, 0 = Stopped LOW with CPU_STP# asserted LOW
This is a Read and Write control bit.
30
Controls CPUT0 functionality when CPU_STP# is asserted LOW
1 = Free Running, 0 = Stopped LOW with CPU_STP# asserted LOW
This is a Read and Write control bit.
2
1
CPUT/C2
CPUT/C2 Output Control
1 = enabled, 0 = three-state CPUT/C2
This is a Read and Write control bit.
Note:
2. PU = Internal Pull-up. PD = Internal Pull-down. T = Tri-level logic input.
Table 4. Byte Read and Byte Write Protocol (continued)
Byte Write Protocol
Byte Read Protocol
Bit
Description
Bit
Description


Similar Part No. - CY28408

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28408 SPECTRALINEAR-CY28408 Datasheet
157Kb / 18P
   Clock Synthesizer with Differential CPU Outputs
CY28408ZC SPECTRALINEAR-CY28408ZC Datasheet
157Kb / 18P
   Clock Synthesizer with Differential CPU Outputs
CY28408ZCT SPECTRALINEAR-CY28408ZCT Datasheet
157Kb / 18P
   Clock Synthesizer with Differential CPU Outputs
More results

Similar Description - CY28408

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28408 SPECTRALINEAR-CY28408 Datasheet
157Kb / 18P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2_05 Datasheet
236Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346-2 SILABS-CY28346-2 Datasheet
169Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346 CYPRESS-CY28346 Datasheet
179Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28346 SPECTRALINEAR-CY28346 Datasheet
220Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346 SILABS-CY28346 Datasheet
200Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2 Datasheet
160Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28346-2 SPECTRALINEAR-CY28346-2 Datasheet
168Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346 CYPRESS-CY28346_05 Datasheet
274Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28405-2 SPECTRALINEAR-CY28405-2 Datasheet
497Kb / 48P
   Clock Synthesizer with Differential SRC and CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com