Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28408ZCT Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY28408ZCT
Description  Clock Synthesizer with Differential CPU Outputs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28408ZCT Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY28408ZCT Datasheet HTML 1Page - Cypress Semiconductor CY28408ZCT Datasheet HTML 2Page - Cypress Semiconductor CY28408ZCT Datasheet HTML 3Page - Cypress Semiconductor CY28408ZCT Datasheet HTML 4Page - Cypress Semiconductor CY28408ZCT Datasheet HTML 5Page - Cypress Semiconductor CY28408ZCT Datasheet HTML 6Page - Cypress Semiconductor CY28408ZCT Datasheet HTML 7Page - Cypress Semiconductor CY28408ZCT Datasheet HTML 8Page - Cypress Semiconductor CY28408ZCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
CY28408
Document #: 38-07617 Rev. **
Page 2 of 19
Pin Description
Pin
Name
PWR
I/O
Description
2XIN
VDD
I
Oscillator buffer input. Connect to a crystal or to an external clock.
3XOUT
VDD
O
Oscillator buffer output. Connect to a crystal. Do not connect when an
external clock is applied at XIN.
52, 51, 49, 48,
45, 44
CPUT(0:2),
CPUC(0:2)
VDD
O
Differential host output clock pairs. See Table 1 for frequencies and
functionality.
10, 12, 16, 17, 18 PCI(0,2)/(3:5)
VDDP
O
PCI clock outputs. Synchronous to the 3V66 clock. See Table 1.
11,13
EPCI/PCI(1,3)
VDD
I/O
PD
Early or normal PCI clock outputs. There is an internal 250k
pull-down resistor. See Table 8.
5, 6, 7
PCIF (0:2)
VDD
O
33-MHz PCI clocks, which are
÷2 copies of 3V66 clocks, may be free running
(not stopped when PCI_STP# is asserted LOW) or may be stoppable
depending on the programming of SMBus register Byte3, Bits (3:5).
56
REF
VDD
O
Buffered output copy of the device’s XIN clock.
42
IREF
VDD
I
Current reference programming input for CPU buffers. A resistor is
connected between this pin and VSSIREF.
28
VTT_PWRGD#
VDD
I
Qualifying input that latches S(0:2) and MULT0. When this input is at
a logic low, the S(0:2) and MULT0 are latched
39
48M_USB
VDD48
O
Fixed 48-MHz USB clock outputs.
38
48M_DOT
VDD48
O
Fixed 48-MHZ DOT clock outputs.
33
3V66_0
VDD
O
3.3V 66-MHz fixed frequency clock.
35
3V66_1/VCH
VDD
O
3.3V clock selectable with SMBus byte0, Bit5, when Byte5, Bit5.
When Byte 0 Bit 5 is at a logic 1, then this pin is a 48M output clock. When
byte0, Bit5 is a logic 0, then this is a 66-MHz output clock (default).
21, 22, 23, 24
3V66(2:5)
VDD
O
3.3V 66-MHz fixed frequency clock.
25
PD#
VDD
I
PU
This pin is a power-down mode pin. A logic LOW level causes the
device to enter a power-down state. All internal logic is turned off except
for the SMBus logic. All output buffers are stopped.
43
MULT0
VDD
I
PU
Programming input selection for CPU clock current multiplier.
0 = 4 * IREF, 1 = 6 * =IREF
55, 54
S(0,1)
VDD
I
Frequency select inputs. See Table 1
29
SDATA
VDD
I/O
PU
Serial data input. Conforms to the SMBus specification of a Slave
Receive/Transmit device. It is an input when receiving data. It is an open
drain output when acknowledging or transmitting data.
30
SCLK
VDD
I
PU
Serial clock input. Conforms to the SMBus specification.
40
S2
VDD
I
T
Frequency select input. See Table 1. This is a tri-level input that is
driven HIGH, LOW, or driven to a intermediate level.
34
PCI_STP#
VDD
I
PU
PCI clock disable input. When asserted LOW, PCI (0:6) clocks are
synchronously disabled in a LOW state. This pin does not effect PCIF
(0:2) clock outputs if they are programmed to be PCIF clocks via the
device’s SMBus interface.
53
CPU_STP#
VDD
I
PU
CPU clock disable input. When asserted LOW, CPUT (0:2) clocks are
synchronously disabled in a HIGH state and CPUC(0:2) clocks are
synchronously disabled in a LOW state.
1, 8, 14, 19, 32,
37, 46, 50
VDD
PWR 3.3V power supply.
4, 9, 15, 20, 27,
31, 36, 47
VSS
PWR Common ground.
41
VSSIREF
PWR Current reference programming input for CPU buffers. A resistor is
connected between this pin and IREF. This pin should also be returned
to device VSS.
26
VDDA
PWR Analog power input. Used for PLL and internal analog circuits. It is also
specifically used to detect and determine when power is at an acceptable
level to enable the device to operate.


Similar Part No. - CY28408ZCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28408ZCT SPECTRALINEAR-CY28408ZCT Datasheet
157Kb / 18P
   Clock Synthesizer with Differential CPU Outputs
More results

Similar Description - CY28408ZCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28408 SPECTRALINEAR-CY28408 Datasheet
157Kb / 18P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2_05 Datasheet
236Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346-2 SILABS-CY28346-2 Datasheet
169Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346 CYPRESS-CY28346 Datasheet
179Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28346 SPECTRALINEAR-CY28346 Datasheet
220Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346 SILABS-CY28346 Datasheet
200Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2 Datasheet
160Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28346-2 SPECTRALINEAR-CY28346-2 Datasheet
168Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346 CYPRESS-CY28346_05 Datasheet
274Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28405-2 SPECTRALINEAR-CY28405-2 Datasheet
497Kb / 48P
   Clock Synthesizer with Differential SRC and CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com