ZETTLER electronics
Telephone +44 (0) 1582 599 600 Fax +44 (0) 1582 599 700
Logistic Design (UK) Limited. Unit 3, Eagle Centre Way, Luton LU4 9US www.zettlerrelay.com sales@zettlerrelay.com
1999-10-27
AZ850
MICROMINIATURE
POLARIZED RELAY
FEATURES
• Microminiature size: Height: .197 inches (5 mm);
Length: .551 inches (14 mm); Width: .354 inches (9 mm)
• High sensitivity, 79 mW pickup
• Monostable and bistable (latching) single coil and two
coil versions available
• Meets FCC Part 68.302 1500 V lightning surge
• DIP terminal layout, fits 10 pin IC socket
• Epoxy sealed for automatic wave soldering and cleaning
• UL file E43203, CSA file 73363
CONTACTS
Arrangement
DPDT (2 Form C)
Bifurcated crossbar contacts
Ratings
Resistive load:
Max. switched power: 30 W or 62.5 VA
Max. switched current: 1 A
Max. switched voltage: 220 VDC or 250 VAC
Max. carry current:
2 A
Rated Load
UL/CSA
1 A at
30 VDC
0.5 A at 125 VAC
Material
Silver palladium; gold clad
Resistance
< 50 milliohms initially
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 108
Electrical
2 x 105 at 1 A, 30 VDC
1 x 105 at 0.5 A, 125VAC
Operate Time (typical)
2 ms at nominal coil voltage
Release Time (typical)
1 ms at nominal coil voltage
(with no coil suppression)
Set Time
2 ms at nominal coil voltage (typical)
(bistable versions)
Reset Time
2 ms at nominal coil voltage (typical)
(bistable versions)
Dropout
Greater than 10% of nominal coil voltage
Capacitance
Contact to contact: 0.4 pF
Contact set to contact set: 0.2 pF
Contact to coil: 0.9 pF
Dielectric Strength
1000 Vrms between contact sets
(at sea level)
1000 Vrms across contacts
1250 Vrms contact to coil
Meets FCC part 68.302 1500 V lightning
surge
Insulation Resistance
1000 megohms min. at 25°C, 500 VDC,
50% RH
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 70°C (158°F)
Storage
-40°C (-40°F) to 105°C (221°F)
Vibration
.130" DA at 10–55 Hz
Shock
50 g
Enclosure
LCP
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
250°C (482°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
1.5 grams
COIL (Polarized)
Power
At Pickup Voltage
Single side stable:
79–142 mW
(typical)
Bistable (latching) single coil: 56–84 mW
Bistable (latching) two coil: 113–169 mW
Max. Continuous
875 mW at 20°C (68°F) ambient
Dissipation
Temperature Rise
18°C (32°F) at nominal coil voltage
Temperature
Max. 105°C (221°F)
NOTES
1. All values at 20°C (68°F).
2. Relay has fixed coil polarity.
3. Relay may pull in with less than “Must Operate” value.
4. Relay adjustment may be affected if undue pressure is exerted
on relay case.
5. For complete isolation between the relay’s magnetic fields, it is
recommended that a .197" (5.0 mm) space be provided between
adjacent relays.
6. Specifications subject to change without notice.