Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1041V33-15ZC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1041V33-15ZC
Description  256K x 16 Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1041V33-15ZC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1041V33-15ZC Datasheet HTML 1Page - Cypress Semiconductor CY7C1041V33-15ZC Datasheet HTML 2Page - Cypress Semiconductor CY7C1041V33-15ZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1041V33-15ZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1041V33-15ZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1041V33-15ZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1041V33-15ZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1041V33-15ZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1041V33-15ZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CY7C1041V33
3
Electrical Characteristics Over the Operating Range (continued)
Test Conditions
1041V33-17 1041V33-20
1041V33-25
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
0.4
0.4
0.4
V
VIH
Input HIGH Voltage
2.2
VCC +
0.5
2.2
VCC +
0.5
2.2
VCC +
0.5
V
VIL
Input LOW Voltage[1]
–0.5
0.8
–0.5
0.8
–0.5
0.8
V
IIX
Input Load Current
GND < VI < VCC
–1+1
–1+1
–1+1
µA
IOZ
Output Leakage
Current
GND < VOUT < VCC,
Output Disabled
–1+1
–1+1
–1+1
µA
ICC
VCC Operating
Supply Current
VCC = Max.,
f = fMAX = 1/tRC
160
150
130
mA
ISB1
Automatic CE
Power-Down Current
—TTL Inputs
Max. VCC, CE > VIH
VIN > VIH or
VIN < VIL, f = fMAX
40
40
40
mA
ISB2
Automatic CE
Power-Down Current
—CMOS Inputs
Max. VCC,
CE > VCC – 0.3V,
VIN > VCC – 0.3V,
or VIN < 0.3V, f=0
Com’l/Ind’l8
8
8
mA
Com’l
L
0.5
0.5
0.5
mA
Capacitance[3]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz, VCC = 3.3V
8
pF
COUT
I/O Capacitance
8
pF
Note:
3.
Tested initially and after any design or process changes that may affect these parameters.
AC Test Loads and Waveforms
1041V33–3
1041V33–4
90%
10%
3.3V
GND
90%
10%
ALL INPUT PULSES
3.3V
OUTPUT
30 pF
INCLUDING
JIG AND
SCOPE
OUTPUT
(a)
(b)
≤ 3 ns
≤ 3ns
R1 317
167
R2
351
VENIN EQUIVALENT
THÉ
1.73V


Similar Part No. - CY7C1041V33-15ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041 CYPRESS-CY7C1041 Datasheet
182Kb / 10P
   256K x 16 Static RAM
CY7C1041-15VC CYPRESS-CY7C1041-15VC Datasheet
182Kb / 10P
   256K x 16 Static RAM
CY7C1041-15VI CYPRESS-CY7C1041-15VI Datasheet
182Kb / 10P
   256K x 16 Static RAM
CY7C1041-15ZC CYPRESS-CY7C1041-15ZC Datasheet
182Kb / 10P
   256K x 16 Static RAM
CY7C1041-15ZI CYPRESS-CY7C1041-15ZI Datasheet
182Kb / 10P
   256K x 16 Static RAM
More results

Similar Description - CY7C1041V33-15ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041BV33 CYPRESS-CY7C1041BV33 Datasheet
187Kb / 11P
   256K x 16 Static RAM
CY7C1041 CYPRESS-CY7C1041 Datasheet
182Kb / 10P
   256K x 16 Static RAM
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
   256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18_02 Datasheet
300Kb / 11P
   256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33 Datasheet
414Kb / 8P
   256K x 16 Static RAM
CY7C1041BN CYPRESS-CY7C1041BN Datasheet
483Kb / 10P
   256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33_09 Datasheet
405Kb / 8P
   256K x 16 Static RAM
CY62147CV33 CYPRESS-CY62147CV33 Datasheet
301Kb / 14P
   256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18 Datasheet
272Kb / 12P
   256K x 16 Static RAM
CY7C1041CV33 CYPRESS-CY7C1041CV33 Datasheet
226Kb / 11P
   256K x 16 Static RAM
logo
Weida Semiconductor, In...
WCFS4016V1C WEIDA-WCFS4016V1C Datasheet
219Kb / 9P
   256K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com