Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC811-23CVBG Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC811-23CVBG
Description  Reset Circuits with Manual Reset Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC811-23CVBG Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC811-23CVBG Datasheet HTML 1Page - Analog Intergrations Corporation AIC811-23CVBG Datasheet HTML 2Page - Analog Intergrations Corporation AIC811-23CVBG Datasheet HTML 3Page - Analog Intergrations Corporation AIC811-23CVBG Datasheet HTML 4Page - Analog Intergrations Corporation AIC811-23CVBG Datasheet HTML 5Page - Analog Intergrations Corporation AIC811-23CVBG Datasheet HTML 6Page - Analog Intergrations Corporation AIC811-23CVBG Datasheet HTML 7Page - Analog Intergrations Corporation AIC811-23CVBG Datasheet HTML 8Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AIC811/AIC812
ORDERING INFORMATION
3
2
1
4
5
AIC811-XXXXXX
AIC812-XXXXXX
(Additional voltage versions with a unit of 0.1V within the voltage range from 1.5V to 5.5V for this
product line may be available on demand with prior consultation with AIC.)
Example: AIC811-31CVTR
3.1V version, in SOT-23-5 Package & Tape & Reel Packing Type
AIC811-31PVTR
3.1V version, in Lead Free SOT-23-5 Package & Tape & Reel Packing Type
PIN CONFIGURATION
SOT-23-5
TOP VIEW
1: GND
2: NC
3: RESET (RESET)
4: MR
5: VCC
PACKING TYPE
TR: TAPE & REEL
BG: BAG
PACKAGE TYPE
V: SOT-23-5
C: COMMERCIAL
P: LEAD FREE COMMERCIAL
RESET THRESHOLD VOLTAGE
23: 2.3V
26: 2.6V
29: 2.9V
31: 3.1V
40: 4.0V
44: 4.4V
46: 4.6V
SOT-23-5 Marking
Part No.
Marking
Part No.
Marking
AIC811-23CV
BQ23
AIC812-23CV
BR23
AIC811-26CV
BQ26
AIC812-26CV
BR26
AIC811-29CV
BQ29
AIC812-29CV
BR29
AIC811-31CV
BQ31
AIC812-31CV
BR31
AIC811-40CV
BQ40
AIC812-40CV
BR40
AIC811-44CV
BQ44
AIC812-44CV
BR44
AIC811-46CV
BQ46
AIC812-46CV
BR46
2


Similar Part No. - AIC811-23CVBG

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC810 AIC-AIC810 Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AIC810-23CUBG AIC-AIC810-23CUBG Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AIC810-23CUTR AIC-AIC810-23CUTR Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AIC810-23PUBG AIC-AIC810-23PUBG Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AIC810-23PUTR AIC-AIC810-23PUTR Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
More results

Similar Description - AIC811-23CVBG

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS811 SSC-SS811 Datasheet
320Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Sangdest Microelectroni...
SSR811 SMC-SSR811 Datasheet
277Kb / 10P
   Reset Circuits with Manual Reset Input
logo
Texas Instruments
TPS386596 TI1-TPS386596 Datasheet
803Kb / 14P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
TPS386596L33 TI-TPS386596L33 Datasheet
477Kb / 12P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
logo
Maxim Integrated Produc...
MAX6711L MAXIM-MAX6711L Datasheet
145Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
MAX6711L MAXIM-MAX6711L_05 Datasheet
279Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 1; 12/05
MAX6711T MAXIM-MAX6711T Datasheet
153Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
logo
EM Microelectronic - MA...
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
   Reset Circuit with Manual Reset
logo
Union Semiconductor, In...
UM807 UNIONSEMI-UM807 Datasheet
414Kb / 17P
   Reset Circuits with Long Manual Reset Setup Period
logo
Analog Microelectronics
AME8570M AME-AME8570M Datasheet
596Kb / 25P
   Manual Reset Input Option
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com