Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC811-23CVBG Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # AIC811-23CVBG
Description  Reset Circuits with Manual Reset Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC811-23CVBG Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  AIC811-23CVBG Datasheet HTML 1Page - Analog Intergrations Corporation AIC811-23CVBG Datasheet HTML 2Page - Analog Intergrations Corporation AIC811-23CVBG Datasheet HTML 3Page - Analog Intergrations Corporation AIC811-23CVBG Datasheet HTML 4Page - Analog Intergrations Corporation AIC811-23CVBG Datasheet HTML 5Page - Analog Intergrations Corporation AIC811-23CVBG Datasheet HTML 6Page - Analog Intergrations Corporation AIC811-23CVBG Datasheet HTML 7Page - Analog Intergrations Corporation AIC811-23CVBG Datasheet HTML 8Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AIC811/AIC812
Part No.
Marking
Part No.
Marking
AIC811-23PV
BQ23P
AIC812-23PV
BR23P
AIC811-26PV
BQ26P
AIC812-26PV
BR26P
AIC811-29PV
BQ29P
AIC812-29PV
BR29P
AIC811-31PV
BQ31P
AIC812-31PV
BR31P
AIC811-40PV
BQ40P
AIC812-40PV
BR40P
AIC811-44PV
BQ44P
AIC812-44PV
BR44P
AIC811-46PV
BQ46P
AIC812-46PV
BR46P
ABSOLUTE MAXIMUM RATINGS
VCC
-0.3V ~6.5V
RESET, RESET
-0.3V ~ (VCC+0.3V)
Input Current (VCC,MR )
20mA
Output Current (RESET or RESET )
20mA
Continuous Power Dissipation (TA = +70°C)
320mW
Operating Junction Temperature Range
-40
°C ~ 85°C
Junction Temperature
125
°C
Storage Temperature Range
- 65
°C ~ 150°C
Lead Temperature (Soldering) 10 sec
260
°C
Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
TEST CIRCUIT
VCC
5
GND
1
NC
2
RESET
3
MR
4
AIC811
Vin
Iin
Pushbuttom
Switch
3


Similar Part No. - AIC811-23CVBG

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC810 AIC-AIC810 Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AIC810-23CUBG AIC-AIC810-23CUBG Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AIC810-23CUTR AIC-AIC810-23CUTR Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AIC810-23PUBG AIC-AIC810-23PUBG Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AIC810-23PUTR AIC-AIC810-23PUTR Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
More results

Similar Description - AIC811-23CVBG

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS811 SSC-SS811 Datasheet
320Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Sangdest Microelectroni...
SSR811 SMC-SSR811 Datasheet
277Kb / 10P
   Reset Circuits with Manual Reset Input
logo
Texas Instruments
TPS386596 TI1-TPS386596 Datasheet
803Kb / 14P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
TPS386596L33 TI-TPS386596L33 Datasheet
477Kb / 12P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
logo
Maxim Integrated Produc...
MAX6711L MAXIM-MAX6711L Datasheet
145Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
MAX6711L MAXIM-MAX6711L_05 Datasheet
279Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 1; 12/05
MAX6711T MAXIM-MAX6711T Datasheet
153Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
logo
EM Microelectronic - MA...
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
   Reset Circuit with Manual Reset
logo
Union Semiconductor, In...
UM807 UNIONSEMI-UM807 Datasheet
414Kb / 17P
   Reset Circuits with Long Manual Reset Setup Period
logo
Analog Microelectronics
AME8570M AME-AME8570M Datasheet
596Kb / 25P
   Manual Reset Input Option
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com